Part Number Hot Search : 
BAV20 SBP830 2SD794 AN802 KBL410 LET9002 133BG FR24N
Product Description
Full Text Search
 

To Download SSAA110600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Slide Switch
2mm-travel Type
SSAA Series
A horizontal type slide switch with 2mm-travel.
Typical Specifications
Items Rating max. min. Resistive load Contact resistance Initial performance/After lifetime Operating force
2.5 1.5N
Detector Specifications Push
0.1A 30V DC/50BA 3V DC 25m max./65m max.
Slide Rotary Encoders Power
2-positions
3-positions b a, c 3 1.5N a, c b 2 1.5N
Without load Operating life With load
10,000cycles 10,000cycles 0.1A 30V DC
Dual-in-line Package Type
Product Line
Travel Actuator With/Without Actuator Mounting Changeover Minimum order Poles Positions Soldering mm direction a cover lengthn mm method timing unit pcs.
4 2 8 1 4 3 8 With 4 2 Horizontal 8 2 4 3 8 1 Without 4 2 2 SSAA120300 6 Not specified SSAA120600 SSAA110100 5 SSAA120700 4 2 Press-in Non shorting Manual, Dip SSAA120400 8,000 SSAA120200 3 Not specified SSAA110600 2 SSAA110500 Non shorting
TACT SwitchTM Product No.
SSAA110300 1 SSAA110200
Drawing No.
CustomProducts
Small size General Use type Big size General Use type Other Use type
Notes
1. Products other than those listed in the above chart are also available. Please contact us for details. 2. Please contact us for automotive use products. 3. Please place purchase orders per minimum order unit(integer).
147
Slide Switch
2mm-travel Type
SSAA Series
Dimensions
Cover Integrated Type No. Detector Push Slide Rotary Encoders
Terminal No. 1 PC board mounting face 2.5
Unit:mm
Style PC board mounting hole dimensions Viewed from the direction A
1-pole, 2-positions
10.4 8 Travel 2 4 or 8 1.4
0.6
6
2-o1.5 holes 3
5
1
0.5 22 10
3
5
1.25
2.7
3
2
2 10
3-o0.7 holes
0.35 1.25
Power Dual-in-line Package Type TACT Switch
TM
A
1-pole, 3-positions
12.4 12 Travel ab c 22 2.5 5 3 5 4 or 8 1.4 0.6 6
2-o1.5 holes
CustomProducts
PC board mounting face
1.25
2
4-o0.7 holes 2 2 12 4
2.7 22 12 0.5 4
3 3
Terminal No. 1
0.35 1.25
A
Small size General Use type Big size General Use type Other Use type 3
2-poles, 2-positions
10.4 8 2 PC board mounting face 5 2.5 3 4 or 8 Travel 1.4 0.6
2-o1.5 holes 2.5
6
2 2
2.7
3
5
10
6-o0.7 holes
0.5 Terminal No. 1 22 10 0.35 2.5
A
2-poles, 3-positions
12.4 12 Travel abc 22 2.5 3 4 or 8 1.4 0.6 2 2-o1.5 holes 5 2.5 2 4 6
PC board mounting face
3
4
5
3
2.7
8-o0.7 holes 3 12 0.35 2.5
Terminal No. 1
22 12
0.5 4
A
148
Slide Switch
2mm-travel Type
SSAA Series
Dimensions
Without Cover Type No. 1-pole, 2-positions
Travel 10.4 2 2.5 PC board mounting face
4 6
Unit:mm
Style PC board mounting hole dimensions Viewed from the direction A Detector
2-o1.5 holes
Push
3-o0.7 holes
Slide
3 5
3
5
0.5 2 Terminal No.1 A 2 10
2.7
Rotary
3
0.35
1.25
2
1.25
2
Encoders Power Dual-in-line Package Type
10
2-poles, 2-positions
Travel 10.4 2 2.5 PC board mounting face
4 6
2-o1.5 holes 6-o0.7 holes
TACT SwitchTM CustomProducts
6
0.5 2 Terminal No.1 A 2 10
2.7
3
3
5
3
0.35
2
2.5
2
10
2.5
Small size General Use type
Circuit Diagram Viewed from Direction A
1-pole, 2-positions 1-pole, 3-positions 2-poles, 2-positions c
1 2 3
Big size General Use type 2-poles, 3-positions c
1 23 4
Other Use type
1
2
3
1
2
3
4
c
c
4
5
6
c
5
67
8
c
Actuator Configuration
Unit:mm
Shape of Frame Leg
2R 0. 25
1.7
Unit:mm
90
0.05 0.6 0.6 0.6 0.6
0.05
R 0.
5
1 1.5
2.7
149
Slide Switches
List of Varieties
Series SSAG SSAH SSAD SSSS8 SSSS7 SSSS2 SSSS9 SSSF SSSU SSSB SSST SSAA SSAC SSAB
Photo
Detector Push
Travel mm Outline Actuator specificat direction ions Number of poles W Dimensions mm D H Operating temperature range Rating max. min. Resistive load Electrical performance Mechanical performance Durability Environmental performance Soldering
1.15 9.05
1.5 Horizontal 1 9.5 3 0.9 to 60 6.7 3.2 0.7 11.2 2.6 1.4
1.5 2 Vertical Horizontal Horizontal 1 2 8.8 3 3.5 2 13
2 Vertical Horizontal 1 2 4 14 4.7 5 16.5 7 8.5
3
4 Vertical 2 4 1 13 4.3 3.5
2
1.5
1.9 2 Vertical Horizontal 1 9 4.2 8.5
Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM
Horizontal 1 2 12.4 6 5 2 9.5 5.5 5.2
24.5
29 9 12 to 60
-10 10mA 5V DC
-40 to 85 0.3A 4V DC 0.3A 6V DC 0.1A 12V DC
-10 0.1A 30V DC
1mA 5V DC
0.3A 30V DC 0.1A 12V DC 0.1A 30V DC 1mA 5V DC 0.1A 12V DC
50BA 3V DC 30m max. 25m max. 20m max. 70m max. 25m 100m max. max. 30m max.
CustomProducts
Initial contact 100m 200m max. 70m max. resistance max. Insulation 100M min. 100V DC resistance Voltage 100V AC for 1minute proof Robustness 3N for 1minute of terminal Operating 10N 20N Robustness direction 10N 5N 10N of actuator Pulling Static force direction Operating life without load 10,000cycles 10,000cycles 10,000cycles 100m max. 2 Operating life without 500m max. 300m max. 10,000cycles 200m max. 10,000cycles 130m max. 2 load Load:as rating Cold Dry heat Damp heat Manual soldering Dip soldering Reflow soldering 1-2 1-3 Poles-positions Page 1-4 2-2 2-3 2-4 4-2
112 115 117 119 123 126 40 350 5 3s max. 300 5 5s max. 2 -40 2 for 96h
100M
min. 500V DC
500V AC for 1minute 5N for 1minute 30N 10N 10,000cycles 60m max. 10,000cycles 80m max. -20 85 2 30N Static force 10,000cycles 45m max. 10,000cycles 65m max. 2 for 96h 50N 3N for 1minute 20N 10N 10N
100M min. 100M min. 100V DC 500V DC 500V AC 100V AC for for 1minute 1minute 5N for 1minute 30N 5N 40N 1,000cycles 60m max. 10,000cycles 80m max.
Small size General Use type Big size General Use type Other Use type
10,000cycles 10,000cycles 10,000cycles 40m max. 100m max. 45m max. 10,000cycles 5,000cycles 10,000cycles 10,000cycles 200m max. 60m max. 130m max. 65m max.
for 96h
, 90 to 95%RH for 96h 350 10 3 1s 0 260 10 5 1s 350 10 3s max. 260 5 0 5-1s 300 10 3 10s 260 10 10 1s 300 10 260 10 5 1s 350 10 3 10s 260 5 10 1s
260 5 350 10 300 10 350 10 3s max. 4s max. 5s max. 5s max. 260 5 260 5 0 5-1s 3 1s
Please see P.154
130
135
139
143
146
147
150
152
Note
The operating temperature range for automotive applications can be raised upon request. Please contact us for requirements of this kind.
111


▲Up To Search▲   

 
Price & Availability of SSAA110600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X