Part Number Hot Search : 
AZ2280 HP6N1 CAT523WI C1315 57X00 W9412G6 SO445420 91000
Product Description
Full Text Search
 

To Download SS2050FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS2020FL THRU SS20100FL
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts Forward Current - 2.0 Ampere
FEATURES
Plastic package has Underwriters Laboratory Flammability classification 94V-0 Utilizing Fame Retardant Epoxy Molding Compound For surface mount applications Low leakage current.
SOD-123FL
Cathode Band Top View 0.1
1.9
2.8 0.15
0.1 0.10-0.30
MECHANICAL DATA
Case: SOD-123FL, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.017 grams
1.4
0.6
0.25
3.7
0.2
Dimensions in inches and (millimeters)
Maximum Ratings
@TA=25C unless otherwise specified
Characteristics Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Continuous Reverse Voltage Maximum Instantaneous @TA=25 C Maximum Average Forward (Fig.1) Peak Forward Surge Current
8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method)
Symbol VRRM VRMS VR
1.0
0.2
SS2020FL SS2030FL SS2040FL SS2050FL SS2060FL SS2080FL SS20100FL
Unit V V V V A A
20 14 20
30 21 30 0.5
40 28 40
50 35 50 0.7 2.0 50 0.5
60 42 60
80 56 80
100 70 100 0.85
VF
IO
IFSM
Maximum DC Reverse Current @TA=25C At Rated DC Blocking Voltage @TA=125C Typical Thermal Resistance Typical Junction Capacitance Operating Temperature Range Storage Temperature Range
IR
RJA CJ TJ TSTG
10 85(TYP) 160(TYP) -55 to+125 -55 to+150 -55 to+150
mA C/W pF C C
SS2020FL THRU SS20100FL
RATINGS AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT,(A)
2.4
50
INSTANTANEOUS FORWARD CURRENT,(A)
0F -S FL 20
-S S2 0 60 FL
SS 20
2.0 1.6
20 SS
SS
20
SS
SS 20
0.4 0 0 20 40 60 80 100 120
1.0
140
160
180
200
AMBIENT TEMPERATURE,(C)
FIG.1 Typical Forward Current Derating Curve
0.1
Tj=25C Pulse Width 300us 1% Duty Cycle
PEAK FORWARD SURGE CURRENT,(A)
50 40 30 20 10 0 Tj=25C
.01
.1
.3
.5
.7
.9
80
FL
-S S2 0
50
0.8
3.0
FL
1.1
10
0F
L
1.2
10
S2
04
L
20 20 -SS 20 40
50 20 -SS FL 10
FL
8.3ms Single Half Sine Wave JEDEC method
L 0F
1.3
1.5
FORWARD VOLTAGE,(V)
FIG.2 Typical Forward Characteristics
1
5
10
50
100
FIG.3 Maximum Non-Repetitive Forward Surge Current
NUMBER OF CYCLES AT 60Hz
100
10
700
REVERSE LEAKAGE CURRENT, (mA)
JUNCTION CAPACITANCE,(pF)
600 500 400 300 200 100 0
1.0
Tj=75C
.1
Tj=25C
.01
.01 .05 .1 .5 1 5 10 50 100
0
20
40
60
80
100
120
140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.4 Typical Junction Capacitance
FIG.5 Typcial Reverse Characteristics


▲Up To Search▲   

 
Price & Availability of SS2050FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X