Part Number Hot Search : 
FM24CL 83361 030BA9C ON2731 00010 S001M20 S001M20 6042233
Product Description
Full Text Search
 

To Download SDA803A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SDA803A thru SDA803D
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
HIGH RELIABILITY 20 AMP, 50 - 300 VOLTS
ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
Designer's Data Sheet
Part Number/Ordering Information 1/ SDA803 __ __
Screening 2/ __ = Not Screened TX = TX Level TXV = TXV S = S Level Peak Inverse Voltage (per leg) A = 50V B = 100V C = 200V D = 300V
FEATURES: * Ultra Fast Reverse Recovery Time 50 ns Max * Average Output Current 20 Amps @ 55OC * Max. Thermal Resistance 4.0OC/Watt * Aluminum Case Provides Maximum Thermal Conductivity * Hermetically Sealed Diode Cells * Turret Terminals * Available in Standard, Fast, and Hyper Fast Versions * TX, TXV, and S-Level Screening Available
ELECTRICAL CHARACTERISTICS 3/
Part Number Peak Inverse Voltage (per leg) Sine Wave Reverse4/ RMS Recovery Input Time Voltage Max. Average DC Output Current TC=Case Temp Average DC Output Current TA= Ambient Temp (no heat sink) Peak Forward Surge Current (1 Cycle) Peak Repetitive Forward Current Maximum Forward Voltage (per leg) @ 6 ADC Maximum Reverse Current (per leg) @ PIV
Symbol Units Conditions SDA803A SDA803B SDA803C SDA803D
PIV Volts 50 100 200 300
Vr Volts 43.7 87.5 175 262
Trr ns Max 50 50 50 50
IF (AV) Amps 55oC 100oC 20 20 20 20 14 14 14 14
IF (AV) Amps 55oC 100oC 6.0 6.0 6.0 6.0 3.4 3.4 3.4 3.4
IFSM Amps 125 125 125 125
IFRM Amps 60 60 60 60
VF Volts 25oC 0.95 0.95 0.95 0.95 5 5 5 5
IR A 100oC 200 200 200 200
SDA803A thru SDA803D: NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Unless Otherwise Specified, All Electrical Characteristics @25C. 4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0040A
DOC


▲Up To Search▲   

 
Price & Availability of SDA803A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X