Part Number Hot Search : 
MS6333GU APA48 68HC11 SY10EL51 RB215T P521G FM107 SM5117
Product Description
Full Text Search
 

To Download SC91710A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SC91710A/B
T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
DESCRIPTION
The SC91710A/B are Tone/Pulse switchable dialer which are fabricated in COMS technology with wide operating voltage for both tone and pulse mode, and consumes very low memory retention current in ON-HOOK state.
FEATURES
* Tone/Pulse switchable dialer * One 32-digit last number redial memory * Pulse-to-tone (PT) is provided for PBX operation * Flash key is available * Minimum tone duration is 98ms or 83ms * Minimum intertone pause is 98ms or 83ms * Redial Pause time (0ms) * Uses 3.579549MHz crystal or ceramic resonator * Many options can be selected Mode (10PPS; 20PPS; Tone) M/B ratio (40:60;33:66) Pause time (3.6s) * Flash function (RESET) (PT) pause time (3.6s) Flash time (600ms; 300ms; 100ms; or 80ms) * Power on reset circuit is provided * Handfree function is provided for speaker phone application * Packaged in 16-DIP or 18-DIP
ORDERING INFORMATION
Device SC91710A Package DIP-16-300-2.54
SC91710AS SOP-16-225-1.27 SC91710B DIP-18-300-2.54
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 1 of 18
SC91710A/B
BLOCK DIAGRAM
Kernel Control CKT.
KEYBOARD ASSIGNMENT
C1 R1 R2 R3 R4 1 4 7 * C2 2 5 8 0 C3 3 6 9 # C4 PT F P RD 1) PT: In pulse mode, execute PT function. 2) P: Pause key. 3) F: Flash key 4) RD: Redial key
DIALING SIGNAL OPTION
A: Flash time
Row3 Row4
B: Flash time(ms) 600 300 100 80
Row1 Row2
LNB memory
MODE TONE TONE PULSE PULSE PULSE PULSE
PULSE RATE --20PPS 20PPS 10PPS 10PPS
M/B --40:60 33:66 40:60 33:66
NR NR R R
NR R NR R
R R NR NR UR UR
NR R NR R NR R
C: Tone function
Col1
Tone Duration 98ms 83ms
Inter-Tone Pause 98ms 83ms
NR R
Note: NR: no resistance R: A resistance connect to VSS (820k typically) UR: A resistance connect to VDD
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 2 of 18
SC91710A/B
ABSOLUTE MAXIMUM RATING(Tamb=25C, All voltage referenced to VSS, unless otherwise specified)
Characteristics Power Supply Voltage Input Voltage Power Dissipation Operating Temperature Storage Temperature Symbol VDD VIN PD Topr Tstg Ratings 6.0 -0.3~VDD+0.3 500 -25~+70 -55~+150 Unit V V mW C C
ELECTRICAL CHARACTERISTICS(Tamb=25C, VDD=2.5V, fosc=3.579545MHz, unless otherwise specified)
Characteristics DC Characteristics Tone Operating Voltage VDD Pulse Memory retention Operating Current Standby Current Memory Retention Current Control Pin Input Low Voltage Control Pin Input High Voltage
XMUTE Pin Leakage Current
Symbol
Conditions
Min. 2.5 2.0 1.0 ----VSS 0.7VDD -0.2 -4 200 --0.5 0.5 0.1 0.5 -----
Typ. --0.6 0.2 0.1 0.1
Max. 5.5 5.5 5.5 2 0.5 1 0.2 0.3VDD VDD
Unit
V
IOP IS Imr Vil Vih Imth Imtl Ihks Ikbd Ikbs tDB Rhfi Ihdoh Ihdol Ipoh Ipol fpr tM tB
Tone Pulse entry
OFF-HOOK, Keypad entry
mA A A V A mA A A ms k mA mA A mA pps % ms
ON-HOOK No keypad ON-HOOK VDD=1.0V --V XMUTE =6.0V V XMUTE =0.5V Vhks=2.5V Vn=0V note1 Vn=2.5 note1 -VDD=2.5 Vhfo=2.0V Vhfo=2.5V Vpo=2.5V Vpo=0.5V
-0.5 -10 400 20 200 ----10 20 40:60 33:66 40 33
1 -0.1 30 800 -------------
XMUTE Pin Sink Current
HKS Pin Input Current
Keyboard Scanning Pin
Drive Current Sink Current
Key-in Debounce Time HFI pin input resistor HFO pin drive current HFO pin sink current Pulse Mode Pulse Output Pin Leakage Current Pulse Output Pin Sink Current Pulse Rate Make/Break Ratio Pre-digit Pause
tPDP
M/B ratio=40:60 M/B ratio=33:66
---
(To be continued)
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 3 of 18
SC91710A/B
(Continued)
Characteristics Inter-digit Pause Tone Mode DC Level Tone Sink Current Load Resistor DTMF Signal Pre-emphasis Distortion(note 2) Output Pin AC level
Symbol tIDP
Conditions Pulse rate=10pps Pulse rate=20pps VDD=2.0V~5.5V Vdtmf=0.5V Row group RL=10K Dist. -23dB VDD=2.0~5.5 V, Column-Row group RL=10K Auto redial Auto redial
Min. --0.5VDD 0.2 130 10 1 ----
Typ. 800 500 --155 -2 -30 98/83 98/83
Max. --0.7VDD -170 -3 -23 ---
Unit ms
Vdc Itl Vdtmf RI twist Dist. tTD tITP
V mA mVrms K dB dB ms ms
Minimum tone duration Time Minimum Intertone Pause Time
Note: 1. Vn: Input voltage of any keyboard scanning pin (Row group, Column group) 2 Distortion (dB) = 20log{[V12+V22+V32+... Vn2)1/2]/[(VL2+VH2)1/2]} VL,VH: Row group and Column group signal , V1 V2... Vn: Harmonic signal (BW = 300Hz~3500Hz)
ACTUAL FREQUENCY OUTPUT (fosc=3.579545MHz)
Keyboard Scanning Pin R1 R2 R3 R4 C1 C2 C3 f1 f2 f3 f4 f5 f6 f7 Standard(Hz) 697 770 852 941 1209 1336 1477 Output 699 766 848 948 1216 1332 1472 Deviation(%) +0.28 -0.52 -0.47 +0.74 +0.57 -0.30 -0.34
PIN CONFIGURATION
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 4 of 18
SC91710A/B
PIN DESCRIPTION
Pin No. SC91710A/AS 4 SC91710B 4 Pin Name Description * Provides keyboard scanning.
C1
HIGH"state and * HKS pin is LOW, the column group stays in " row group stays in " LOW"state. * The keypad is compatible with the standard dual contact matrix
1
1
C2
keyboard (as figure1b), the inexpensive single contact keyboard (as figure 1a), and electronic input (as figure 1c). * When HKS is " LOW" a valid key entry is defined by related Row , & Column connection or by electronic input (as shown in figure 1c). * Activation of two or more keys will result in no response, except for single key. * To avoid keyboard-bouncing error, this chip provides built-in
2
2
C3
3
3
C4
14
16
R1
debounce circuit. (The debounce time = 20ms)
Row Column Row Column Figure1a: Single contact form keyboard configuration Figure1b: Dual contact form keyboard configuration VDD VSS Column VDD VSS Figure1c: Electronic signal input keyboard configuration
15
17
R2
16
18
R3
Row
13
15
R4
* Oscillator input & output pins. 5 5 OSCI * The 3.579545MHz oscillator is formed by a built-in inverter inside of this chip and by connecting a 3.579545MHz crystal or a ceramic resonator across the OSCI and OSCO pins. (built-in 6 6 OSCO feedback resistor and capacitor) * When HKS is " LOW" a valid key-in may turn on this oscillator , and generates a 3.579545 MHz clock. * Mute output pins. * NMOS open drain output structure. 7 7
XMUTE
* The output is in " LOW"state during dialing sequence (both Pulse and Tone mode) otherwise this pin is " high-impedance" . * Long (continue) Mute.
8 9
8 11
VSS VDD
* Negative power supply pin. * Positive power supply pin.
(To be continued)
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 5 of 18
SC91710A/B
(Continued)
Pin No. SC91710A SC91710B
Pin Name * Hook switch input pin.
Description
* When the handset is in ON-HOOK state, this pin must be pulled 10 12
HKS
" high"in order to disable the dialing operation and decrease the power consumption. * When in OFF-HOOK state, the HKS pin must be pulled " low"state for all function operation. * Pulse output signal pin. * NMOS open drain output structure. * The output is " LOW"during pulse dialing and Flash operation, otherwise this output is " floating" . * Dual Tone Multi-frequency output pin. * In TONE mode, when an entry of digit key (include *, # key), this pin will send out a corresponding DTMF signal.
11
13
PO
12
14
TONE
* The TONE pin provides minimum tone duration and minimum intertone pause time to support rapid key-in. If key-in time is less than 100ms, DTMF signal will last for 100ms; otherwise the tone duration will last as long as the key is pressed. * Handfree input control pin. * Toggle input structure, falling edge trigger. * It is used to enable and disable Handfree function. * With waveshaped by a built-in Schmit trigger, the bounce of input can be eliminated by external R, C debounce circuit. * A built-in pull down resistor is 200k typical. * Handfree output control pin. * Inverter output structure (normally ` , active ` low' high' ). * When a HFI pin is active, Handfree function will be enabled (HFO=1)
9
HFI
10
HFO
or disable (HFO=0). * When the Handfree function is enable (HFO=1), after OFF-HOOK action, it can reset Handfree function and HFO pin return to ` low' state.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 6 of 18
SC91710A/B
KEYBOARD OPERATION
Symbol definitions: a) b) c) d) e) f) g) h) i) j) k) l) m) D1~Dn Dp1~Dpn Dt1~Dtn tF tP tPT tFP tRP LNB : : : : : : : : : : : : : OFF-HOOK or enable Hand Free function. ON-HOOK or disable Hand Free function. Input level from low to high. Input level from high to low. Digit key 1, 2, 3, 4, 5, 6, 7, 8, 9, 0, *, #, (C1~Cn is same as D1~Dn). Pulse digit 1, 2, 3, 4, 5, 6, 7, 8, 9, 0, (Cp1~Cpn is same as Dp1~Dpn). Tone digit 1, 2, 3, 4, 5, 6, 7, 8, 9, 0, *, #, (Ct1~Ctn is same as Dt1~Dtn). Flash time. Pause time. Pulse to Tone wait time. Pause time for flash. Pause time for redial. Last number redial buffer.
A Normal Dialing 1. Digit Dialing Procedure Dial out Dial out LNB : : : : D1, D2... , Dn Dt1, Dt2... , Dtn (in Tone mode) Dp1, Dp2,... , Dpn (in Pulse mode) D1, D2... , Dn
2. Dialing with flash key Procedure Dial out Dial out LNB : : : F, D1, D2... , Dn tF, tFP, Dt1, Dt2... , Dtn (in Tone mode) tF, tFP, Dp1, Dp2, ... , Dpn (in Pulse mode) D1, D2... , Dn
3. Dialing with PT key Procedure Dial out LNB : : : D1, D2 ... , PT , ... , Dn Dp1, Dp2, ... , tPT, ... , Dpn (in Pulse mode) D1, D2 ... , PT , ... , Dn
Note: If key in digit over maximum digit stored in LNB, then RD is inhibit even after on/off hook. B Redial LNB Procedure Dial out Dial out : : : : D1, D2... , Dn RD tRP, Dt1, Dt2... , Dtn (in Tone mode) tRP, Dp1, Dp2,... , Dpn (in Pulse mode)
Note: If key in digit over maximum digit stored in LNB, then RD is inhibit.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 7 of 18
SC91710A/B
C Pause Function Procedure Dial out Dial out LNB D Flash Function 1. Reset Procedure Dial out Dial out LNB : : : : D1, D2... , Dn, F, C1 ... , Cn Dt1, Dt2,... , Dtn , t F, tFP, Ct1 ... , Ctn (in Tone mode) Dp1, Dp2,... , Dpn , tF, tFP, Cp1 ... , Cpn (in Pulse mode) C1, C2 ... , Cn : : : : D1, D2... , Dn, P, C1 ... , Cn Dt1, Dt2 ,... , Dtn, tP, Ct1, Ctn (in Tone mode) Dp1, Dp2, ... Dpn , tP, Cp1 ... , Cpn (in Pulse mode) D1, D2... , Dn, P , C1, C2 ... , Cn
Handfree Function operation: A) To execute Handfree function: When HFO = ' , HFI pin is active, the Handfree function will be enabled low' (HFO = ' high' ) B) Reset Handfree function: a. OFF-HOOK action. b. When HFO = ' high'a HFI pin is active again, the Handfree function will be reset (HFO=' ). , low' Operating flow chart of Handfree
STATE NO. (0) INITIAL STATE (1) ON HKS HF LINE (2) OFF HKS LINE (3) OFF HKS HF LINE
PO
XMUTE
HFO 0 1 0 1 * F: Floating (Hi-impedance)
F F F F
F F F F
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 8 of 18
SC91710A/B
TEST CIRCUIT
Note: 1. Dist. (dB)=20log{[V12+V22+V32+... Vn2)1/2]/[(VL2+VH2)1/2]} a. V1... Vn are extraneous frequencies (ie, inter modulation and harmonic), components in the 500Hz to 3400Hz band. b. VL,VH are the individual frequency components of DTMF signal. c. Whether keyboard is pushed refer to the TONE mode time diagram. 2. Sink current Isink=I/(1-Duty Cycle), I is the net DC current measured from ampere meter. 3. R*, C* mean other column and row.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 9 of 18
SC91710A/B
TIMING DIAGRAMS
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 10 of 18
SC91710A/B
TIMING DIAGRAMS(continued)
HKS KEY IN
F
tDB
XMUTE PO TONE OSCO
......High impedance Flash key operating timming
tF
HKS 3 KEY IN
tDB
2
RD
XMUTE PO
tITP tITP tD tITP tITP
TONE OSCO ......High impedance Tone Mode Redial Timming Diagram
HKS 3 KEY IN
tDB
2
RD
XMUTE
tRP tIDP tIDP
PO
tIDP tIDP
TONE OSCO ......High impedance Pulse Mode Redial Timming Diagram
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 11 of 18
SC91710A/B
TIMING DIAGRAMS(continued)
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 12 of 18
SC91710A/B
TYPACAL APPLICATION CIRCUIT
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 13 of 18
SC91710A/B
TYPACAL APPLICATION CIRCUIT
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 14 of 18
SC91710A/B
CHIP TOPOGRAPHY
Size: 1.45 x 1.54 mm2
PAD COORDINATES (Unit: m)
No. 1 2 3 4 5 6 7 8 9 Symbol P1 P2 P3 P4 P5 P6 P7 P8 P9 X -542.6 -542.6 -542.6 -315.0 -134.8 85.5 562.4 562.4 562.4 Y -238.0 -468.1 -602.5 -602.5 -602.5 -602.5 -439.1 -277.6 -93.6 No. 10 11 12 13 14 15 16 17 18 Symbol P10 P11 P12 P13 P14 P15 P16 P17 P18 X 562.4 562.4 562.4 562.4 148.6 -22.4 -251.0 -542.6 -542.6 Y 88.5 252.4 445.8 603.8 603.8 603.8 603.8 124.7 -102.9
Note: The original point of the coordinate is the die center.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 15 of 18
SC91710A/B
PACKAGE OUTLINE
DIP-16-300-2.54 UNIT: mm
SOP-16-225-1.27
UNIT: mm
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 16 of 18
SC91710A/B
PACKAGE OUTLINE(Continued)
DIP-18-300-2.54 UNIT: mm
2.54
1.52 15 Degree 23.120.3
0.5MIN
0.46
1.27MAX
HANDLING MOS DEVICES:
Electrostatic charges can exist in many things. All of our MOS devices are internally protected against electrostatic discharge but they can be damaged if the following precautions are not taken: * Persons at a work bench should be earthed via a wrist strap. * Equipment cases should be earthed. * All tools used during assembly, including soldering tools and solder baths, must be earthed. * MOS devices should be packed for dispatch in antistatic/conductive containers.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:2.2
2007.03.07 Page 17 of 18


▲Up To Search▲   

 
Price & Availability of SC91710A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X