|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SB620FCT thru SB660FCT ISOLATION SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 TO 60 VOLTS CURRENT - 6.0 AMPERES ITO-220AB FEATURES Plastic package has Underwriters laboratory Flammability Classification 94V-0 utilizing Flame Retardant Epoxy Molding Compound Exceeds environmental standards of MILS-19500/228 Low power loss, high efficiency Low forward voltage. high current capability High surge capability For use in low voltage, high frequency inverters Free wheeling. And polarlity protection applications High temperature soldering 260oC/10seconds at terminals Pb free product are available 99% Sn above can meet RoHS environment substance directive request MECHANICAL DATA Case ITO220AB full molded plastic package Terminals Lead solderable per MIL-STD-202, Method 208 Polarity As Marked. Mounting Position Any Weight 0.08 ounce, 2.24gram MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20% SB620FCT Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC=750C Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 3.0A per element Maximum DC Reverse Current TA=25 C at Rated DC Blocking Voltage TA=1000C Typical Thermal Resistance Note R R JC JA 0 SB630FCT 30 21 30 SB640FCT 40 28 40 6.0 75 SB650FCT 50 35 50 SB660FCT 60 42 60 UNITS Volts Volts Volts Amps Amps 20 14 20 0.55 0.1 15 6.0 80 0.7 Volts mA 0 C/W 0 Operating and Storage Temperature Range Storage Temperature Range NOTE 1. Thermal Resistance Junction to Ambient -55 to +150 -55 to +150 C C 0 www.paceleader.tw 1 SB620FCT thru SB660FCT ISOLATION SCHOTTKY BARRIER RECTIFIER RATINGS AND CHARACTERISTIC CURVES SB620FCT THRU SB660FCT www.paceleader.tw 2 |
Price & Availability of SB660FCT |