Part Number Hot Search : 
E4413A Z5248 S32XR2 103K5E KTA1204D DDU8F 0APBF BD734
Product Description
Full Text Search
 

To Download RG1005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RG series, ultra-precision & ultra-reliability metal film chip resistors
Tight resistance tolerance of 0.02% and temperature coefficient of resistance of 5ppm/ C are achieved. Under high temperature and humid condition of 85 C and 85%RH, and at 155 C(duration:10000 hours for both tests), superior reliability of only less than 0.1% of change in resistance value is realized.
SPECIFICATIONS Mechanical
P L T W Dimension (Inch Size) L W P T RG1005 (0402) 1.0 0.5 0.2 0.35 0.05 0.05 0.10 0.05 RG1608 (0603) 1.6 0.8 0.3 0.4 0.2 0.2 0.2 0.1 RG2012 (0805) 2.0 1.25 0.4 0.4 0.2 0.2 0.2 0.1 RG3216 (1206) 3.2 1.6 0.5 0.4 0.2 0.2 0.25 0.1
(unit : mm)
Type
Electrical
Power
general Ultra-reliability 0.5(D) 10 46.4 100 (R)
Tolerance %(code) Resistance Range( ) TCR ppm / C(code) Max Operating Voltage Resistance Value Operating Temp. Range Package Type Power general Ultra-reliability
RG1005 1/ 16W 1/ 32W 0.02(P), 0.05(W), (W), 0.1(B), 0.05 0.05(W), 0.1(B), 0.1(B), 0.25(C), 0.5(D) 0.25(C), 0.5(D) 0.25(C), 0.5(D) 47 97.6 100 2.94k 5 (V) 10 (N) 10 (N) 25 (P) 25 (P) 25V 3k 100k 10 (N) 25 (P)
0.5(D) 10 46.4 50 (Q)
RG1608 1/10W 1/16W 0.02(P), 0.05(W), (W), 0.1(B), 0.05 0.05(W), 0.1(B), 0.1(B), 0.25(C), 0.5(D) 0.25(C), 0.5(D) 0.25(C), 0.5(D) 47 97.6 10 (N) 25 (P)
0.1(B) 0.5(D)
0.5(D)
100 4.99k 5.1k 270k 274 332k 340 360k 5 (V) 10 (N) 10 (N) 25 (P) 25 (P) 25 (P) 25 (P) 75V
E-24, E-96 55 C 155 C 1,000pcs/reel (T1:P,W,B), 5,000pcs/reel (T5:B), 10,000pcs/reel (T10:B,C,D) RG2012 1/ 8W 1/10W 0.02(P), 0.05(W), 0.1(B), 0.25(C), 0.5(D) 100 10k 5 (V) 10 (N) 25 (P) 100V E-24, E-96 55 C 155 C 1,000pcs/reel (T1:P,W,B), 5,000pcs/reel(T5:W,B,C,D) 1,000pcs/reel (T1:P,W,B), 5,000pcs/reel(T5:W,B,C,D) RG3216 1/ 4W 1/ 8W 0.02(P), 0.05(W), 0.1(B), 0.25(C), 0.5(D) 100 33.2k 5 (V) 10 (N) 25 (P) 150V
Tolerance %(code) Resistance Range( ) TCR ppm / C(code) Max Operating Voltage Resistance Value Operating Temp. Range Package
0.5(D) 10 46.4 50 (Q)
0.05(W), 0.1(B), 0.25(C), 0.5(D) 47 97.6 10 (N) 25 (P)
0.05(W), 0.1(B), 0.25(C), 0.5(D) 10.2k 475k 10 (N) 25 (P)
0.1(B) 0.5(D) 487k 1M
0.05(W), 0.1(B), 0.25(C), 0.5(D) 47 97.6 10 (N) 25 (P)
0.05(W), 0.1(B), 0.25(C), 0.5(D) 34k 1M 10 (N) 25 (P)
25 (P)
1,000pcs/reel (T1:P,W,B), 5,000pcs/reel(T5:B,C,D)
* Please contact us for Resistance tolerance
0.01%. * Please contact us for RG3225 series with power of 1/2W
Specification Ultra-reliability (0.05%) general (0.05%) Typical Ultra-reliability (0.01%)
Item Short time overload
Test Method
Applied voltage:2.5 rated voltage or 2 maximum operating voltage which ever is less test duration:5 seconds Test Temperature.:85 C Applied voltage: rated voltage Test period: repeat 1000 cycle as follow: 90 min. on/30 min. off cycled Test condition: 85 C85%RH Applied power: 1/10 rated Power Test period: repeat 1000 cycle as follow: 90 min. on/30 min. off cycled Repeat 1000 cycle as follow: -55 C(30 min.)/Room Tem.(2 min.)/ +125 C(30 min.)/ Room Tem.(2 min.) +155 C for 1000 hours with no load
Reliability
Load Life
(0.1%)
(0.25%)
(0.01%)
Moisture load life
(0.1%)
(0.25%)
(0.05%)
Temperature cycle
High temperature exposure
(0.1%) (0.1%)
(0.01%) (0.01%)
susumu group catalog
The result of each reliability test for 10000 hours Load life test
Load life test (85% C)
sample: RG1608 series test conditions: temperature:858C applied voltage:rated voltage test period:one cycle as follow 90 min. on /30 min. off n=100
Moisture and life test
Moisture and life test (THB 85 C 85%)
sample: RG1608 series test conditions: temperature:85 C, moisture:85%RH applied power:1/10 rated power test period one cycle as follow 90 min. on /30 min off n=50
1k 10k 56k 100k 330k
1k 10k 56k 100k 330k
Temperature cycle test
Temperature cycle test
High temperature exposure test
high temperature expouse test (155 C)
sample: RG1608 series test conditions: 55 C(30 min.)/room tem.(3 min.)/ 125 C(30 min.)/room tem.(3 min.) n=50
0.50
0.40 0.30 0.20 0.10 0.00 0.10 0.20 0.30 0.40 0.50 56k 100k
sample: RG1608 series test conditions: tenperature:155 C no load n 100
1k 10k 56k 100k 330k
CHARACTERISTIC of Power Temperature Derating Curve
Rated Load (%)
100
50
-55
0
85 Ambient Temperature ( C)
155
PART NUMBER
RG 1608 N - 102 - B - T5
Package (T1,T5,T10) Resistance Tolerance Resistance (E-24: in a 3 digit number, E-96: in a 4 digit number 4 digits for all RG3216) Temperature Coefficient of Resistance Dimensions Part Code
susumu group catalog


▲Up To Search▲   

 
Price & Availability of RG1005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X