Part Number Hot Search : 
HMC58 BZP611D THV310 B4110 BZP611D 60030 PT8A3247 HMT351
Product Description
Full Text Search
 

To Download RACK1122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET - NOVEMBER 2007
Integrated Microwave Transceiver RACK1122
0.05 - 18 GHz, 1550 nm Externally Modulated Transmitter with Receiver and Integrated AGC, Pre & Post Amps
Applications
Microwave Test Cell Antenna Signal Remoting Microwave Data Links Broadband Delay-Line and Signal Processing Systems Frequency Distribution Systems
The Emcore RACK1122 is an integrated, 1 RU high-performance transceiver with guaranteed performance over the 0.05 - 18 GHz frequency band. It incorporates a high dynamic range externally modulated transmitter, RF preamplifier, optical receiver, RF post amplifier and optical AGC. It provides +6 dBm minimum of optical output power. The optical AGC provides fixed gain operation for a constant RF input power and varying optical link budgets. The unit can be used to construct transparent optical links for microwave test cell antenna remoting, microwave signal distribution, microwave delay lines, point-to-point data links and other applications where it is necessary to transport RF and microwave signals over long distances without signal degradation. The unit operates at a nominal optical wavelength of 1550 nm.
Features
Integrated externally modulated transmitter, preamp, receiver and post amp Optical AGC 0.05 - 18 GHz specified bandwidth High dynamic range 1 RU rack mount package Front panel RF and optical connections
Specifications
Electrical
RF Connectors Frequency Range TX RF Input Power Input IP3 at 18 GHz Input P1dB at 18 GHz RX RF Output Power Range SMA (female, 50) 0.05 to 18 GHz -30 dBm, max -22 dBm, typical -28 dBm, typical -30 dBm, typical 1550 6 nm SC/APC +6 to +8 dBm < 0.5 dBm over temperature and time 0 to +6 dBm for AGC operation with constant RF output Self Contained 1 RU Housing, 19" Rack 1.75" H x 17" W x 14" D 110 VAC @ 100W Optical AGC Power, Link Status LED
Optical
Wavelength Connectors TX Optical Output Power Optical Power Stability RX Optical Input Power
Physical
Configuration Dimensions Power Requirements
Operating/Storage Temperature 0C to +50C
Interface and Control
RF Gain Control Front Panel Indicators
For more information on this and other products:
Contact Sales at Emcore 626-293-3400, or visit www.emcore.com
RACK1122
DATA SHEET - NOVEMBER 2007
Link Performance (with 0 to -6dBm at Receiver)
Parameter Link Gain Input IP3 Spurious Free Dynamic Range Gain Variation Noise Figure Symbol G G IIP3 SFDR NF Condition @ 50 MHz @ 18 GHz @10 GHz @ 10 GHz 50 MHz to 18 GHz 50 MHz to 18 GHz Min -10 -15 Typ 0 -7 -22 98 7 20 Max Unit dB dB dBm dB/Hz2/3 dB dB
Laser Safety Class IIIb Laser Product
FDA/CDRH Class IIIb laser product. All transmitter versions are Class IIIB laser products per CDRH, 21 CFR 2040 Laser Safety requirements. All versions are Class 3B laser products per IEC*60825-1:1993. Maximum Power = 8 dBm Caution: Use of controls, adjustments and procedures other than those specified herein may result in hazardous laser radiation exposure.
*IEC is a registered trademark of the International Electrotechnical Commission.
EMCORE
2015 West Chestnut Street Alhambra, California 91803-1542 Tel: 626-293-3400 Fax: 626-293-3428 www.emcore.com
For more information on this and other products:
Contact Sales at Emcore 626-293-3400 or visit www.emcore.com
(c) Copyright 2007, Emcore Corporation


▲Up To Search▲   

 
Price & Availability of RACK1122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X