Part Number Hot Search : 
295V5 C8881 40008 K4042 PC400 01QRA 15KPA70A LM4041
Product Description
Full Text Search
 

To Download QHF-3-350G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QHF-3-G Series
90 POWER DIVIDERS / COMBINERS
30 to 1000 MHz / Excellent Amplitude Balance / Low Insertion Loss / Humidity Sealed Filmbrid
PRINCIPAL SPECIFICATIONS
Model Number QHF-3-.060G QHF-3-.300G QHF-3-.350G QHF-3-.675G QHF-3-.750G Frequency Range, GHz .030 - .090 .090 - .500 .200 - .500 .250 - 1.00 .500 - 1.00 Isolation, dB, Min. 18 17 18 18 20 Amplitude Balance, dB, Max. 1.5 1.5 1.0 1.5 1.0 Insertion Loss, dB, Max. Typ. 0.7 0.7 0.6 0.75 0.35 0.5 0.5 0.4 0.5 0.35 VSWR, Max. 1.25:1 1.25:1 1.25:1 1.35:1 1.25:1 Bandwidth Package Ratio Outline 3:1 5.5:1 2.5:1 4:1 2:1 A A B C D
General Notes: 1. The QHF-3 series covers 30 MHz to 1 GHz using a multi-section stripline design to produce wide operating bandwidths. Designs for many other frequency ranges are available to custom order. 2. High performance is achieved in the QHF-3 series using the FilmbridTM Sandwich Package that's designed to work with both microstrip and balanced stripline.
GENERAL SPECIFICATIONS
Coupling: Impedance: Phase Tolerance: CW Input: -- 3 dB nom. 50 nom. 90 2 max. 200 Watts
(CW power input with 1.2:1 VSWRout)
Peak Power: 1 kW max. Connector Type: 4 Solder Tabs Operating Temperature: -- 55 to +85C Package Outline - A
Part No.
QHF-3-.060G
Dim. A
5.000 127.00 1.750 44.45
Dim. B
2.500 63.50 .875 22.23
Dim. C
.484 12.29 .125 3.18
Dim. D
4.032 102.41 1.500 38.10
QHF-3-.300G
NOTES: 1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over millimeters. 3. Solder Tabs: .002 .0005(.05 .01) thk., iron nickel alloy,gold plated .00005(.0012) thk. min. 02May96
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of QHF-3-350G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X