Part Number Hot Search : 
GC1712 STC945N 01GW3B2 99000 F75645P 5DRWBZH 2SD1511Q 1N6663
Product Description
Full Text Search
 

To Download PWR6000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OBSOLETE PRODUCT
Contact factory for replacement model
PWR60XX
1.8 WATT REGULATED DC/DC CONVERTER
FEATURES
l l l l l l l l l l Low Cost Low Noise Industry-Standard Package Single and Dual Outputs High Isolation Voltage Option Available Linear Output Regulation Internal Input and Output Filtering Low EMI Transformer Design No External Components Required Thermal Shutdown Protection
DESCRIPTION
The PWR60XX Series offers a low-cost alternative for some of the most popular DC/DC converters industry wide. Each model has very low noise and an outstanding MTTF. The superior reliability, excellent filtering, and low cost make it an excellent choice for industry-standard usage. The series includes eleven models (other input and output voltages are available upon request), all set in an encapsulant for excellent thermal dissipation for internal components. The use of surface-mount devices and manufacturing processes combined with the encapsulation process, provides the user a product that is more environmentally rugged. The PWR60XX has full isolation between input and output to give the designer maximum flexibility in grounding options and polarity configurations. The outputs are protected against shorts to increase the units survivability in harsh environments.
MECHANICAL
TOP VIEW
2.0000.015" (50.800.38)
SIDE VIEW
0.4000.10" (10.16) 1.0000.015" (25.40.38) 0.015.005" (0.38)
0.0400.003" (1.020.08)
0.170" Min. (4.32)
+VOUT
NOTES: All dimensions are in inches (millimeters). GRID: 0.100 inches (2.54 millimeters)
PIN PLACEMENT TOLERANCE: 0.015
+VIN
* COM
-VIN
-VOUT
BOTTOM VIEW
* Common pins are not present on single output models. Product marked with specific model ordered, date code, job code. MATERIAL: Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance, wide operating temperature range, and good electrical properties under high humidity environments. The encapsulant and the outer shell of the unit have UL94V-0 ratings. Lead material is brass with a
Page 1
PWR60XX 6/99 REV D
ELECTRICAL SPECIFICATIONS
Specifications typical at TA = +25C, rated input voltage, rated output current unless otherwise specified. NOMINAL INPUT VOLTAGE MODEL PWR6000 PWR6004 PWR6005 PWR6006 PWR6010 PWR6011 PWR6012 PWR6016 PWR6017 PWR6018 PWR6023 (VDC) 5 5 5 12 12 12 15 15 15 24 24 RATED OUTPUT VOLTAGE (VDC) 5 12 15 5 12 15 5 12 15 5 15
ABSOLUTE MAXIMUM RATINGS RATED INPUT CURRENT REFLECTED OUTPUT NO RATED RIPPLE CURRENT LOAD LOAD CURRENT EFFICIENCY Output Short-Circuit Duration Outputs to Common .................. Continuous (mA) (mA) (mA) (mAp-p) (%) Output to Output .........................Momentary 360 70 655 15 55 Output Power .......................................... 2.0W Lead Temperature .............................. +300C 75 70 570 15 63 (soldering, 10 seconds max) 60 70 555 15 65 ........................................................................ 360 30 275 10 55
75 60 360 75 60 360 60 30 30 25 25 25 13 13 240 230 220 190 185 120 120 10 10 8 8 8 12 12 63 65 55 63 65 62 62
TYPICAL APPLICATIONS
NOTE: Other input to output voltages may be available. Please consult factory. Specifications typical at TA = +25C, rated input voltage, rated output current unless otherwise specified. PARAMETER INPUT CONDITIONS PWR6000 PWR6004 PWR6005 PWR6006 PWR6010 PWR6011 PWR6012 PWR6016 PWR6017 PWR6018 PWR6023 MIN 4.65 4.65 4.65 10.9 10.9 10.9 13.9 13.9 13.9 21.6 21.6 500 500 10 27 VISO = 240VAC, 60Hz 5 TYP 5.0 5.0 5.0 12.0 12.0 12.0 15.0 15.0 15.0 24 24 MAX 5.5 5.5 5.5 13.2 13.2 13.2 16.5 16.5 16.5 26.4 26.4 UNITS VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC Vpk G pF Arms
ISOLATION (Standard) Rated Voltage Test Voltage Resistance Capacitance Leakage Current ISOLATION (-HV Option) Rated Voltage Test Voltage Resistance Capacitance Leakage Current OUTPUT Rated Power Voltage Setpoint Accuracy Temperature Coefficient Ripple and Noise REGULATION Line Load GENERAL Switching Frequency Package Weight MTTF per MIL-HDBK-217, RevE TEMPERATURE Specification Operation Storage
1000 3000 10 27 VISO = 240VAC, 60Hz -25C TA +70C Rated Load, Nominal Vin BW = DC to 10MHz High Line to Low Line Full Load to No Load 1.8 2 0.01 20 0.2 0.5 150 20 930,000 -25 -25 -40 +25 +70 +100 +110 45 1.0 1.0 5
VDC Vpk G pF Arms Watts % %/C mVp-p % % kHz g Hr C C C Device Family PWR Indicates DC/DC converter Model Number Selected From Table of Electrical Characteristics High Voltage Option No Designator Indicates Standard Model Screening Option
PWR
60XX
-HV
/H
Circuit Stress Method
Page 2
PWR60XX 6/99 REV D
TYPICAL PERFORMANCE CURVES
TA = +25C, Rated Input Voltage, Rated Output Current unless otherwise noted.
Page 3
PWR60XX 6/99 REV D
TYPICAL PERFORMANCE CURVES
TA = +25C, Rated Input Voltage, Rated Output Current unless otherwise noted.
USA: Canada: UK:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2009 Murata Power Solutions, Inc.
France: Japan: China:
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Page 4
PWR60XX 6/99 REV D


▲Up To Search▲   

 
Price & Availability of PWR6000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X