![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DO - 5 Silicon Power Diode PSM/PSMR 40L PSM/PSMR 40K IF(AV) = 40 A VRRM = 100 - 1600 V Preliminary Data Sheet max.repetitive peak voltage V RRM (V) 100 200 400 600 800 1000 1200 1400 1600 max.RMS max. DC reverse voltage blocking voltage V R(RMS) (V) 70 140 280 420 560 700 840 980 1120 VR recommended RMS working voltage Type without terminal lead with terminal lead (V) 100 200 400 600 800 1000 1200 1400 1600 (V) 40 80 160 240 320 400 480 560 640 PSM/PSMR 40/01L PSM/PSMR 40/02L PSM/PSMR 40/04L PSM/PSMR 40/06L PSM/PSMR 40/08L PSM/PSMR 40/10L PSM/PSMR 40/12L PSM/PSMR 40/14L PSM/PSMR 40/16L PSM/PSMR 40/01K PSM/PSMR 40/02K PSM/PSMR 40/04K PSM/PSMR 40/06K PSM/PSMR 40/08K PSM/PSMR 40/10K PSM/PSMR 40/12K PSM/PSMR 40/14K PSM/PSMR 40/16K Symbol Conditions IF(AV) I FSM I FRM I2t IR(AV) V FM RthJC TVJ TVJM Tstg Md TC = 140C TVJ = 45C t = 10 ms max. peak cycle repetitive surge current max. I2t rating (non-rep.) for 5 to 10 ms Maximum Ratings 40 500 200 1200 A A A A2s A V K/W C C C mkg mkg g g DO - 5 PSM/PSMR 40L max. average reverse leakage current at VRRM; TC = 25C 200 max. peak forward voltage drop @ rated 1F(AV) 1.3 max. thermal resistance junction to case 0.65 operating junction temperature -65... + 150 max. virtual junction temperature 150 storage temperature -65... + 200 mounting torque min. 0.4 (non-lubricated threads) max. 0.6 Weight PSM/PSMR 40L typ. 13.5 Weight PSM/PSMR 40K typ. 30 PSM/PSMR 40K Features * All Diffused Series * Available in Normal & Reverse Polarity * Industrial Grade * Available in Avalanche Characteristic 2005 POWERSEM reserves the right to change limits, test conditions and dimensions POWERSEM GmbH, Walpersdorfer Str. 53 D - 91126 Schwabach Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20 |
Price & Availability of PSMR40K
![]() |