Part Number Hot Search : 
BDW94C PE9406 15008 MMBTA92 09100 FAIDL45 TDA7339 BCR52307
Product Description
Full Text Search
 

To Download PS-DA0137-256-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-AC INVERTER UNIT
PS-DA0137-256-B(S) (5 W SINGLE OUTPUT)
DESCRIPTION : This low profile DC to AC Inverter is developed for single lamps. Optimized for Sharp: LQ085Y3DG06 (Datasheet from 5. Sep. 2007) APPLICABLE LCD: Lamp Voltage 960 Vrms Lamp Current 5.0 mArms Lamp Start Up Voltage 2.400Vrms (Vin : 12 Vdc) FEATURES : Remote ON/OFF Current balance circuit Extra high starting Voltage RoHS compliant (S) TEMPERATURE & HUMIDITY : Operating Temperature Range Storage Temperature Range Humidity DIMENSIONS : (PRELIMINARY INFORMATION)
0C ~ +75C -30C ~ +85C 95 %RH max
L x B x H 100 x 30 x 9 mm
SM02(8.0)B-BHS-1-TB (JST)
Pin 1
Pin 1
Unit : mm Weight :15 (g) typ.
Note: Please use plastic screw in case of a non-insulating mounting base!
Components No. 1 2 3 Part Description PCB Connector CN1 Connector CN2 Qty. 1 1 1 Material UL94V-0 (FR-4 or CEM-3) 53261-0690 SM02(8.0)B-BHS-1-TB Note t=1m m Molex or equal JST or equal
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (1)
Address: Hauptstrae 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.0, 25th September 2008
All specifications are subject to change without notice.
DC-AC INVERTER UNIT
PS-DA0137-256-B(S) (5 W SINGLE OUTPUT)
(PRELIMINARY INFORMATION)
Input side CN1: Pin No. CN 1-1 CN 1-2 CN 1-3 CN 1-4 CN 1-5 CN 1-6 Symbols Ratings Vin 10.8 ~ 13.2 Vdc Vin 10.8 ~ 13.2 Vdc Vrm t 0 ~ 0.4 = OFF / 2.5 ~ 5.5 = ON Vbr 0 ~ 5.0 Vdc GND GND -
Output side CN2 Pin No. CN 2-1 CN 2-2 CN 2-3 Symbols Vhigh N.C. Vlow Ratings 960 Vrm s (5.0 m Arm s ) (GND)
ELECTRICAL CHARACTERISTICS :
Conditions Parameters Output Current Output Current Input Current Frequency Open Circuit Voltage No Load Shotdown Symbols Iout Iout Iin F Vopen Ts d Vin (V) 121.2 120.6 121.2 121.2 11.4 121.2 Vbr (V) 0.0 5.0 0.0 0.0 0.0 0.0 Tu (C) 0 0 0 0 0 0 ~ +75 ~ +75 ~ +75 ~ +75 ~ +75 ~ +75 Min. 4.5 50 2.250 Specification Typ. 5.0 25 0.5 2.400 1.0 Max. 5.5 0.55 80 Unit m Arm s % Adc kHz Vrm s s ec Note
Dut y 10 0 %
wit ho ut lo ad
Note 1 : Note 2:
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as marked on mechanical drawing and any conductors. Open circuit on all lamps for more than 3 sec., will shut the inverter down.
TEST CIRCUIT :
F Iin V CN1-2 Vrmt 0.4 / 2.5 Vdc F
1000:1 PROBE
SW 1
Vopen V ~
Operation of unit Operation Non operation
a b
Vin 10.8 ~ 13.2 Vdc
A
CN1-1
SW3
CN2-1
a
V
b
SW1
CN1-3
T1
RL1 CL1
N.C. CN2-2 CN1-4 A ~
Iout1
Vbr 0 ~ 5 Vdc CN1-5 CN1-6
CN2-3
SW4
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (2)
Address: Hauptstrae 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.0, 25th September 2008
All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of PS-DA0137-256-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X