Part Number Hot Search : 
DLM50 200AAO5B CT350 LT1172MK 1102B KRC102M Q68000 MX25V
Product Description
Full Text Search
 

To Download PM50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OPEN FRAME & ENCLOSED
PM50
3 2 - 5 0 W AT T S D C / D C S I N G L E - D U A L
Features
* * * * * * * Very wide input voltage range Reverse input voltage protection Din rail mounting High efficiency EMI/RFI EN55022-B Low ripple outputs Operating temperature -25 to 55OC
Specifications
INPUT
Input voltage Reverse polarity protection 12V, 24V, 36V, 48V, 110V, 220V See table for details Yes
Selection Table
MODEL
NUMBER
PM50A 15-15 PM50A 15-15 PM50A 18-18 PM50A 15-15 PM50A 15-15 PM50A 18-18 PM50A 60-60 PM50A 60-60 PM50B 15-15 PM50B 15-15 PM50B 18-18 PM50B 15-15 PM50B 15-15 PM50B 18-18 78%-85% 45kHz For 10-30V, 20-60V inputs and below: Input - Output: 2000VDC Input-Case:2000VDC Output - Case: 1000VDC For 60V input and above: Input - Output: 2500VAC Input-Case: 2500VDC Output - Case: 1000VDC -25C to 55C 100% load -40C to 85C Yes PM50B 60-60 PM50B 60-60 PM50C 15-15 PM50C 15-15 PM50C 18-18 PM50C 15-15 PM50C 15-15 PM50C 18-18 PM50C 60-60 PM50C 60-60 PM50D 15-15 PM50D 15-15 PM50D 15-15 PM50D 15-15 PM50D 60-60 PM50D 60-60
INPUT
10-30V 10-30V 10-30V 10-30V 10-30V 10-30V 10-30V 10-30V 20-60V 20-60V 20-60V 20-60V 20-60V 20-60V 20-60V 20-60V 50-150V 50-150V 50-150V 50-150V 50-150V 50-150V 50-150V 50-150V 90-270V 90-270V 90-270V 90-270V 90-270V 90-270V
OUTPUT
12V 15V 18V 24V 28V 36V 60V 110V 12V 15V 18V 24V 28V 36V 60V 110V 12V 15V 18V 24V 28V 36V 60V 110V 12V 15V 24V 28V 60V 110V 2.67A 2.67A 2.60A 1.34A 1.34A 1.30A 0.67A 0.34A 3.34A 3.34A 3.20A 1.67A 1.67A 1.60A 0.84A 0.42A 3.34A 3.34A 2.78A 1.67A 1.67A 1.39A 0.84A 0.42A 3.34A 3.34A 1.67A 1.67A 0.84A 0.42A
POWER
32W 40W 47W 32W 37W 47W 40W 37W 40W 50W 57W 40W 47W 57W 50W 46W 40W 50W 50W 40W 47W 50W 50W 46W 40W 50W 40W 47W 50W 46W
OUTPUT SPECIFICATIONS
Output voltage Voltage adjustment Output current Ripple & noise Load regulation Line regulation Temperature coefficient Overcurrent protection Transient response See table 60V 10%; 24V 10%; 15V, (12-16V) See table <2mV rms 0.2% 0.2% 0.02% per C Yes 3mS typical, 10%-90% load step
OPERATING
Efficiency Switching frequency Safety isolation
ENVIRONMENTAL
Operating temperature Storage temperature Can be used in non-condensing tropic
STANDARDS AND APPROVALS
Safety standards C-Tick EMC standards EMI standards IEC60950, EN/IEC61204-3 AS/NZS CISPR11 Group 1, Class A EN/IEC61000-4-4 4KV EN/IEC61000-4-5 Level 2 and 3 EN55011/EN55023 Level B
Models conists of 2 isolated outputs 12V, 15V and 60V for connection in series or parallel. Note: For dual output models, please consult Powerbox for model number and details.
MECHANICAL SPECIFICATIONS
Dimensions Weight 157x106x48mm 0.65kg
Your dependable power partner - www.powerbox.com.au
129


▲Up To Search▲   

 
Price & Availability of PM50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X