Part Number Hot Search : 
XXXGX N800206 2PC945K ECT400 AU5783 RB480Y1 S5778A DIP24
Product Description
Full Text Search
 

To Download PD29-CADG13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PD29 Single Digit 7 Segment 2.3" LED Display
Features
*Single Digit 2.3" (57.0mm) Orange Display with 10 Pins *Low Current Requirements *High Light Output *IC Compatible *High Reliability *Gray Face, White Segments *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation (Segment / DP).................................................. 312 / 156mW Reverse Voltage (<100 A)....................................................................... 5.0V Max Forward Current........................................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width).................................... 100mA Operating Temperature Range ..................................................... -25C to +85C Storage Temperature Range...................................................... -40C to +100C Soldering Temperature (1.6mm below body)........................................... 260C for 5 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Common Anode PD29-CADG13 Common Cathode PD29-CCDG13 Green GaP Emitting Color Chip Material Dominant Peak Wave Wave Length Length nm 572 nm 567 Forward Voltage @20mA (V) Segment DP Typ Max Typ 8.4 10.4 4.2 Max 5.2 Luminous Intensity @10mA (mcd) Min 9.0 Typ 17.0
All Dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified. The Slope Angle of any Pin maybe +/ - .5 max.
47.76 3.5Min.
2.54x4 10.16 12.0 0.5 32.5
10 A
6
Pin Function Common Anode Pin # Common Cathode Pin # 1 Common Cathode 2 Anode E 3 Anode D 4 Anode C 5 Common Cathode 6 Anode B 7 Anode A 8 Anode DP 9 Anode F 10 Anode G 02-22-07 Rev 0 RS
F
70.0 60.0 57.0
B G
E
C DP D
1
5
2-O5.5
1 Common Anode 2 Cathode E 3 Cathode D 4 Cathode C 5 Common Anode 6 Cathode B 7 Cathode A 8 Cathode DP 9 Cathode F 10 Cathode G


▲Up To Search▲   

 
Price & Availability of PD29-CADG13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X