Part Number Hot Search : 
1015M 5KP220A 190HOP SM3P2 MPC7410 2SK1449 SMBT3906 KV1300NT
Product Description
Full Text Search
 

To Download PCS5P23Z09DG-16-SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 May 2007 rev 0.2
PCS5P23Z05D PCS5P23Z09D
Multiple Output Timing-SafeTM Peak EMI reduction IC
General Features
* * * * * * * * * *
the REF pin. The PLL feedback is on-chip and is obtained from the CLKOUT pad. The PCS5P23Z09D has two banks of four outputs each, which can be controlled by the Select inputs as shown in the Select Input Decoding Table. The select input also allows the input clock to be directly applied to the outputs for chip and system testing purposes. Multiple PCS5P23Z05D/09D devices can accept the same input clock and distribute it. In this case the skew between the outputs of the two devices is guaranteed to be less than 700pS. All outputs have less than 200pS of cycle-to-cycle jitter. The input and output propagation delay is guaranteed to be less than 350pS, and the output to output skew is guaranteed to be less than 250pS. Refer "Spread Spectrum Control and Input-Output Skew Table" for deviations and Input-Output skew for PCS5P23Z05D and PCS5P23Z09D devices. The PCS5P23Z05D/09D is available in two different packages, as shown in the ordering information table.
Input frequency range: 100MHz to 150MHz Clock distribution with Timing-SafeTM Peak EMI Reduction Zero input - output propagation delay Multiple low-skew outputs Output-output skew less than 250pS Device-device skew less than 700pS One input drives 9 outputs, grouped as 4 + 4 + 1(PCS5P23Z09D) One input drives 5 outputs (PCS5P23Z05D) Less than 200 pS cycle-to-cycle jitter is compatible with Pentium(R) based systems Available in 16pin 150-mil SOIC, 4.4 mm TSSOP (PCS5P23Z09D), and in 8pin 150-mil SOIC, 4.4mm TSSOP package (PCS5P23Z05D)
* * *
3.3V operation Advanced CMOS technology The First True Drop-in Solution
Functional Description
PCS5P23Z05D/09D is a versatile, 3.3V zero-delay buffer designed to distribute high-speed Timing-SafeTM clocks with Peak EMI reduction. PCS5P23Z09D accepts one reference input and drives out nine low-skew clocks. It is available in a 16-pin package. The PCS5P23Z05D is the eight-pin version of the PCS5P23Z09D. It accepts one reference input and drives out five low-skew clocks. All parts have on-chip PLLs that lock to an input clock on
Block Diagram
PLL REF PLL CLKOUT CLK1 CLKA3 CLK2 CLK3 CLKA4 S2 CLK4 S1 Select Input Decoding CLKB1 CLKB2 CLKB3 REF MUX CLKOUT CLKA1 CLKA2
PCS5P23Z05D
PCS5P23Z09D
CLKB4
PulseCore Semiconductor Corporation 1715 S. Bascom Ave Suite 200, Campbell, CA 95008 * Tel: 408-879-9077 * Fax: 408-879-9018 www.pulsecoresemi.com
Notice: The information in this document is subject to change without notice.
May 2007 rev 0.2
Select Input Decoding for PCS5P23Z09D S2
0 0 1 1
PCS5P23Z05D PCS5P23Z09D
S1
0 1 0 1
Clock A1 - A4
Three-state Driven Driven Driven
Clock B1 - B4
Three-state Three-state Driven Driven
CLKOUT1
Driven Driven Driven Driven
Output Source
PLL PLL Reference PLL
PLL Shut-Down
N N Y N
Notes:1. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the skew between the reference and the output.
Zero Delay and Skew Control
All outputs should be uniformly loaded to achieve Zero Delay between input and output. Since the CLKOUT pin is the internal feedback to the PLL, its relative loading can adjust the input-output delay.
For applications requiring zero input-output delay, all outputs, including CLKOUT, must be equally loaded. Even if CLKOUT is not used, it must have a capacitive load equal to that on other outputs, for obtaining zero-input-output delay.
Multiple Output Timing-SafeTM Peak EMI reduction IC
Notice: The information in this document is subject to change without notice.
2 of 14
May 2007 rev 0.2
Spread Spectrum Frequency Generation
The clocks in digital systems are typically square waves with a 50% duty cycle and as frequencies increase the edge rates also get faster. Analysis shows that a square wave is composed of fundamental frequency and harmonics. The fundamental frequency and harmonics generate the energy peaks that become the source of EMI. Regulatory agencies test electronic equipment by measuring the amount of peak energy radiated from the equipment. In fact, the peak level allowed decreases as the frequency increases. The standard methods of
PCS5P23Z05D PCS5P23Z09D
reducing EMI are to use shielding, filtering, multi-layer PCBs etc. These methods are expensive. Spread spectrum clocking reduces the peak energy by reducing the Q factor of the clock. This is done by slowly modulating the clock frequency. The PCS5P23Z05D/09D uses the center modulation spread spectrum technique in which the modulated output frequency varies above and below the reference frequency with a specified modulation rate. With center modulation, the average frequency is same as the unmodulated frequency and there is no performance degradation
Timing-SafeTM technology
Timing-SafeTM technology is the ability to modulate a clock source with Spread Spectrum technology and maintain synchronization with any associated data path.
Pin Configuration
REF CLK1 CLK2 GND
1 2 8 7
CLKOUT CLK4 VDD CLK3
PCS5P23Z05D
3 4 6 5
REF 1 CLKA1 CLKA2 VDD GND
2 3 4 5
16 CLKOUT 15 CLKA4 14 CLKA3
PCS5P23Z09D
13 VDD 12 GND 11 CLKB4 10 CLKB3 9
CLKB1 6 CLKB2 7 S2
8
S1
Multiple Output Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
3 of 14
May 2007 rev0.2
Pin Description for PCS5P23Z05D Pin #
1 2 3 4 5 6 7 8
PCS5P23Z05D PCS5P23Z09D
Pin Name
REF CLK1 CLK2 CLK3 VDD CLK4
1 1,2 1 1
Description
Input reference frequency, 5V-tolerant input Buffered clock output Buffered clock output Ground Buffered clock output 3.3V supply Buffered clock output Buffered clock output, internal feedback on this pin
GND
1
CLKOUT
Notes: 1. Weak pull-down on these outputs. 2. This output is driven and has an internal feedback for the PLL. 3. Buffered clock outputs are Timing-SafeTM
Pin Description for PCS5P23Z09D Pin #
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Pin Name
REF CLKA1 CLKA2 VDD GND CLKB1 CLKB2 S22 S12 CLKB3 CLKB4 GND VDD CLKA3 CLKA4
1 1 1,3 1 1 1 1 1 1
Description
Input reference frequency, 5V tolerant input Buffered clock output, bank A Buffered clock output, bank A 3.3V supply Ground Buffered clock output, bank B Buffered clock output, bank B Select input, bit 2 Select input, bit 1 Buffered clock output, bank B Buffered clock output, bank B Ground 3.3V supply Buffered clock output, bank A Buffered clock output, bank A Buffered output, internal feedback on this pin
CLKOUT
Notes: 1. Weak pull-down on these outputs. 2. Weak pull-up on these inputs. 3. This output is driven and has an internal feedback for the PLL. 4. Buffered clock outputs are Timing-SafeTM
Multiple Output Timing-SafeTM Peak EMI reduction IC
Notice: The information in this document is subject to change without notice.
4 of 14
May 2007 rev0.2
Spread Spectrum Control and Input-Output Skew Table
(Note: The values given in the table are for an input frequency of 140MHz)
PCS5P23Z05D PCS5P23Z09D
Device
PCS5P23Z05D PCS5P23Z09D
Deviation
0.125 % 0.125 %
Input-Output Skew(TSKEW)
0.075 0.075
Note: TSKEW is measured in units of the Clock Period
Absolute Maximum Ratings Parameter
Supply Voltage to Ground Potential DC Input Voltage (Except REF) DC Input Voltage (REF) Storage Temperature Max. Soldering Temperature (10 sec) Junction Temperature Static Discharge Voltage (As per JEDEC STD22- A114-B)
Min
-0.5 -0.5 -0.5 -65
Max
7 VDD + 0.5 7 +150 260 150 2
Unit
V V V C C C KV
Note: These are stress ratings only and functional usage is not implied. Exposure to absolute maximum ratings for prolonged periods can affect device reliability.
Operating Conditions for PCS5P23Z05D and PCS5P23Z09D Parameter
VDD TA CL CIN Supply Voltage Operating Temperature (Ambient Temperature) Load Capacitance Input Capacitance
Description
Min
3.0 0
Max
3.6 70 10 7
Unit
V C pF pF
Multiple Output Timing-SafeTM Peak EMI reduction IC
Notice: The information in this document is subject to change without notice.
5 of 14
May 2007 rev0.2
Electrical Characteristics for PCS5P23Z05D and PCS5P23Z09D Parameter
VIL VIH IIL IIH VOL VOH IDD Zo
PCS5P23Z05D PCS5P23Z09D
Description
Input LOW Voltage Input LOW Current Input HIGH Current Output LOW Voltage Supply Current Output Impedance
2 2 1 1
Test Conditions
Min
2.0
Typ
Max
0.8
Unit
V V A A V V mA
Input HIGH Voltage
VIN = 0V VIN = VDD IOL = 8mA IOH = -8mA Unloaded outputs at 150MHz 23 2.4
50 100 0.4 60
Output HIGH Voltage
Notes: 1. REF input has a threshold voltage of VDD/2 2. Parameter is guaranteed by design and characterization. Not 100% tested in production
Switching Characteristics for PCS5P23Z05D and PCS5P23Z09D Parameter
1/t1 t3 t4 t5 t6 t7 tJ tLOCK
Description
Output Frequency
2
Test Conditions
10pF load Measured between 0.8V and 2.0V Measured between 2.0V and 0.8V
2
Min
100 40
Typ
50
Max
150 60 2.50 2.50 250
Unit
MHz % nS nS pS pS pS pS mS
Duty Cycle = (t2 / t1) * 100 Measured at 1.4V Output Rise Time Output Fall Time
1,2 1,2
Output-to-output skew CLKOUT Rising Edge
All outputs equally loaded Measured at VDD /2 Measured at VDD/2 on the CLKOUT pins of the device Measured at 100MHz, loaded outputs Stable power supply, valid clock presented on REF pin 0 0
Delay, REF Rising Edge to
2
350 700 200 1.0
Device-to-Device Skew 2 Cycle-to-cycle jitter 2 PLL Lock Time 2
Notes: 1. All parameters specified with loaded outputs. 2. Parameter is guaranteed by design and characterization. Not 100% tested in production
Multiple Output Timing-SafeTM Peak EMI reduction IC
Notice: The information in this document is subject to change without notice.
6 of 14
May 2007 rev0.2
Switching Waveforms Duty Cycle Timing
t1 t
2
PCS5P23Z05D PCS5P23Z09D
1.4 V
1.4 V
1.4 V
All Outputs Rise/Fall Time
OUTPUT 2.0 V 0.8 V t3 t4 2.0 V 0.8 V 3.3 V 0V
Output - Output Skew
1.4 V OUTPUT 1.4 V OUTPUT t5
Input - Output Propagation Delay
VDD /2
INPUT
OUTPUT
VDD /2
t6
Device - Device Skew
CLKOUT, Device 1
V DD /2
CLKOUT, Device 2 t
7
V DD /2
Multiple Output Timing-SafeTM Peak EMI reduction IC
Notice: The information in this document is subject to change without notice.
7 of 14
May 2007 rev0.2
Input-Output Skew Test Circuit
PCS5P23Z05D PCS5P23Z09D
Input
Timing-SafeTM Output
+3.3V
TEST CIRCUIT VDD
TSKEW -
TSKEW+
+3.3V
0.1uF
OUTPUT VDD
CLKOUT CLOAD
One clock cycle N=1
when spread spectrum is ON For example, TSKEW = 0.075 for an Input clock140MHz, translates in to (1/140MHz) * 0.075=0.53nS
0.1uF
GND
GND
TSKEW represents input-output skew
A Typical example of Timing-SafeTM waveform
Input Input
CLKOUT with SSOFF
Timing-SafeTM CLKOUT
Multiple Output Timing-SafeTM Peak EMI reduction IC
Notice: The information in this document is subject to change without notice.
8 of 14
May 2007 rev0.2
Package Information
PCS5P23Z05D PCS5P23Z09D
8-lead (150-mil) SOIC Package
E
H
D
A2
A
e B A 1
C L
D
Dimensions
Symbol Min
A1 A A2 B C D E e H L
Inches Max
0.010 0.069 0.059 0.020 0.010 0.004 0.053 0.049 0.012 0.007
Millimeters Min Max
0.10 1.35 1.25 0.31 0.18 4.90 BSC 3.91 BSC 1.27 BSC 6.00 BSC 0.41 0 1.27 8 0.25 1.75 1.50 0.51 0.25
0.193 BSC 0.154 BSC 0.050 BSC 0.236 BSC 0.016 0 0.050 8
Multiple Output Timing-SafeTM Peak EMI reduction IC
Notice: The information in this document is subject to change without notice.
9 of 14
May 2007 rev0.2
PCS5P23Z05D PCS5P23Z09D
8-lead TSSOP Package (4.40-MM Body)
H
E D A2 A e B A1 L C
Dimensions Symbol Min
A A1 A2 B c D E e H L 0.020 0 0.002 0.033 0.008 0.004 0.114 0.169 0.026 BSC 0.252 BSC 0.028 8 0.50 0
Inches Max
0.043 0.006 0.037 0.012 0.008 0.122 0.177 0.05 0.85 0.19 0.09 2.90 4.30
Millimeters Min Max
1.10 0.15 0.95 0.30 0.20 3.10 4.50 0.65 BSC 6.40 BSC 0.70 8
Multiple Output Timing-SafeTM Peak EMI reduction IC
Notice: The information in this document is subject to change without notice.
10 of 14
May 2007 rev0.2
16-lead (150 Mil) Molded SOIC Package
PCS5P23Z05D PCS5P23Z09D
8
1
PIN 1 ID
E
H
9 D
16 Seating Plane A e
B
h
A2
D
0.004
L
C
A1
Dimensions Symbol Min
A A1 A2 B C D E e H h L 0.228 0.010 0.016 0 0.053 0.004 0.049 0.013 0.008 0.386 0.150 0.050 BSC 0.244 0.016 0.035 8 5.80 0.25 0.40 0
Inches Max
0.069 0.010 0.059 0.022 0.012 0.394 0.157
Millimeters Min
1.35 0.10 1.25 0.33 0.19 9.80 3.80 1.27 BSC 6.20 0.41 0.89 8
Max
1.75 0.25 1.50 0.53 0.27 10.01 4.00
Multiple Output Timing-SafeTM Peak EMI reduction IC
Notice: The information in this document is subject to change without notice.
11 of 14
May 2007 rev0.2
PCS5P23Z05D PCS5P23Z09D
16-lead TSSOP Package (4.40-MM Body)
8 1
PIN 1 ID E H
9
16
A
Seating Plane L C
e D
A2
B
A1
D
Dimensions Symbol Min
A A1 A2 B C D E e H L 0.020 0 0.002 0.031 0.007 0.004 0.193 0.169 0.026 BSC 0.252 BSC 0.030 8 0.50 0
Inches Max
0.043 0.006 0.041 0.012 0.008 0.201 0.177 0.05 0.80 0.19 0.09 4.90 4.30
Millimeters Min Max
1.20 0.15 1.05 0.30 0.20 5.10 4.50 0.65 BSC 6.40 BSC 0.75 8
Multiple Output Timing-SafeTM Peak EMI reduction IC
Notice: The information in this document is subject to change without notice.
12 of 14
May 2007 rev0.2
Ordering Codes Ordering Code
PCS5P23Z05DG-08-ST PCS5P23Z05DG-08-SR PCS5P23Z05DG-08-TT PCS5P23Z05DG-08-TR PCS5P23Z09DG-16-ST PCS5P23Z09DG-16-SR PCS5P23Z09DG-16-TT PCS5P23Z09DG-16-TR
PCS5P23Z05D PCS5P23Z09D
Marking
5P23Z05DG 5P23Z05DG 5P23Z05DG 5P23Z05DG 5P23Z09DG 5P23Z09DG 5P23Z09DG 5P23Z09DG
Package Type
8-pin 150-mil SOIC-TUBE 8-pin 150-mil SOIC-TAPE & REEL 8-pin 4.4-mm TSSOP - TUBE 8-pin 4.4-mm TSSOP - TAPE & REEL 16-pin 150-mil SOIC-TUBE 16-pin 150-mil SOIC-TAPE & REEL 16-pin 4.4-mm TSSOP - TUBE 16-pin 4.4-mm TSSOP - TAPE & REEL
Tempeature
Commercial Commercial Commercial Commercial Commercial Commercial Commercial Commercial
Device Ordering Information
PCS5P23Z05DG-08-TR
R = Tape & Reel, T = Tube or Tray O = SOT S = SOIC T = TSSOP A = SSOP V = TVSOP B = BGA Q = QFN DEVICE PIN COUNT F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS PART NUMBER X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 2 = Non PLL based 3 = EMI Reduction 4 = DDR support products 5 = STD Zero Delay Buffer 6 = Power Management 7 = Power Management 8 = Power Management 9 = Hi Performance 0 = Reserved U = MSOP E = TQFP L = LQFP U = MSOP P = PDIP D = QSOP X = SC-70
PulseCore Semiconductor Mixed Signal Product
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
Multiple Output Timing-SafeTM Peak EMI reduction IC
Notice: The information in this document is subject to change without notice.
13 of 14
May 2007 rev0.2
PCS5P23Z05D PCS5P23Z09D
PulseCore Semiconductor Corporation 1715 S. Bascom Ave Suite 200, Campbell, CA 95008 Tel: 408-879-9077 Fax: 408-879-9018 www.pulsecoresemi.com
Copyright (c) PulseCore Semiconductor All Rights Reserved Part Number: PCS5P23Z05D PCS5P23Z09D Document Version: 0.1
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to PulseCore Semiconductor, dated 11-11-2003 Timing-SafeTM US Patent Pending.
(c) Copyright 2006 PulseCore Semiconductor Corporation. All rights reserved. Our logo and name are trademarks or registered trademarks of PulseCore Semiconductor. All other brand and product names may be the trademarks of their respective companies. PulseCore reserves the right to make changes to this document and its products at any time without notice. PulseCore assumes no responsibility for any errors that may appear in this document. The data contained herein represents PulseCore's best data and/or estimates at the time of issuance. PulseCore reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. PulseCore does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of PulseCore products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in PulseCore's Terms and Conditions of Sale (which are available from PulseCore). All sales of PulseCore products are made exclusively according to PulseCore's Terms and Conditions of Sale. The purchase of products from PulseCore does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of PulseCore or third parties. PulseCore does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of PulseCore products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify PulseCore against all claims arising from such use.
Multiple Output Timing-SafeTM Peak EMI reduction IC
Notice: The information in this document is subject to change without notice.
14 of 14


▲Up To Search▲   

 
Price & Availability of PCS5P23Z09DG-16-SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X