Part Number Hot Search : 
HC540TEL AD773A M5289 LW5101 GU7818A 100PF 10A20 AD831
Product Description
Full Text Search
 

To Download P600A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P600A THRU P600M
PLASTIC SILICON RECTIFIERS Reverse Voltage - 50 to 1000 V Forward Current - 6 A
Features * Low forward voltage * High current capability * High reliability * High forward surge current capability
Mechanical Data * Case: Molded plastic, R-6 * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD -202, method 208 guaranteed * Polarity: Color band denotes cathode * Mounting Position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Parameter Symbols P600A P600B P600D P600G P600J P600K P600M Units Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at 0.375" (9.5 mm) Lead Length, TA = 60 OC Peak Forward Surge Current 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 6 A Maximum Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance 1) Typical Thermal Resistance
2)
VRRM VRMS VDC IF(AV) IFSM VF
50 35 50
100 70 100
200 140 200
400 280 400
600 420 600
800 560 800
1000 700 1000
V V V A
6
400
1
A V A pF
O
at TA = 25 C at TA = 100 OC
O
IR CJ RJA TJ ,TS
5 1000 150 10 - 55 to + 150
C/W
O
Operating and Storage Temperature Range
1) 2)
C
Measured at 1 MHz and applied reverse voltage of 4 V D.C. Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length P.C.B. Mounted with 1.1 X 1.1 (30 X 30 mm) copper pads.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated :21/03/2008 H
P600A THRU P600M
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated :21/03/2008 H


▲Up To Search▲   

 
Price & Availability of P600A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X