Part Number Hot Search : 
61C3XR 29CD0 5KP36CA 1N5993 0XB6T LCX018 16020 24R2Q
Product Description
Full Text Search
 

To Download P600A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
P600 THRU P600M
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 6.0 Ampere
.052(1.3) DIA .048(1.2) 1.0(25.4) MIN.
Low coat construction Low forward voltage drop Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260/10 secods/.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
.360(9.1) .340(8.6) .360(9.1) DIA .340(8.6) 1.0(25.4) MIN.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-O rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.0070 ounce, 0.20 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A= 60 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 6.0A Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 25 TA = 100
VRRM VRMS VDC I(AV) IFSM VF IR IR(AV) CJ RJA TJ TSTG
P600A 50 35 50
P600B 100 70 100
P600D P600G P600J P600K P600M 200 400 600 800 1000 140 280 420 560 700 200 400 600 800 1000 6.0 300 1.0 10 1.0 150 15 10 -55 to +150 -55 to +150
UNITS
Volts Volts Volts Amps Amps Volts A mA pF
/W
Maximum Full Load Reverse Current, full cycle average 0.375"(9.5mm)lead length at TL=105 Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range
Notes: 1. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V Volts. 2. Thermal Resistance from junction to Ambient at .375"(9.5mm)lead length, P.C.board mounted with 1.1"x1.1"(30x 30mm)copper heatsink.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
P600 THRU P600M
VOLTAGE RANGE CURRENT
50 to 1000 Volts 6.0 Ampere
RATING AND CHRACTERISTIC CURVES P600A Thur P600M
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
6.0
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
300
AVERAGE FORWARD CURRENT,
60 Hz Resistive or Inductive loads Group Plane 1" X 1" Copper Surface Area Recommended P.C. Board Mounting
4.0
PEAK FORWARD SURGE
5.0
CURRENT, (A)
200
8.3ms Single Half Sine-Wave (JEDEC Method) =T Tj jmax
(A)
3.0
2.0
100
1.0
P.C. Board Standard P.C. Board Mounting
0 0 25 50 60 75 100 125 150 175
0 1 2 5 8 10 20 50
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
1000
FIG.4-TYPICAL REVERSE CHARACTERISTICS
20 10
INSTANTANEOUS REVERSE CURRENT, (mA)
Tj =100 C
100
INSTANTANEOUS FORWARD CURRENT,
1.0
10
(A)
0.1
1
T =25 C
j
Pulse Width=300us 1% Duty Cycle
Tj =25 C 0.01 0 20 40 60 80 100 120 140
0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE,(V) FIG.5-TYPICAL JUNCTION CAPACITANCE
1000
CAPACITANCE,(pF)
100
TJ=25 C F=1MHz 10 0.1 1.0 4.0 10.0 100
REVERSE VOLTAGE,(VOLTS)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of P600A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X