Part Number Hot Search : 
SC1602D UM9552 MPSU01A SC251 MPSU01A U05JH44 SC251 SC251
Product Description
Full Text Search
 

To Download OSV5HA5111A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm Round Violet LED OSV5HA5111A
Features
Outline
Dimension
High Luminous LEDs 5mm Round Standard Directivity Superior Weather-resistance UV Resistant Epoxy Water Clear Type

Applications
Automotive Dashboard Lighting Money Detector Back Lighting Other Lighting
Absolute
Maximum Rating
Item Symbol
IF IFP VR PD Topr Tstg Tsol
(Ta=25
Value
30 100 5 114 -30 ~ +85 -40 ~ +100 260 /5sec
Directivity
Unit
mA mA V mW
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature
*Pulse width Max.10ms Duty ratio max 1/10 Electrical
-Optical Characteristics
Symbol
VF IR p Iv 21/2
(Ta=25
Min.
3.0 400 -
Item
DC Forward Voltage DC Reverse Current Peak Wavelength* Luminous Intensity* 50% Power Angle
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Typ.
3.4 405 240 15
Max.
3.8 10 410 V A nm mcd deg
*1 Tolerance of Peak wavelength is +1nm *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
VER A.0


▲Up To Search▲   

 
Price & Availability of OSV5HA5111A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X