Part Number Hot Search : 
331M16 G5107TBU 1N5229 CAMH9126 RFZ34 PC100 TFS550 CB2518
Product Description
Full Text Search
 

To Download NX2154ACSTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Evaluation board available.
NX2154/2154A
300kHz SYNCHRONOUS PWM CONTROLLER
PRELIMINARY DATA SHEET Pb Free Product
DESCRIPTION
The NX2154/2154A controller IC is a synchronous Buck controller IC designed for step down DC to DC converter applications. It is optimized to convert bus voltages from 2V to 40V to outputs as low as 0.8V voltage. The NX2154/2154A operates at fixed 300kHz. The NX2154/2154A employs fixed loss-less current limiting by sensing the Rdson of synchronous MOSFET followed by hiccup feature.NX2154A has higher current limit threshold than NX2154. Feedback under voltage also triggers hiccup. Other features of the device are: 5V gate drive, Adaptive deadband control, Internal digital soft start, Vcc undervoltage lock out and shutdown capability via the comp pin.
FEATURES
n n n n n n Bus voltage operation from 2V to 40V Fixed 300kHz voltage mode controller Internal Digital Soft Start Function Prebias Startup Less than 50 nS adaptive deadband Current limit triggers hiccup by sensing Rdson of Synchronous MOSFET n No negative spike at Vout during startup and shutdown n Pb-free and RoHS compliant
APPLICATIONS
n n n n n Graphic Card on board converters Memory Vddq Supply in mother board applications On board DC to DC such as 5V to 3.3V, 2.5V or 1.8V Hard Disk Drive Set Top Box
TYPICAL APPLICATION
Vin +5V
MBR0530T1 1uF 50ME180WX
Vin +33V
1uF
5
1
Vcc
7
BST
0.1uF 2 M1A STM6920 15uH
HI=SD
M3
12nF 82pF 13.3k 6
NX2154
Comp
Hdrv SW Ldrv
8 M1B
Vout +5V,3A
6ME1000WG(1000uF,30mohm)
Fb Gnd
3
4
1k 191
Figure1 - Typical application of 2154
ORDERING INFORMATION
Device NX2154CSTR NX2154ACSTR
Rev.1.2 02/26/07
Temperature 0 to 70oC 0 to 70o C
Package SOIC-8L SOIC-8L
Frequency 300kHz 300kHz
OCP Threshold 360mV 540mV
Pb-Free Yes Yes 1
NX2154/2154A
ABSOLUTE MAXIMUM RATINGS(NOTE1)
Vcc to GND & BST to SW voltage ................... 6.5V BST to GND Voltage ...................................... 50V Storage Temperature Range ............................. -65oC to 150oC Operating Junction Temperature Range ............. -40oC to 125oC NOTE1: Stresses above those listed in "ABSOLUTE MAXIMUM RATINGS", may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
PACKAGE INFORMATION
8-PIN PLASTIC SOIC (S)
JA 130o C/W
BST 1 HDrv 2 Gnd 3 LDrv 4
8 SW 7 Comp 6 Fb 5 Vcc
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over Vcc = 5V, and TA = 0 to 70oC. Typical values refer to TA = 25oC. Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient temperature. PARAMETER Reference Voltage Ref Voltage Ref Voltage line regulation Supply Voltage(Vcc) VCC Voltage Range VCC Supply Current (Static) VCC Supply Current (Dynamic) Supply Voltage(VBST) VBST Supply Current (Static) VBST Supply Current (Dynamic) Under Voltage Lockout VCC-Threshold VCC-Hysteresis SYM VREF Test Condition 4.5VVCC ICC (Static) Outputs not switching ICC CLOAD=3300pF FS=300kHz (Dynamic) IBST (Static) Outputs not switching CLOAD=3300pF IBST (Dynamic) VCC_UVLO VCC Rising VCC_Hyst VCC Falling FS=300kHz
0.15 5
mA mA
4.2 0.22
V V
Rev.1.2 02/26/07
2
NX2154/2154A
PARAMETER SS Soft Start time Oscillator (Rt) Frequency Ramp-Amplitude Voltage Max Duty Cycle Min Duty Cycle Error Amplifiers Transconductance Input Bias Current Comp SD Threshold FBUVLO Feedback UVLO threshold High Side Driver(C L=2200pF) Output Impedance , Sourcing Output Impedance , Sinking Sourcing Current Sinking Current Rise Time Fall Time Deadband Time Low Side Driver (C L=2200pF) Output Impedance, Sourcing Current Output Impedance, Sinking Current Sourcing Current Sinking Current Rise Time Fall Time Deadband Time OCP OCP voltage Rsource(Ldrv) Rsink(Ldrv) Isource(Ldrv) Isink(Ldrv) TLdrv(Rise) TLdrv(Fall) Tdead(H to SW going Low to Ldrv L) going High, 10% to 10% NX2154 NX2154A I=200mA I=200mA 1.9 1 1 2 13 12 10 ohm ohm A A ns ns ns SYM Tss FS VRAMP Test Condition Fsw=300Khz Min TYP 3.4 1.7 300 1.6 84 0 2000 10 0.3 percent of nominal Rsource(Hdrv) I=200mA Rsink(Hdrv) I=200mA Isource(Hdrv) Isink(Hdrv) THdrv(Rise) THdrv(Fall) Tdead(L to Ldrv going Low to Hdrv H) going High, 10%-10% 65 70 1.9 1.7 1 1.2 14 17 30 75 MAX Units mS kHz V % % umho nA V % ohm ohm A A ns ns ns
Ib
360 540
mV
Rev.1.2 02/26/07
3
NX2154/2154A
PIN DESCRIPTIONS
PIN # 1 PIN SYMBOL BST PIN DESCRIPTION This pin supplies voltage to the high side driver. A high frequency ceramic capacitor of 0.1 to 1 uF must be connected from this pin to SW pin. High side MOSFET gate driver. Ground pin. Low side MOSFET gate driver. For the high current application, a 4.7nF capacitor is recommend to placed on low side MOSFET's gate to ground. This is to prevent undesired Cdv/dt induced low side MOSFET's turn on to happen, which is caused by fast voltage change on the drain of low side MOSFET in synchronous buck converter and lower the system efficiency. Voltage supply for the internal circuit as well as the low side MOSFET gate driver. A 1uF high frequency ceramic capacitor must be connected from this pin to GND pin. This pin is the error amplifier inverting input. This pin is also connected to the output UVLO comparator. When this pin falls below 0.56V, both HDRV and LDRV outputs are in hiccup. This pin is the output of the error amplifier and together with FB pin is used to compensate the voltage control feedback loop. This pin is also used as a shut down pin. When this pin is pulled below 0.3V, both drivers are turned off and internal soft start is reset. This pin is connected to the source of the high side MOSFET and provides return path for the high side driver. Also SW senses the low side MOSFETS current, when the pin voltage is lower than 360mV for NX2154, 540mV for NX2154A, hiccup will be triggered.
2 3 4
HDRV GND LDRV
5
Vcc
6
FB
7
COMP
8
SW
Rev.1.2 02/26/07
4
NX2154/2154A
BLOCK DIAGRAM
VCC
70%Vp FB Bias Generator 1.25V 0.8V UVLO POR START Hiccup Logic
OC BST
HDRV
COMP 0.3V START 0.8V OSC Digital start Up ramp S R FB 0.6V CLAMP COMP START GND Q PWM OC Control Logic VCC
SW
LDRV
1.3V CLAMP Hiccup Logic
360mV/540mV
OCP comparator
Figure 2 - Simplified block diagram of the NX2154/NX2154A
Rev.1.2 02/26/07
5
NX2154/2154A
APPLICATION INFORMATION
Symbol Used In Application Information:
VIN VOUT IOUT FS - Input voltage - Output voltage - Output current - Working frequency
IRIPPLE = =
VIN -VOUT VOUT 1 x x L OUT VIN FS
...(2) 33V-5V 5V 1 x x = 0.94A 15uH 33V 300kHz
DVRIPPLE - Output voltage ripple DIRIPPLE - Inductor current ripple
Output Capacitor Selection
Output capacitor is basically decided by the amount of the output voltage ripple allowed during steady state(DC) load condition as well as specification for the load transient. The optimum design may require a couple of iterations to satisfy both condition. Based on DC Load Condition The amount of voltage ripple during the DC load condition is determined by equation(3).
Design Example
The following is typical application for NX2154, the schematic is figure 1. VIN = 33V VOUT=5V FS=300kHz IOUT=3A DVRIPPLE <=50mV DVDROOP<=250mV @ 9A step
VRIPPLE = ESR x IRIPPLE +
IRIPPLE 8 x FS x COUT ...(3)
Where ESR is the output capacitors' equivalent series resistance,COUT is the value of output capacitors. Typically when large value capacitors are selected such as Aluminum Electrolytic,POSCAP and OSCON types are used, the amount of the output voltage ripple is dominated by the first term in equation(3) and the second term can be neglected. For this example,electrolytic capacitors are chosen as output capacitors, the ESR and inductor current typically determines the output voltage ripple.
Output Inductor Selection
The selection of inductor value is based on inductor ripple current, power rating, working frequency and efficiency. Larger inductor value normally means smaller ripple current. However if the inductance is chosen too large, it brings slow response and lower efficiency. Usually the ripple current ranges from 20% to 40% of the output current. This is a design freedom which can be decided by design engineer according to various application requirements. The inductor value can be calculated by using the following equations:
ESR desire =
VRIPPLE 50mV = = 53m IRIPPLE 0.94A
...(4)
If low ESR is required, for most applications, multiple capacitors in parallel are better than a big capacitor. For example, SANYO electrolytic capacitor 6ME1000WG (1000uF,30m) is chosen.
L OUT =
VIN -VOUT VOUT 1 x x IRIPPLE VIN FS
IRIPPLE =k x IOUTPUT
where k is between 0.2 to 0.4. Select k=0.3, then
...(1)
N=
E S R E x IR I P P L E VR IPPLE
...(5)
Number of Capacitor is calculated as
N= 30mx 0.94A 50mV
33V-5V 5V 1 x x 0.3 x 3A 33V 300kHz L OUT =15.7uH L OUT =
Choose inductor from COILCRAFT DO5022P-153 with L=15uH is a good choice. Current Ripple is recalculated as
Rev.1.2 02/26/07
N =0.566 The number of capacitor has to be round up to a integer. Choose N =1. If ceramic capacitors are chosen as output ca 6
NX2154/2154A
pacitors, both terms in equation (3) need to be evaluated to determine the overall ripple. Usually when this type of capacitors are selected, the amount of capacitance per single unit is not sufficient to meet the transient specification, which results in parallel configuration of multiple capacitors . For example, one 100uF, X5R ceramic capacitor of output capacitor. For low frequency capacitor such as electrolytic capacitor, the product of ESR and capacitance is high and L L crit is true. In that case, the transient spec is dependent on the ESR of capacitor. In most cases, the output capacitors are multiple capacitors in parallel. The number of capacitors can be calculated by the following
N= ESR E x Istep Vtran + VOUT x 2 2 x L x C E x Vtran
with 2m ESR is used. The amount of output ripple is
VRIPPLE 0.94A = 2mx 0.94A + 8 x 300kHz x 100uF = 5.4mV
...(9)
where
Although this meets DC ripple spec, however it needs to be studied for transient requirement. Based On Transient Requirement Typically, the output voltage droop during transient is specified as:
0 if L L crit = L x Istep - ESR E x CE V OUT
sient is 250mV for 3A load step.
if
L L crit
...(10)
For example, assume voltage droop during tranIf the SANYO electrolytic capaictor 6ME1000WG (1000uF, 30m ) is used, the critical inductance is given as
VDROOP ...(6)
L crit =
ESR E x C E x VOUT = I step
30m x 1000F x 5V = 50H 3A
The selected inductor is 15uH which is smaller than critical inductance. In that case, the output voltage transient only dependent on the ESR. number of capacitors is
where is the a function of capacitor, etc.
N=
...(7)
ESR E x Istep Vtran
+
0 if L L crit = L x Istep - ESR x COUT V OUT
where
L crit =
VOUT x 2 2 x L x CE x Vtran
if
L L crit
ESR x COUT x VOUT ESR E x C E x VOUT = Istep Istep
30m x 3A + 250mV 5V x (0) 2 2 x15H x1000F x 250mV = 0.36 =
The number of capacitors has to satisfied both ripple and transient requirement. Overall, we can choose N=1.
...(8)
where ESRE and CE represents ESR and capacitance of each capacitor if multiple capacitors are used in parallel. The above equation shows that if the selected output inductor is smaller than the critical inductance, the voltage droop or overshoot is only dependent on the ESR
Rev.1.2 02/26/07
7
NX2154/2154A
It should be considered that the proposed equation is based on ideal case, in reality, the droop or overshoot is typically more than the calculation. The equation gives a good start. For more margin, more capacitors have to be chosen after the test. Typically, for high frequency capacitor such as high quality POSCAP especially ceramic capacitor, 20% to 100% (for ceramic) more capacitors have to be chosen since the ESR of capacitors is so low that the PCB parasitic can affect the results tremendously. More capacitors have to be selected to compensate these parasitic parameters. where FZ1,FZ2,FP1 and FP2 are poles and zeros in
FZ1 = FZ2 = FP1 = FP2 =
1 2 x x R 4 x C2 1 2 x x (R 2 + R3 ) x C3 1 2 x x R3 x C3 1 C x C2 2 x x R4 x 1 C1 + C2
...(11) ...(12) ...(13) ...(14)
Compensator Design
Due to the double pole generated by LC filter of the power stage, the power system has 180o phase shift , and therefore, is unstable by itself. In order to achieve accurate output voltage and fast transient response,compensator is employed to provide highest possible bandwidth and enough phase margin.Ideally,the Bode plot of the closed loop system has crossover frequency between1/10 and 1/5 of the switching frequency, phase margin greater than 50o and the gain crossing 0dB with -20dB/decade. Power stage output capacitors usually decide the compensator type. If electrolytic capacitors are chosen as output capacitors, type II compensator can be used to compensate the system, because the zero caused by output capacitor ESR is lower than crossover frequency. Otherwise type III compensator should be chosen.
the compensator. Their locations are shown in figure 4. The transfer function of type III compensator for transconductance amplifier is given by:
Ve 1 - gm x Z f = VOUT 1 + gm x Zin + Z in / R1
For the voltage amplifier, the transfer function of compensator is
Ve -Z f = VOUT Zin
To achieve the same effect as voltage amplifier, the compensator of transconductance amplifier must satisfy this condition: R 4>>2/gm. And it would be desirable if R 1||R2||R3>>1/gm can be met at the same time.
Zin R3
Vout
Zf C1 C2 Fb gm Ve R4
A. Type III compensator design
For low ESR output capacitors, typically such as Sanyo oscap and poscap, the frequency of ESR zero caused by output capacitors is higher than the crossover frequency. In this case, it is necessary to compensate the system with type III compensator. The following figures and equations show how to realize the type III compensator by transconductance amplifier.
R2 C3 R1
Vref
Figure 3 - Type III compensator using transconductance amplifier
Rev.1.2 02/26/07
8
NX2154/2154A
Case 1: FLCR1=
R2 x VREF 10kx 0.8V = = 1.91k VOUT -VREF 5V-0.8V
Gain(db)
power stage
FLC
40dB/decade
Choose R1=1.91k. 3. Set zero FZ2 = FLC and Fp1 =FESR . 4. Calculate C3 .
C3 =
1 11 x( ) 2 x x R2 Fz2 Fp1
FESR
loop gain
1 1 1 x( ) 2 x x 10k 1.3kHz 5.3kHz =9.2nF =
20dB/decade compensator
Choose C3=10nF. 5. Calculate R3 .
R3 = =
1 2 x x FP1 x C 3
1 2 x x 5.3kHz x 10nF = 3k
FZ1 FZ2 FP1 FO
FP2
Choose R3 =3k. 6. Calculate R4 with FO=30kHz. R4 = VOSC 2 x x FO x L R2 x R3 x x Vin ESR R2 + R3
Figure 4 - Bode plot of Type III compensator (FLC1.5V 2 x x 30kHz x 15uH 10k x 3k x x 33V 30m 10k + 3k =9.9k = Choose R4=10k. 7. Calculate C2 with zero Fz1 at 75% of the LC double pole by equation (11).
C2 = =
1 2 x x FZ1 x R 4
1 2 x x 0.75 x 1.3kHz x 10k = 12.2nF
FLC = =
1 2 x x L OUT x COUT 1
Choose C2=12nF. 8. Calculate C 1 by equation (14) with pole F p2 at half the switching frequency.
2 x x 15uH x 1000uF = 1.3kHz
C1 = =
1 2 x x R 4 x FP2
FESR = =
1 2 x x ESR x COUT
1 2 x x 30m x 1000uF = 5.3kHz
Rev.1.2 02/26/07
1 2 x x 10k x 150kHz = 106pF
Choose C1=100pF.
9
NX2154/2154A
Case 2: FLCR1 =
R 2 x VREF 10k x 0.8V = = 8k VOUT -VREF 1.8V-0.8V
Choose R1=8k.
Gain(db)
power stage
3. Set zero FZ2 = FLC and Fp1 =FESR . 4. Calculate R4 and C3 with the crossover
FLC
40dB/decade
frequency at 1/10~ 1/5 of the switching frequency. Set FO=30kHz.
C3 =
loop gain
1 11 x( ) 2 x x R2 Fz2 Fp1
FESR
20dB/decade compensator
1 1 1 x( ) 2 x x 10k 6.2kHz 60.3kHz =2.3nF =
R4 = = VOSC 2 x x FO x L x x Cout Vin C3
1.5V 2 x x 30kHz x 1.5uH x x 440uF 5V 2.2nF =16.9k
FZ1 FZ2
FO FP1
FP2
Choose C3=2.2nF, R 4=16.9k. 5. Calculate C2 with zero Fz1 at 75% of the LC double pole by equation (11).
Figure 5 - Bode plot of Type III compensator
C2 =
Design example for type III compensator are in order. The crossover frequency has to be selected as FLC1 2 x x FZ1 x R 4
=
1 2 x x 0.75 x 6.2kHz x 16.9k = 2nF
Choose C2=2.2nF. 6. Calculate C 1 by equation (14) with pole F p2 at half the switching frequency.
C1 = =
1 2 x x R 4 x FP2
FLC = =
1 2 x x L OUT x COUT 1
1 2 x x 16.9k x 150kHz = 63pF
Choose C1=68pF. 7. Calculate R 3 by equation (13).
2 x x 1.5uH x 440uF = 6.2kHz
FESR
1 = 2 x x ESR x C OUT 1 = 2 x x 6m x 440uF = 60.3kHz
R3 = =
1 2 x x FP1 x C3
1 2 x x 60.3kHz x 2.2nF = 1.2k
Choose R3=1.2k. 10
2. Set R2 equal to 10k.
Rev.1.2 02/26/07
NX2154/2154A
B. Type II compensator design
If the electrolytic capacitors are chosen as power stage output capacitors, usually the Type II compensator can be used to compensate the system. Type II compensator can be realized by simple RC circuit without feedback as shown in figure 6. R3 and C1 introduce a zero to cancel the double pole effect. C2 introduces a pole to suppress the switching noise. The following equations show the compensator pole zero location and constant gain.
Vout R2 Fb gm R1 Vref Ve R3 C2 C1
Gain=gm x
R1 x R3 R1+R2
... (15)
Figure 7 - Type II compensator with
1 Fz = 2 x x R3 x C1 Fp 1 2 x x R3 x C2
... (16) ... (17)
transconductance amplifier For this type of compensator, FO has to satisfy FLCpower stage Gain(db) 40dB/decade loop gain 20dB/decade
with 30m electrolytic capacitors. 1.Calculate the location of LC double pole F LC and ESR zero FESR.
FLC = =
1 2 x x L OUT x COUT 1
2 x x 15uH x 1000uF = 1.3kHz
compensator Gain
FESR = =
1 2 x x ESR x COUT
FZ FLC FESR
FO FP
R1 =
1 2 x x 30m x 1000uF = 5.3kHz
2.Set R2 equal to 1k.
Figure 6 - Bode plot of Type II compensator
R 2 x VREF 1k x 0.8V = = 191 VOUT -VREF 5V-0.8V
Choose R1=191. 3. Set crossover frequency at 1/10~ 1/5 of the swithing frequency, here FO=30kHz. 4.Calculate R3 value by the following equation.
Rev.1.2 02/26/07
11
NX2154/2154A
4.Calculate R3 value by the following equation.
V 2 x x FO x L 1 VOUT x x R3 = OSC x Vin RESR gm VREF 1.5V 2 x x 30kHz x 15uH 1 x x 33V 30m 2.0mA/V 5V x 0.8V =13.3k =
Choose R 3 =13.3k. 5. Calculate C1 by setting compensator zero FZ at 75% of the LC double pole.
C1= = 1 2 x x R 3 x Fz
Vout R2 Fb R1 Vref Voltage divider
Figure 8 - Voltage divider
Input Capacitor Selection
Input capacitors are usually a mix of high frequency ceramic capacitors and bulk capacitors. Ceramic capacitors bypass the high frequency noise, and bulk capacitors supply switching current to the MOSFETs. Usually 1uF ceramic capacitor is chosen to decouple the high frequency noise.The bulk input capacitors are decided by voltage rating and RMS current rating. The RMS current in the input capacitors can be calculated as:
1 2 x x 13.3k x 0.75 x 1.3kHz =12.2nF
Choose C1=12nF. 6. Calculate C 2 by setting compensator pole Fp at half the swithing frequency.
C2= = 1 x R 3 x Fs
IRMS = IOUT x D x 1- D D= VOUT VIN
...(19)
1 x 1 3 .3k x 3 0 0 k H z =80pF
VIN = 33V, VOUT=5V, IOUT=3A, using equation (19), the result of input RMS current is 1.1A. For higher efficiency, low ESR capacitors are recommended. One Sanyo electrolytic capacitor 50ME180WX 50V 180uF 46m with 1.19A RMS rating is chosen as input bulk capacitors.
Choose C1=82pF.
Output Voltage Calculation
Output voltage is set by reference voltage and external voltage divider. The reference voltage is fixed at 0.8V. The divider consists of two ratioed resistors so that the output voltage applied at the Fb pin is 0.8V when the output voltage is at the desired value. The following equation and picture show the relationship between
Power MOSFETs Selection
The power stage requires two N-Channel power MOSFETs. The selection of MOSFETs is based on maximum drain source voltage, gate source voltage, maximum current rating, MOSFET on resistance and power dissipation. The main consideration is the power loss contribution of MOSFETs to the overall converter efficiency. In this design example, two STM6920 are used. They have the following parameters: V DS=40V, I D =7A,RDSON =45m,QGATE =8.7nC. There are two factors causing the MOSFET power loss:conduction loss, switching loss.
VOUT , VREF and voltage divider. .
...(18)
R 2 x VR E F R 1= V O U T -V R E F
where R2 is part of the compensator, and the value of R1 value can be set by voltage divider. See compensator design for R1 and R2 selection.
Rev.1.2 02/26/07
12
NX2154/2154A
Conduction loss is simply defined as:
PHCON =IOUT 2 x D x RDS(ON) x K PLCON =IOUT 2 x (1 - D) x RDS(ON) x K PTOTAL =PHCON + PLCON
...(20)
ISET =
360mV K x RDSON
If MOSFET R DSON=45m, the worst case thermal consideration K=1.5, then
ISET = 320mV 360mV = = 5.3A K x RDSON 1.5 x 45m
where the RDS(ON) will increases as MOSFET junction temperature increases, K is RDS(ON) temperature dependency. As a result, RDS(ON) should be selected for the worst case, in which K approximately equals to 1.5 at 125oC according to STM6920 datasheet. Conduction loss should not exceed package rating or overall system thermal budget. Switching loss is mainly caused by crossover conduction at the switching transition. The total switching loss can be approximated.
Layout Considerations
The layout is very important when designing high frequency switching converters. Layout will affect noise pickup and can cause a good design to perform with less than expected results. There are two sets of components considered in the layout which are power components and small signal components. Power components usually consist of input capacitors, high-side MOSFET, low-side MOSFET, inductor and output capacitors. A noisy environment is generated by the power components due to the switching power. Small signal components are connected to sensitive pins or nodes. A multilayer layout which includes power plane, ground plane and signal plane is recommended . Layout guidelines: 1. First put all the power components in the top layer connected by wide, copper filled areas. The input capacitor, inductor, output capacitor and the MOSFETs should be close to each other as possible. This helps to reduce the EMI radiated by the power loop due to the high switching currents through them. 2. Low ESR capacitor which can handle input RMS ripple current and a high frequency decoupling ceramic cap which usually is 1uF need to be practically touching the drain pin of the upper MOSFET, a plane connection is a must. 3. The output capacitors should be placed as close as to the load as possible and plane connection is required. 4. Drain of the low-side MOSFET and source of the high-side MOSFET need to be connected thru a plane ans as close as possible. A snubber nedds to be placed as close to this junction as possible. 5. Source of the lower MOSFET needs to be con13
1 PSW = x VIN x IOUT x TSW x FS ...(21) 2 where IOUT is output current, TSW is the sum of TR and TF which can be found in mosfet datasheet, and FS is switching frequency. Switching loss PSW is frequency dependent. Also MOSFET gate driver loss should be considered when choosing the proper power MOSFET. MOSFET gate driver loss is the loss generated by discharging the gate capacitor and is dissipated in driver circuits.It is proportional to frequency and is defined as:
Pgate = (QHGATE x VHGS + QLGATE x VLGS ) x FS
...(22)
where QHGATE is the high side MOSFETs gate charge,QLGATE is the low side MOSFETs gate charge,VHGS is the high side gate source voltage, and VLGS is the low side gate source voltage. This power dissipation should not exceed maximum power dissipation of the driver device.
Over Current Limit Protection
Over current Limit for step down converter is achieved by sensing current through the low side MOSFET. For NX2154, the current limit is decided by the RDSON of the low side mosfet. When synchronous FET is on, and the voltage on SW pin is below 360mV, the over current occurs. The over current limit can be calculated by the following equation.
Rev.1.2 02/26/07
NX2154/2154A
nected to the GND plane with multiple vias. One is not enough. This is very important. The same applies to the output capacitors and input capacitors. 6. Hdrv and Ldrv pins should be as close to MOSFET gate as possible. The gate traces should be wide and short. A place for gate drv resistors is needed to fine tune noise if needed. 7. Vcc capacitor, BST capacitor or any other bypassing capacitor needs to be placed first around the IC and as close as possible. The capacitor on comp to GND or comp back to FB needs to be place as close to the pin as well as resistor divider. 8. The output sense line which is sensing output back to the resistor divider should not go through high frequency signals. 9. All GNDs need to go directly thru via to GND plane. 10. The feedback part of the system should be kept away from the inductor and other noise sources, and be placed close to the IC. 11. In multilayer PCB, separate power ground and analog ground. These two grounds must be connected together on the PC board layout at a single point. The goal is to localize the high current path to a separate loop that does not interfere with the more sensitive analog control function.
TYPICAL APPLICATION FOR HIGH CURRENT
Vin +12V
C3 33uF L2 1uH
C5 1uF
Cin 2 x 16SP180M
D1 MBR0530T1
Vin +5V
C6 1uF 7 5 1
Vcc
HI=SD
M3
BST
C4 0.1uF 2 M1 IRF3706 L1 1uH
C1 220pF
C2 15nF R4 5k 6
NX2154
Comp
Hdrv SW Ldrv
8 M2 2 x IRF3706
Fb Gnd
3
4 C7 4.7nF
Co 2 x (1500uF,13mohm)
Vout +1.8V,20A
R2 800
R1 1k
Figure 9 - High output current application of 2154
Rev.1.2 02/26/07
14
NX2154/2154A
TYPICAL APPLICATION FOR LED
+5V Vin +9V to 33V
D1 MBR0530T1 10k 1uF 5 1uF 1N4148 7 68nF 56pF 1 1uF 0.1uF 2 IRF7341 10uH 8 220uF
78L05
Vcc Comp
BST Hdrv SW
Vout
Co 1000uF,30mohm
Fb
POT 100k
1k
Waveforms for LED application
0.9 0.85 EFFICIENCY(%) 0.8 0.75 0.7 0.65 0.6 0.55 0 0.2 0.4 0.6 0.8 1 1.2 LED CURRENT(A)
Figure 11 - LED application efficiency (One LUXEDN III star LED, VIN=12V)
Rev.1.2 02/26/07
NX2154
Gnd
3
1.6k 6
Ldrv
4
LUXEON III star LED
LM358
0.1ohm
Figure 10 - NX2154 LED application
Figure 12 - Startup in NX2154 LED application 15
NX2154/2154A
SOIC8 PACKAGE OUTLINE DIMENSIONS
Rev.1.2 02/26/07
16
NX2154/2154A
Rev.1.2 02/26/07
17


▲Up To Search▲   

 
Price & Availability of NX2154ACSTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X