Part Number Hot Search : 
08HT58CP SI7148DP T52C4V T52C4V SI7148DP K100310 0469PWR PST9136
Product Description
Full Text Search
 

To Download NS0019LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100 PC CARD LAN MAGNETICS
Bothhandusa.com
Page : 1/1
P/N: NS0019 LF DATA SHEET
Feature
Half port and single port designs for maximum layout flexibility. Low profile packages from 0.094 Inch(2.39mm) to 0.078 Inch(1.98mm) for PC card and card bus applications. TX OCL 350uH min. with 8mA Bias. Lead free for external pins. Operation temperature range: 0J to +70J . Storage temperature range: -25J to +125J .
Electrical Specifications @ 25C
Part Number NS0019 LF Turns Ratio (5%) TX 1CT:1CT RX 1CT:1CT OCL (uH Min) @100KHz/0.1V with 8mA DC Bias Pin(16-15) Pin(7-8) 200 350 Insertion Loss (dB Max)TX/RX 0.3-100MHz -1.4/-1.1 HI-POT (Vrms) 1500
Continue
Part Number NS0019 LF Return Loss (dB Min)TX/RX 30MHz -14/-16 60MHz -11/-12 80MHz -10/-11 30MHz -45 Cross talk (dB Min) 62MHz -40 100MHz -35 30MHz -40 DCMR (dB Min) 100MHz -30
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of NS0019LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X