Part Number Hot Search : 
MTKV320C 5248B 0F88M RPS1A6 W503Y BT2222A 3LN01 300DA
Product Description
Full Text Search
 

To Download NS0013MLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NS0013M LF
Bothhandusa.com
Page : 1/1
10/100 PC CARD LAN MAGNETICS SOLUTIONS P/N: NS0013M LF DATA SHEET
Feature l l l
l l
Half port and single port designs for maximum layout flexibility. Low profile packages from 0.094 Inch(2.39mm) to 0.078 Inch(1.98mm) for PC card and card bus applications . Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6+, No PBB and PBDE and No Pb on external pins. Operating temperature range: -40J to +85J. Storage temperature range: -40J to +125J.
Electrical Specifications @ 25C
Part Number TX NS0013M LF 1CT:1CT Turns Ratio (3%) RX 1CT:1CT OCL (uH Min) @100KHz/0.1V Pin(16-15/7-8) 350 15 0.4 Cw/w (pF Max) L.L (uH Max) DCR ([ Max) Pin(16-15/7-8) 0.9 1500 HI-POT (Vrms)
Continue
Part Number NS0013M LF Insertion Loss (dB Max) 0.3-100MHz -1.1 0.3-30MHz -18 Return Loss (dB Min) 40MHz -15.5 50MHz -13.5 60-80MHz -10 Cross talk (dB Min) 0.3-100MHz -38 DCMR (dB Min) 0.3-60MHz 60-100MHz -33 -26
Schematic
Mechanical


▲Up To Search▲   

 
Price & Availability of NS0013MLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X