Part Number Hot Search : 
080502MS DMN2004 LBS70A25 RGP30K GRM32D M8170 RF1119 ZMD33220
Product Description
Full Text Search
 

To Download NS0013BX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100 PC CARD LAN MAGNETICS
Bothhandusa.com
Page : 1/1
P/N: NS0013BX DATA SHEET
Feature ! ! !
! !
Half port and single port designs for maximum layout flexibility. Low profile packages from 0.094 Inch(2.39mm) to 0.078 Inch(1.98mm) for PC card and card bus applications . Compatible package with INTEL,TDK,QSI, and ICS Transformer. Operation temperature range: 0C to +70C. Storage temperature range: -25C to +125C.
Electrical Specifications @ 25C
DCR ( Max) Pin(1-3/6-8) 50 0.4 0.9 1500
Part Number
Turns Ratio (3%) RX TX 1CT:1CT
OCL (uH Min) @ 100KHz/0.1V Pin(1-3/6-8) 350
CW/W (pF Max)
L.L (uH Max)
HI-POT (Vrms)
NS0013BX
1CT:1CT
Continue
Insertion Loss Part Number 0.3-100 MHz NS0013BX -1.1 0.3-30MHz -18 40MHz -15.5 50MHz -13.5 60-80MHz -10 0.3-100MHz -38 0.3-60MHz 60-100MHz -33 -26 (dB Max) Return Loss (dB Min) Cross talk (dB Min) DCMR (dB Min)
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of NS0013BX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X