Part Number Hot Search : 
PJ2822 M74HC3 MTZJ36B PJ2822 JAR8005 EPF8110S UM10512 ON743
Product Description
Full Text Search
 

To Download MV21003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs Varactor Diodes
TM (R)
Abrupt Junction
MV20001 - MV21010
Features

High Q Values for Higher Frequency Performance Constant Gamma Design Low Reverse Current Available as Chip or Packaged Diodes Available in Chip-on-Board Packaging Custom Designs Available
Applications

VCOs Phase-Locked Oscillators High Q Tunable Filters Phase Shifters Pre-Selectors
Description
Microsemi's GaAs abrupt junction varactors are fabricated from epitaxial layers grown at Microsemi using Chemical Vapor Deposition. The layers are processed using proprietary techniques resulting in a high Q factor and very repeatable tuning curves. The diodes are available in a variety of microwave ceramic packages or chips for operation from UHF to millimeter wave frequencies.
Breakdown Voltage 50 mA @ 25C +20 dBm @ 25C -55C to +175C -55C to +200C
Maximum Ratings
Reverse Voltage Forward Current Incident Power Operating Temperature Storage Temperature
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information. These devices are ESD sensitive and must be handled using ESD precautions.
1
The MV20000 Series of products are
supplied with a RoHS complaint Gold finish.
Copyright 2008 Rev: 2009-05-11
Microsemi
Microwave Products
Page 1
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
GaAs Varactor Diodes
TM (R)
Abrupt Junction
MV20001 - MV21010
Specifications @ 25C
Gamma = 0.5
Part Number MV20001 MV20002 MV20003 MV20004 MV20005 MV20006 MV20007 MV20008 MV20009 MV20010 MV21001 MV21002 MV21003 MV21004 MV21005 MV21006 MV21007 MV21008 MV21009 MV21010
1 2
CT @ 4 V 10% (pF)1, 3, 4 0.3 0.4 0.5 0.6 0.8 1.0 1.2 1.5 1.8 2.2 0.3 0.4 0.5 0.6 0.8 1.0 1.2 1.5 1.8 2.2
Typ. CT @ 0 V CT @ VBR5 2.4 2.6 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.4 2.8 3.1 3.4 3.6 3.8 4.0 4.2 4.3 4.5 4.6
Min. VBR @ 10 A (V) 15 15 15 15 15 15 15 15 15 15 30 30 30 30 30 30 30 30 30 30
Typ. Q @ -4 V2 8000 7500 7000 6500 6000 5700 5000 5000 5000 4000 8000 7500 7000 6500 6000 5700 5000 5000 5000 4000
Typical Characteristics
Capacitance is specified at 1 MHz. Measured by DeLoach Technique and referenced to 50 MHz. 3 Tightened tolerances available upon request. 4 Package capacitance of 0.15 pF is included in the above specification. 5 The capacitance ratio is calculated using CP = 0.15 pF. Ratios will vary depending upon package selection.
Copyright 2008 Rev: 2009-05-11
Microsemi
Microwave Products
Page 2
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748


▲Up To Search▲   

 
Price & Availability of MV21003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X