Part Number Hot Search : 
AT515 CS005L 3210Q WU307 S0400 IF850 88500 HD1760JL
Product Description
Full Text Search
 

To Download MTPS9067P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTPS9067P
Point Source LED
2.ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25 ) CONDITIONS ITEM SYMBOL IF=20mA Power Output PO IF=20mA Forward Voltage VF VR=5V Reverse Current IR Peak Wavelength p IF=20mA Spectral Line Half Width IF=20mA Half Intensity Beam Angle IF=20mA Temp. Coefficient of PO IF=10mA P/T Temp. Coefficient of VF IF=10mA V/T
MIN 0.2
TYP 0.4 2.2 650 20 2.5 -0.24 -3.8
MAX
630
100*65MM
UNIT mW 2.5 V 10 A 670 nm nm deg. %/ mV/
FORWARD I-V CHARACTERISTICS 60 RELATIVE POWER OUTPUT(%) FORWARD CURRENT(mA) 300
RELATIVE POWER vs FORWARD CURRENT 120 RELATIVE POWER OUTPUT(%) 100 80 60 40 20 0 -90
RADIATION PATTERN
FEATURES
Red Color Point-Source LED Emitting Window Dia.150m Parallel Rays (Super Excellent) Narrow Beam (Super Excellent) Small Temp. Coefficient of PO APPLICATIONS Optical Switches Linear & Rotary Encoder 1. ABSOLUTE MAXIMUM RATINGS (Ta=25) ITEM RATINGS SYMBOL Forward Current (DC) 50 IF Forward Current (Pulse)*1 0.3 IFP Reverse Voltage 5 VR Power Dissipation 125 PD -20 TO 85 Operating Temp. Topr -30 TO 100 Storage Temp. Tstg 100 Junction Temp. Tj Lead Soldering Temp.*2 260 Tls *1:Tw=10uS,T=10mS *2:Time 5 Sec max,Position:Up to 3mm from the body
Dimensions (Unit:mm)
50 40 30 20 10 0 0 1 2 3 FORWARD VOLTAGE(V)
250 200 150 100 50 0 0 10 20 30 40 50 60 FORWARD CURRENT(mA)
SPECTRAL OUTPUT 120
-60
-30
0
30
60
90
BEAM ANGLE(deg.)
100
UNIT mA A V mW
RELATIVE POWER OUTPUT(%)
THERMAL DERATING CURVE 80 FORWARD CURRENT(mA) 60 RELATIVE POWER OUTPUT(%) 50 40 30 20 10 0 -30 140
POWER OUTPUT vs TEMPERATURE IF=10mA 3 FORWARD VOLTAGE(V) 2.5 2 1.5 1 0.5 0 -30
FORWARD VOLTAGE vs TEMPERATURE IF=10mA
120 100 80 60 40 20 0 -30 -10 10 30 50 70 90 AMBIENT TEMPERATURE()
60
40
20
0 610
630
650
670
690
710
WAVELENGTH(nm)
-10 10 30 50 70 90 AMBIENT TEMPERATURE()
-10 10 30 50 70 90 AMBIENT TEMPERATURE()
To purchase this part contact Marktech Optoelectronics at
800.984.5337
Marktech Optoelectronics
www.marktechopto.com


▲Up To Search▲   

 
Price & Availability of MTPS9067P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X