Part Number Hot Search : 
KBPC1008 00111 B80N0 29VF0 LC865404 PJ722 CP2130 PJ722
Product Description
Full Text Search
 

To Download MP25CW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MP15,25,35 CW SERIES
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 50 TO 1000 VOLTS PRV CURRENT 15.25.35. Amperes
FEATURES
Rating to 1000V PRV 400 Amperes surge capability High efficiency Weight:0.7 ounce 20 grams For maximum heat dissipation Mounting: thru hole for #8 screw Electrically Isolated base 1800 Volt Case:Molded plastic isolated with heatsink interally
7.8 0.3mm
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MP 15/25/35 Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current @ TC=55 C
0
MP005W MP01W
MP02W
200 140 200
MP04W
400 280 400 15 25 35
MP06W
600 420 600
MP08W
800 560 800
MP10W
1000 700 1000
UNITS
V V V
VRRM VRMS VDC
50 35 50
100 70 100
MP12 MP25 MP35
V(AV)
A
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Mehtod) Maximum Forward Voltage per Bridge element
MP15 MP25 MP35 MP15 7.5A MP25 at IF 12.5A MP35 17.5A
IFSM
250 300 400
A
VF
1.1
V
Maximum DC Reverse Current at Rated DC Blocking Voltage per Bridge element I2 t Rating for fusing (t<8.3ms) Typical Thermal Resistance(Note.1) Operating Temperature Range Storage Temperature Range R
@ TA=250C @ TA=1000C
IR I2 t JC TJ TSTG
5 200
374/664 2.0
0
A
A A2S C/W
0
-55 to +125 -55 to +150
C C
0
NOTE: 1.Mounted on a 11.8in2 X 0.06 in thick (300mm2 X 1.5mm thick ) Copper plate. 2.Fast Recovery, Controlled avalanche bridges are available. Please consuit with factory.
MP15,25,35 CW SERIES
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES MP15,25,35CW SERIES
Fig. 1 - FORWARD DERATING CURVE
PEAK FORWARD SURGE CURRENT, (A)
35
AVERAGE FORWARD CURRENT AMPERES
RESISTIVE OR INDUCTIVE LOAD
Fig. 2 - PAEK FORWARD SURGE CURRENT
400 300 200
30
83ms Single Half Sine-Wave MP35A MP15A MP25A
25 20
MP35A
MP25A
15 10 5
100
MP15A
60 1 10 100
NUMBER OF CYCLES AT 60 Hz
0 20 40 60 80 100 120
0
140
160
CASE TEMPERATURE, C
Fig. 3 - TYPICAL FORWARD CHARACTERISTICS
1000
INSTANTANEOUS FORWARD CURRENT, AMPERES
Fig. 4 - TYPICAL REVERSE CHARACTERISTICS
10 100
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.0
10
TJ=250C
0.1
TJ=250C
Pulse Width-300 s
1.0
.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE
0.1 .6 .8 1.0 1.2 1.4 1.6 1.8 2.0
INSTANTANEOUS FORWARD VOLT AGE, VOLTS


▲Up To Search▲   

 
Price & Availability of MP25CW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X