Part Number Hot Search : 
STE800P 4740ETE MT620 124ML 3PSF810 M37207 L5985 SI7348DP
Product Description
Full Text Search
 

To Download MJE13005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-220C package High voltage ,high speed APPLICATIONS Particularly suited for 115V and 220V switchmode applications such as switching regulators,inverters ,motor controls,solenoid/ relay drivers and deflection circuits
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
MJE13005
Absolute maximum ratings (Tc=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM IE IEM PD Tj Tstg
IN
Collector-base voltage
Collector-emitter voltage

PARAMETER
Emitter-base voltage Collector current
Collector current-Peak
ANG CH
E SEM
Open base
Open emitter
Open collector
OND IC
CONDITIONS
TOR UC
VALUE 700 400 9 4 8 2 4 6 12
UNIT V V V A A A A A A W
Base current Base current-PeaK Emitter current Emitter current-Peak Ta=25ae Total power dissipation TC=25ae Junction temperature Storage temperature
2 75 150 -65~150 ae ae
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance from junction to case MAX 1.67 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=10mA ;IB=0 IC=1A; IB=0.2A IC=2A; IB=0.5A TC=100ae IC=4A;IB=1A IC=1A; IB=0.2A IC=2A ;IB=0.5A TC=100ae VCB=700V; IE=0 TC=100ae VEB=9V; IC=0 IC=1A ; VCE=5V IC=2A ; VCE=5V 10 8 MIN 400
MJE13005
SYMBOL VCEO(SUS) VCEsat-1 VCEsat-2 VCEsat-3 VBEsat-1 VBEsat-2 ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
0.5 0.6 1.0 1.0 1.2 1.6 1.5 1.0 5.0 1.0
V V V V V mA mA
Transition frequency

Switching times td tr ts tf
CHA IN
Delay time Rise time Storage time Fall time
Collector outoput capacitance
E SEM NG
IC=0.5A ; VCE=10V;f=1MHz IE=0; f=1MHz ; VCB=10V
OND IC
TOR UC
60 40 4 65
MHz pF
0.1 VCC=125V ,IC=2A IB1=-IB2=0.4A tp=25|I s duty cycleU 1% 0.7 4.0 0.9 |I |I |I
|I
s s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
MJE13005

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.10mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
MJE13005

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of MJE13005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X