Part Number Hot Search : 
ADA4350 BFG17 PJ120A BA80JC5T 2C10LI30 BA6409F 10040 BAV99
Product Description
Full Text Search
 

To Download MIV41001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs MULTIPLIER DIODES
TM (R)
ISIS Frequency Multiplier
MIV41001 - MIV41013
Features

High Output Powers -- Over 5 W at 35 GHz High Efficiency 2 and 3 Stack Options High Cut-Off Frequency Low Thermal Resistance
Applications

Frequency Multipliers to Beyond 110 GHz High-Power mmW Transceivers mmW Phase Arrays Drivers for mm Power Amplifiers
Description
Microsemi's ISIS frequency multiplier varactors are fabricated by epitaxially stacking the P-N junctions in GaAs to obtain high power at millimeter wave frequencies. The MIV series of ISIS multiplier diodes has been designed to have the high cut-off frequency to produce very low conversion loss when used in appropriately designed circuits. MSC offers 2 and 3 stacked devices to produce high CW power from 40- 110 GHz. CW power up to 3 W at 44 GHz (conversion loss <3 dB) and 1 W in W band (conversion loss <9 dB) are realizable with single devices. ISIS diodes are offered in the low parasitic (<10 fF), low thermal resistance M29 package and in other packages.
ISIS Diode Schematic (2 Stack)
ohmic metal P+ Layer N Layer N+ Layer P+ Layer N Layer N+ Layer Substrate ohmic metal
Specifications @ 25C
2 Stack ISIS Diodes -- Breakdown Voltage: 55 V Min.
Part Number MIV41001-21 MIV41002-21 MIV41003-21 MIV41001-29 MIV41002-29 MIV41003-29 Junction Capacitance @ Zero Bias (pF) 0.1-0.3 0.3-0.5 0.5-1.0 0.1-0.3 0.3-0.5 0.5-1.0 Min. 6 V Cut-Off Frequency (GHz) 1000 700 600 1000 700 600 Typ. Package Capacitance (pF) 0.15 0.15 0.15 0.10 0.10 0.10
3 Stack ISIS Diodes -- Breakdown Voltage: 75 V Min.
Part Number MIV41011-21 MIV41012-21 MIV41013-21 MIV41011-29 MIV41012-29 MIV41013-29 Junction Capacitance @ Zero Bias (pF) 0.1-0.3 0.3-0.5 0.5-1.0 0.1-0.3 0.3-0.5 0.5-1.0 Min. 6 V Cut-Off Frequency (GHz) 1000 700 600 1000 700 600 Typ. Package Capacitance (pF) 0.15 0.15 0.15 0.10 0.10 0.10
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information. These devices are ESD sensitive and must be handled using ESD precautions.
These products are supplied with a RoHS complaint Gold finish. Other package styles are available on request.
Copyright 2008 Rev: 2009-01-19
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1


▲Up To Search▲   

 
Price & Availability of MIV41001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X