Part Number Hot Search : 
SMAJ14A C4500 TE560 PQ160 T331005 CLV06 C3510 AK4386ET
Product Description
Full Text Search
 

To Download MCL4448 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCL4448 SILICON EPITAXIAL PLANAR DIODE
LS-31
fast switching diode in MiniMELF case especially suited for automatic surface mounting.
Absolute Maximum Ratings (Ta = 25oC)
Symbol Reverse Voltage Peak Reverse Voltage Rectified Current (Average) Half Wave Rectification with Resist. Load at Tamb = 25 C and f/50 HZ Surge Forward Current at t<1s and Tj = 25 C Power Dissipation Junction Temperature Storage Temperature Range
1) o o
Value 75 100 150
1)
Unit V V mA mA mW
O O
VR VRM IO IFSM Ptot Tj TS
500 500
1)
175 -65 to +175
C C
Valid provided that electrodes are kept at ambient temperature.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 17/01/2005
MCL4448
Characteristics at Tj = 25oC
Symbol Forward Voltage at IF = 5mA at IF = 100mA Leakage Current at VR = 20V at VR = 75V at VR = 20V, Tj = 150oC Reverse Breakdown Voltage tested with 100A Pulses Capacitance at VF = VR = 0 Reverse Recovery Time from IF = 10mA to IR = 1mA, VR = 6V, RL = 100 Thermal Resistance Junction to Ambient Air Rectification Efficiency at f = 100MHz, VRF = 2V
1)
Min. 0.62 -
Typ. -
Max. 0.72 1
Unit V V
VF VF IR IR IR V(BR)R Ctot trr RthA v
100 0.45
-
25 5 50 4 4 0.351) -
nA A A V pF ns K/mW ns-
Valid provided that electrodes are kept at ambient temperature.
VRF =2V
2nF
60
5K
~ ~ ~
Rectification Efficiency Measurement Circuit
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 17/01/2005
Vo
MCL4448
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 17/01/2005
MCL4448
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 17/01/2005


▲Up To Search▲   

 
Price & Availability of MCL4448

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X