Part Number Hot Search : 
9162B 4032K130 MV833 TC70EPA SLA7032M MV833 B8224 ICROS
Product Description
Full Text Search
 

To Download LHIR2342-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
INFRARED EMITTING DIODES
Pb
Lead-Free Parts
LHIR2342-PF
DATA SHEET
DOC. NO : QW0905- LHIR2342-PF REV. DATE : : A 10 - Jul. - 2008
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHIR2342-PF Page 1/5
Package Dimensions
3.0
5.0
1.5MAX
25.0MIN
0.5 TYP
1.0MIN 2.54TYP
+ -
Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
Features:
1. High radiant intensity. 2. Suitable for pulsed applications. 3. Low average degradation.
Descriptions:
emitting diodes encapsulated in white diffused plastic T-1 package individually The LHIR2042/S78-PF series are super-high efficiency Gallium Aluminum Arsenide infrared
Device Selection Guide:
PART NO LHIR2342-PF MATERIAL GaAIAs LENS COLOR White Diffused
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHIR2342-PF Page 2/5
Absolute Maximum Ratings at Ta=25
Ratings Parameter Symbol HIR Forward Current Peak Forward Current (300PPS,1s Pulse) Power Dissipation Reverse Voltage Electrostatic Discharge Operating Temperature Storage Temperature IF IFP PD Vr ESD Topr Tstg 50 3 100 5 2000 -40 ~ +85 -40 ~ +85 mA A mW V UNIT
V
Electrical Optical Characteristics (Aa=25)
PARAMETER Radiant Intensity Aperture Radiant Incidence Peak Emission Wavelength Spectral Line Half Width Forward Voltage Reverse Current Viewing Angle SYMBOL Le Ee
Min. 4.5 0.34
Typ. 8.0 0.57 850 50 1.2
Max.
UNIT mW/sr mW/cm nm nm
2
TEST CONDITION IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA VR=5V
peak
VF IR 21/2
1.6 100
V
A
deg
58
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The radiant intensity data did not including 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHIR2342-PF Page3/5
Typical Electro-Optical Characteristics Curve
HIR CHIP Fig.1 Forward Current vs. Rorward Voltage
1000
Fig.2 Relative Radiant Power vs. Wavelength
1.0
100 10 1 0.1 0.0
Relative Radiant Power Normalize @20mA
Forward Current[mA]
0.5
1.0
2.0
3.0
4.0
0.0 800
850
900
950
Forward Voltage[V]
Wavelength[nm]
Fig.3 Relative Radiant Power vs. Forward DC Current
10.0
Fig.4 Relative Radiant Power vs. Forward Peak Current
10.0
Relative Radiant Power Normalize @20mA
1.0
Relative Radiant Power Normalize @100 mA
1 10 100
1.0
0.1
0.1 10
100
1000
IFDC[mA]
IFPK[mA]
Fig.5 Forward DC Voltage vs. Temperature
1.2
Fig.6 Relative Radiant Power vs. Temperature
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40
Forward DC Voltage Normalize @20mA, 25
1.1
1.0
0.9
0.8 -40
-20
0
20
40
60
80
100
Relative Radiant Power Normalize @ 20mA, 25
-20
0
20
40
60
80
100
Ambient Temperature[]
Ambient Temperature[]
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHIR2342-PF Page 4/5
Soldering Condition(Pb-Free) 1.Iron: Soldering Iron:30W Max Temperature 350 C Max Soldering Time:3 Seconds Max(One time only) Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile Dip Soldering Preheat: 120 C Max Preheat time: 60seconds Max Ramp-up 2C/sec(max) Ramp-Down:-5C/sec(max) Solder Bath:260 C Max Dipping Time:3 seconds Max Distance:2mm Min(From solder joint to body)
Temp( C) 260 C3sec Max
260
5 /sec max
120
2 /sec max Preheat
60 Seconds Max
25 0 0
50
100
150
Time(sec)
Note: 1.Wave solder should not be made more than one time. 2.You can just only select one of the soldering conditions as above.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHIR2342-PF Page 5/5
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=85 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of high temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65 5 2.RH=90 %~95 % 3.t=240hrs 2hrs
The purpose of this test is the resistance of the device under tropical for hours.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 5&-405 (10min) (10min) 2.total 10 cycles
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 5 2.Dwell time= 10 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 5 2.Dwell time=5 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LHIR2342-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X