Part Number Hot Search : 
F10P20F 2SD642 AOI418 0603H TEL506 CZTA44 B15E0 R1300
Product Description
Full Text Search
 

To Download LBS16005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
160MHz IF SAW Filter 4MHz Bandwidth
Part Number: LBS16005
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth 50 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz dB usec
Minimum
159.9 3.84 4.1 50
Typical
160 24.7 3.91 4.13 4.95 5.04 0.6 3.58 54 0.16 25
Maximum
160.1 28 5 5.2 1 -
dB
KHz/C C
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
INPUT 50 C1
L1
L1=47nH
L2 OUTPUT 50 C2
L2=68nH
C1=C2=51pF Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBS16005 2007-06-29 1.0 Page 1/4
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
160MHz IF SAW Filter 4MHz Bandwidth
Part Number: LBS16005
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
35.000.5 12.800.5
SIPAT LBS16005 07XX
4.7 4.5
0.450.05 2.540.2 7.620.2
3 6
2 1
4 5
25.400.2
2.540.2
1) 2) 3) 4)
*: Pad Number 1 Index SIPAT: Manufacturer name LBS16005: Part Number 07XX: Date Code
Input Output Ground
1 5 2,3,4,6
Package: DIP3512
Unit: mm
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBS16005 2007-06-29 1.0 Page 2/4
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
160MHz IF SAW Filter 4MHz Bandwidth
Part Number: LBS16005
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -14.6686 -24.6686 3dB CF = 159.9572MHz -34.6686 40dB = 4.9514MHz -44.6686 Magnitude(dB) -54.6686 -64.6686 -74.6686 -84.6686 -26.1686 -94.6686 -104.6686 -114.6686 -26.6686 -27.1686 155
1dB = 3.9131MHz 3dB = 4.1319MHz 50dB = 5.0429MHz Insert Loss = -24.6686dB Passband Ripple = 0.59555dB Ultimate Rejection = 53.7271dB Group Delay = 129.6268ns Phase Linearity = 4.5497deg Absolute Delay = 3586.1768ns
Passband Respond
-23.1686 -23.6686 -24.1686 -24.6686 -25.1686 -25.6686
154
156
158 160 162 Frequency(MHz)
164
166
156
157
158
159
160
161
162
163
164
165
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f01.8MHz)
Type Performance 4000
Phase Linearity(f01.8MHz)
Type Performance 10
3900
8
6
3800
4
3700
X: 158.2 Y: 3594 X: 160 Y: 3613 X: 161.8 Y: 3565
2
X: 158.2 Y: 0.07958 X: 160 Y: -0.3051
X: 161.8 Y: 1.064
Group Delay Time(ns)
3600
Degree(deg)
157 158 159 160 Frequency(MHz) 161 162 163 164
0
3500
-2
3400
-4
3300
-6
3200
-8
3100
-10
3000 156
-12 156
157
158
159
160 Frequency(MHz)
161
162
163
164
Horizontal: 1MHz/Div
Vertical: 100ns/Div
Horizontal: 1MHz/Div
Vertical: 2deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
0.0
5.0
0.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBS16005 2007-06-29 1.0 Page 3/4
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
160MHz IF SAW Filter 4MHz Bandwidth
Part Number: LBS16005
www.sipatsaw.com
SIPAT Co., Ltd.
Maximum Ratings
Operating Temperature Range Storage Temperature Range
DC Voltage Input Power ESD Class C C V dBm
[-40C;+85C] [-40C;+105C]
0 10 max 1
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBS16005 2007-06-29 1.0 Page 4/4
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBS16005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X