Part Number Hot Search : 
MT48LC3 20TTS L5521 NTE4069 TEA63 6041068 41000 TEA63
Product Description
Full Text Search
 

To Download KPI-3020R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photo Interrupter(Reflective)
KPI-3020R
Dimensions (Unit : mm)
Features
* * * * * Miniature Leadfree Surface Mount Package Reflective with Phototransistor Output Reflow Soldering Optical Sensing Distance : 1.0mm RoHS compliant and Lead free package
Applications
* * * * * Limit Switch for linear drive system Edge Sensor Digital Camera Module AF Camera Phone Module Detection of object presence or motion.



ABSOLUTE MAXIMUM RATINGS Parameter Forward current Input Reverse voltage Power dissipation Collector-emitter voltage Emitter-collector voltage Collector current Collector power dissipatio
Symbol IF VR PD VCEO VECO IC PC Ptot Topr Tsol
(Ta=25C) Rating Unit 50 mA 5 V 75 mW 30 V 5 20 50 100 -20 to+85 260 V mA mW mW C C
Output
Total power dissipation Operating temperature Soldering temperature *1 *1. For 5 sec or less Electro-optical Characteristics Parameter Forward voltage Reverse current Input Output
Transfer Characteristic
Symbol IF IR p ICEO IC ILEAK tr tf
Conditions IF=20mA VR=5V VCE=10V IF=2mA, V CE=2V IF=2mA, V CE=2V VCE=2V, IC=100A RL=K1, d=1mm
Min. -
Typ. 1.2 940 1
(Ta=25C) Max. Unit 1.4 V 10 100 A nm nA A A A s
Peak wavelength Collector dark current Collector current Leakage current Response Rise time time Fall time
100 -
380 30 25
750 20
100 100


▲Up To Search▲   

 
Price & Availability of KPI-3020R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X