Part Number Hot Search : 
GHNDBBBN MMSZ524 4NM65N F9232 SDA94 L4957 2SK286 NTE5207A
Product Description
Full Text Search
 

To Download KBL04-RS404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
KBL005/RS401 THRU KBL10/RS407
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE50-1000V CURRENT4.0A
FEATURES
*Ideal for printed circuit board *Surge overload ratings-150 Amperes *Molded structure
KBL
.768(19.5) .728(18.5) .580(14.7) .540(13.7) .640(16.3) .600(15.2) .750 (19.0)
+ AC -
MIN.
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL 94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity: Symbols molded or marked on body *Mounting position: Any *Weight: 4.8 grams
.052(1.3) DIA. .048(1.2)TYP. .083 (2.1)
.220(5.6) .180(4.6)
.256(6.5) .236(6.0)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. KBL005 KBL01 KBL02 KBL04 KBL06 KBL08 KBL10 units SYMBOL
RS401 RS402 RS403 RS404 RS405 RS406 RS407
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Output Current at TA=75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Forward Voltage Drop per element at 2.0A DC Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=100C per element I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2)
VRRM VRMS VDC Io IFSM VF IR I2t CJ RJA
50 35 50
100 70 100
200 140 200
400 280 400 4.0 150 1.0 10 500 93 40 19
600 420 600
800 560 800
1000 700 1000
V V V A A V A A2S pF
C/W
Notes: 1.Measured at 1MHz and applied reverse voltage of 4.0 volts 2.Thermal Resistance from Junction to Ambientwith units mounted on 3.0x3.0x0.11"(7.5x7.5x0.3mm) AL piate
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of KBL04-RS404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X