|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Programmed Oscillator * JPO22 * 3.3/2.5/1.8 V Programmed SMD CMOS Oscillator 2.5 x 2.0 mm actual size fast delivery service tristate or stop function available reflow soldering temperature: 260 C max. RoHS compliant, ceramic/metal package 2002/95/EC RoHS compliant Pb free: pins / pads RoHS General Data type frequency range JPO22 3.3V / 2.5V / 1.8V 3.9 ~ 200.0 MHz (3.3 V, 15 pF) 3.9 ~ 130.0 MHz (2.5 V, 15 pF) 3.9 ~ 100.0 MHz (1.8 V, 15 pF) 3.9 ~ 50.0 MHz (3.3 V / 2.5 V / 1.8 V, 30 pF) frequency stability over all* current consumption supply voltage VDC temperature operating storage output rise & fall time load max. current max. low level max. high level min. standby function output enable time max. output disable time max. start-up time max. standby current max. symmetry at 0.5 x VDC +/-30ppm ~ +/-100ppm (see table 1) see table 2 3.3 V / 2.5 V / 1.8 V +/-10% -20C ~ +70C / -40C ~ +85C -55C ~ +125C see table 3 15 pF / 30 pF 8mA (3.3 V) / 4mA (2.5 V) / 2mA (1.8 V) 0.4 V VDC - 0.4 V tristate (TRI) / stop (STP) 100ns (TRI) / 10ms (STP) 250ns 10ms 10A (STP version only) 45% ~ 55% typ. (40% ~ 60% max. ) Table 1: Frequency Stability Code stability code A 100 ppm -10 C ~ +70 C -40 C ~ +85 C O O O available B 50 ppm O G 30 ppm * * * - standard * includes stability at 25 C, operating temp. range, supply voltage change, shock and vibration, aging 1st year. Table 2: Current Consumption max. frequency range 3.9 ~ 50.0 MHz 3.9 ~ 100.0 MHz 100.0 ~ 130.0 MHz 130.0 ~ 200.0 MHz VDC =3.3 V 18 mA 17 mA 20 mA 25 mA VDC =2.5 V 15 mA 12 mA 16 mA - VDC =1.8V 8 mA 8 mA - - load 30 pf 15 pf 15 pf 15 pf * a ceramics capacitor of 100nF between pin #2 and pin #4 with short distance wiring is strongly recommended Table 3: Rise & fall time max. 6 ns: 3.9 ~ 50.0 MHz at 30 pF / 1.8 V 5 ns: 3.9 ~ 50.0 MHz at 30 pF / 3.3 V & 2.5 V 4 ns: 3.9 ~ 100.0 MHz at 15 pF / 3.3 V & 2.5 V & 1.8 V 3 ns: 100.0 ~ 130.0 MHz at 15 pF / 2.5 V & 3.3 V 2 ns: 130.0 ~ 200.0 MHz at 15 pF / 3.3 V note: - specific data on request - rise time: 0.1 VDC ~ 0.9 VDC - fall time: 0.9 VDC ~ 0.1 VDC Dimensions 2.50.1 0.900.1 #4 #3 2.00.1 #3 0.850.05 #4 0.550.1 0.900.1 0.70.1 #1 #2 0.4 #2 0.80.1 #1 1.850.1 pin connection # 1: e/d # 2: ground # 3: output # 4: VDC in mm 1.450.1 top view side view bottom view pad layout Order Information O Oscillator frequency in MHz type frequency stability code supply voltage code output load code 0.800.1 standby function temp. range 3.9 ~ 200.0 MHz (3.3 V) 3.9 ~ 130.0 MHz (2.5 V) 3.9 ~ 100.0 MHz (1.8 V) JPO22 see table 1 3.3 = 3.3 V 2.5 = 2.5 V 1.8 = 1.8 V 1 = 15 pF 2 = 30 pF STP = stop function blank = -20 C ~ +70 C TRI = tristate function T1 = -40 C ~ +85 C Example: O 125.0-JPO22-B-2.5-1-STP-T1 (LF = RoHS compliant / Pb free pins or pads) Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice 230908 Programmed Oscillator * JPO22 * 3.3/2.5/1.8V Taping specification 1.75 4.0 o 1.55 8.4 0.3 0.05 5.25 0.1 120 2.70.05 8.0 2.0 o 13 o 80 o 178 4.0 2.25 0.05 Feeding 1.2 0.05 o 130.5 in mm 500 pcs per reel Reflow Soldering Profile temperature (C) 260 200 150 100 50 60 ~120 s 60 s max. 10 s max. 260 C max. 220 5 C 180 5 C Marking (optional) JPO / year / month / internal code date code: A ~ M: Jan.- Dec. 7: 2007 8: 2008 9: 2009 Jan. A July G Febr. B Aug. H Mar. C Sept. J Apr. D Oct. K May E Nov. L June F Dec. M time (s) note: parts are also suitable for soldering systems with lead (Pb) content Packing Note - - standard packing units are 500 pieces per reel non-multiple packing units are only supplied taped / bulk Enable / Disable Function pin #1 (e/d control) open high "1" (VIH 0.7 VDC) low "0" (VIL 0.3 VDC) pin #3 (output, STP) active active stop, high impedance stop (STP) function: * oscillator stops * output high impedance pin #3 (output, TRI) active active high impedance tristate (TRI) function: * oscillator active * output high impedance Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice |
Price & Availability of JPO22-18V |