|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STARJACK TM 1x1 Tab-DOWN RJ45 www.pulseeng.com Description: 10/100 Base-TX RJ45 1x1 Tab-DOWN 8-pin Integrated Magnetics Connector, designed to support high volume cost-conscious consumer applications such as: ADSL modems, Cable modems, STB and Video on Demand. Features and Benefits: RoHS-5 peak wave solder temperature rating 235C RoHS-6 peak wave solder temperature rating 260C Suitable for CAT 5 & 6 Fast Ethernet Cable or better UTP Electrical Performance Summary: Meets IEEE 802.3 specification 350H minimum OCL with 8mA bias current High performance for Max EMI suppression for cost-conscious applications 10 Base-T Electrical Specifications @ 25C -- Operating Temperature 0C to +70C RoHS-5 4 Compliant Part No. J00-0025 3 J00-0051 3 J00-0062 3 J00-0063 3 RoHS-6 5 Compliant Part No. J00-0025 NL3 J00-0051NL 3 J00-0062 NL3 J00-0063NL 3 Data Rate TX Turns Ratios RX EMI 1 LEDs 2 Fingers 1CT:1 1CT:1 1CT:1 1CT:1 Yes Yes No No (L/R) None G/Y None G/Y BST Insertion Loss (dB MAX) 1-10MHz Return Loss (dB MIN) 100 15 1-10MHz Crosstalk (dB MIN) 1-10MHz Common Mode Rejection (dB MIN) 5MHz Hipot (Vrms) @60Hz 1 MIN 10BT 10BT 10BT 10BT 1CT:2.5 1CT:2.5 1CT:2.5 1CT:2.5 No No No No -1 -1 -1 -1 -15 -15 -15 -15 -30 -30 -30 -30 -25 -25 -25 -25 1500 1500 1500 1500 10/100 Base-T Electrical Specifications @ 25C -- Operating Temperature 0C to +70C RoHS-5 Compliant Part No. J00-0014 J00-0042 J00-0045 J00-0046 J00-0061 J00-0064 J00-0065 J00-0066 4 RoHS-6 Compliant Part No. J00-0014NL J00-0042NL J00-0045NL J00-0046NL J00-0061NL J00-0064NL J00-0065NL J00-0066NL 5 Data Rate Turns Ratios TX RX EMI 1 LEDs 2 Fingers (L/R) BST Insertion Loss (dB MAX) 1-65MHz 1-10MHz Return Loss (dB MIN) 100 15 10-30MHz 30-60MHz 60-80MHz Crosstalk (dB MIN) -10 -10 -10 -10 -10 -10 -10 -10 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -30 -30 -30 -30 -30 -30 -30 -30 Common Mode Rejection (dB MIN) -20 -20 -20 -20 -20 -20 -20 -20 -15 -15 -15 -15 -15 -15 -15 -15 Hipot (Vrms) 1500 1500 1500 1500 1500 1500 1500 1500 1-30MHz 30-60MHz 60-100MHz 1-50MHz 50-150MHz @60Hz 1 MIN 100BT 100BT 100BT 100BT 100BT 100BT 100BT 100BT 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 No No No No Yes Yes Yes Yes None None G/Y G/Y None None G/Y G/Y Yes No Yes No Yes No Yes No -1 -1 -1 -1 -1 -1 -1 -1 -18 -18 -18 -18 -18 -18 -18 -18 -14 -14 -14 -14 -14 -14 -14 -14 -12 -12 -12 -12 -12 -12 -12 -12 NOTES: 1. For an explanation of EMI fingers, refer to the mechanical drawing page. 2. LEDs Left/Right: G=green, Y=yellow. 3. IEEE802.3i (10Base-T) standard does not require these parts to achieve 350H minimum OCL with 8mA bias current for 10Base-T parts. 4. RoHS-5 - Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Product contains lead in applications considered as solders. 5. RoHS-6 - Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in high temperature solder (solder alloys containing more than 85% lead). RJ45 Durability Testing Rating Part Number J00 Series Mating Force (MAX) 5lbs./2.268kgs. Unmating Force (MAX) 5lbs./2.268kgs. Durability 750 Insertions Plug to Jack Retention (MIN) 20lbs./9.072kgs. RJ45 Material Specification Part Number J00 Series Shield Material Brass Finish 20-40m inches Nickel over 10-20m inches Brass Material Phosphor Bronze Contact Plating Area Nickel underplating and selective gold plating 15 inches Solder Area 3 120 inches Sn90/Pb10 over 50 inches nickel Material Thermoplastic Housing Specification UL 94 V-0 MSL2 Rating 1 NOTES: 1. Connector dimensions comply with FCC dimension requirements. 2. MSL - Moisture Sensitivity Level class limits = 1 to 5 (Highest: 1; Lowest: 5). 3. RoHS-6 parts are tin matte finish over nickel. USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811 www.pulseeng.com J414.C (6/06) STARJACK TM 1x1 Tab-DOWN RJ45 www.pulseeng.com J00-00XX Series Mechanicals EMI Fingers Part Number Location .640 16,26 .290 7,37 .545 13,84 RIGHT LED .850 21,59MAX LEFT LED .125 .020 3,18 0,51 HOUSING POST FRONT BACK Patent Pending TM .095 .020 2,41 0,51 JXXXXXXXX Date Code Country of Origin SIGNAL PINS .140 3,56 SHIELD PIN FRONT VIEW .135 .020 3,43 0,51 .425 10,80 SIDE VIEW Connector Marking (An example - parts are marked on the top or end surface as shown) .620 15,75 .498 12,65 .450 11,43 .398 10,11 .100 2,54 .024 0,61 .560 14,22 .010 TOP OF PCB 0,25 TO BOTTOM OF OPENING .660 16,76 4X R .010 MAX R 2.54 0,25 6,45 FRONT 4X 2X .133 3,38 .193 4,90 .120 3,05 7 8 .100 2,54 6 5 4 3 2 .050 1,27 8X .035 0,89 1 12 11 10 9 .040 1,02 .128 3,25 HOUSING POST 2X .064 SHIELD PIN 1,63 .250 6,35 BACK .350 8,89 .003 0,08 Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25 Viewed from PCB Component side LED Configuration Green / Yellow LED Specification - (LEDs without internal resistors) 9 10 Left LED 12 11 Right LED Standard LED Yellow Green Wavelength 585 nm 565 nm Forward* V(MAX) 2.5 V 2.5 V (TYP) 2.1 V 2.2 V * Assumes bias current = 20mA USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811 www.pulseeng.com J414.C (6/06) STARJACK TM 1x1 Tab-DOWN RJ45 www.pulseeng.com J00-00XX Series Electrical Schematics J00-0042/46/64/66 TD+ 1 CT 4 TD- 2 2 TX3 RX+ 1 TX+ J00-0014/45/61/65 TD+ 1 CT 4 75 1 TX+ PCB SIDE TO PHY CABLE SIDE CT 5 RD- 6 6 RX- CT 5 75 1CT : 1 RECEIVE RD- 6 4 5 7 NC 7 1CT : 1 RECEIVE 6 RX4 75 7 5 7 GND* 8 8 *Connecting pin 8 to Ground makes J00-0042/46/64/66 footprint compatible to J00-0014/45/61/65. CHS GROUND 8 0.001mF 75 8 NOTE: Connect CHS GND to PCB ground. J00-0025/51/62/63 TD+ 1 CT 7 TD- 2 2 TX3 RX+ 1 TX+ PCB SIDE TO PHY 1CT : 2.5 TRANSMIT CT 8 RD- 6 6 RX- 1CT : 1 RECEIVE 4 5 7 4 5 8 For More Information: Pulse Worldwide Headquarters 12220 World Trade Drive San Diego, CA 92128 U.S.A. www.pulseeng.com TEL: 858 674 8100 FAX: 858 674 8262 Pulse Northern Europe 3 Huxley Road Surrey Research Park Guildford, Surrey GU2 5RE United Kingdom TEL: 44 1483 401700 FAX: 44 1483 401701 CABLE SIDE RD+ 3 Pulse Southern Europe Zone Industrielle F-39270 Orgelet France TEL: 33 3 84 35 04 04 FAX: 33 3 84 25 46 41 Pulse Pulse North China China Headquarters Room 1503 No. 1 Industrial District Changan, Dongguan China TEL: 86 769 85538070 FAX: 86 769 85538870 XinYin Building No. 888 YiShan Road Shanghai 200233 China TEL: 86 21 54643211/2 FAX: 86 21 54643210 Pulse South Asia 150 Kampong Ampat #07-01/02 KA Centre Singapore 368324 TEL: 65 6287 8998 FAX: 65 6280 0080 Pulse North Asia No. 26 Kao Ching Road Yang Mei Chen Taoyuan Hsien Taiwan, R. O. C. TEL: 886 3 4641811 FAX: 886 3 4641911 Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. (c) Copyright, 2006. Pulse Engineering, Inc. All rights reserved. www.pulseeng.com J414.C (6/06) CABLE SIDE RD+ 3 PCB SIDE TO PHY 1CT : 1 TRANSMIT TD- 2 RD+ 3 1CT : 1 TRANSMIT 2 TX3 RX+ |
Price & Availability of J00-0042NL |