Part Number Hot Search : 
MUR844M2 2N5070 NTE1818 IS488 X24320IG 2374A BXMP1036 HC193
Product Description
Full Text Search
 

To Download IN555 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
Timing Circuit
The IN555 monolithic timing circuit is a highly stable controller capable of producing accurate time delays, or oscillation. * * * * Direct Replacement for NE555 Timers Timing From Microseconds Through Hours Operates in Both Astable and Monostable Modes High Current Output Can Source or Sink 200 mA
IN555
PIN ASSIGNMENT
ORDERING INFORMATION IN555N Plastic IN555D SOIC TA = -10 to 70 C for all packages
LOGIC DIAGRAM
1
IN555
MAXIMUM RATINGS
Symbol VCC Tstg Supply Voltage Storage Temperature Parameter Value 18 -60 to +85 Unit V C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC TA Supply Voltage Operating Temperature, All Package Types Parameter Min 4.5 -10 Max 16 +70 Unit V C
ELECTRICAL CHARACTERISTICS(TA =+25C)
Symbol VOH Parameter Output Voltage High Test Conditions VCC=5.0 V, VIL =1.1 V VIH=2.6 V, IOH=100 m VCC=15 V, VIL=4.5 V VIH=9.0 V, IOH=100 m VCC=5.0 V, VIL =2.2 V VIH=4.0 V, IIL=5.0 m VCC=15 V, VIL =5.6 V VIH= 11 V, IOL=10 m VCC=15 V, VIL =0 V VIH=15 V, IOL=50 m VCC=15 V, VIL =0 V VIH=15 V, IOL=100 m VCC=15 V, VIH =11 V VIL =0 V VCC=5 V, VIH =4 V VIL =0 V VCC=15 V, VIH =11 V VIL =0 V VCC=15 V, VIH =10 V VIL =0 V VCC=5.0 V, VIL =0 V VIH=4.0 V VCC=15 V, VIL =11 V VIL=0 V VCC=15 V VCC=15 V Guaranteed Limits Min 12.75 2.75 0.35 0.25 0.75 2.3 9.0 2.6 11.0 4.0 m -0.4 -0.002 0.25 0.45 6.0 15 150 150 V Max Temperature, 2510 -10/ +70 Unit V
VOL
Output Voltage Low
V
VREF
Reference voltage
IIL
Low Level Input Current For pin 04 For pin 02 Input Current Supply current
II
2510 -10/+70 2510 -10/ +70
ICC
m
tOLH tOHL
Rise Time of Output Fall Time of Output
ns ns
2
IN555
VCC 0.9
TRIGGER tHL
0.9 OUTPUT 0.1 0.1 GND 0.1 GND VCC 0.9
tTLH
tTHL
Figure 1. Switching Waveforms
3
IN555
N SUFFIX PLASTIC DIP (MS - 001BA)
A 8 5 B 1 4
Dimension, mm Symbol A B MIN 8.51 6.1 MAX 10.16 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
C D
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
F G
M H J
H J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AA) Dimension, mm
5
A 8
Symbol A
B P
MIN 4.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 5 4 1.75 0.51 1.27
H
B C
1
G
4 C R x 45
D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
G
J F M
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
4


▲Up To Search▲   

 
Price & Availability of IN555

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X