Part Number Hot Search : 
1N4735 BD3482 R52KF12B 12N100 CSNE371 74LV1G T2303B 4LVTH1
Product Description
Full Text Search
 

To Download HIF3B-50DA-254R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ribbon Cable connector Compliant with MIL Standard
HIF3B Series
sFeatures
1. Product Compliant with MIL Standard
HIF3B series has been developed as a product compliant with MIL standard, and used for wide applications.
2. UL Approval Product
HIF3B series connectors are UL approved.
3. Mechanism to Prevent Mis-insertion
This connector is equipped with the mechanism to prevent Misinsertion as follows. 1 The system provides the convex area to insert the guide-key on the pin header side, and to guide it in combination with the socket convex area (MIL standard). 2 The system embeds and guides the polarizing key in the socket holes.
4. Applicable Cable AWG#28
The applicable cable is UL2651 AWG#28 flat cable (7 cores./ 0.127mm, jacket dia. 0.90.1mm).
sProduct Specifications
Rating Current rating : 1A Operating Temperature Range : -55 to +85c (Note 1) Storage Temperature Range : -10 to +60c (Note 2) Storage Humidity Range : 40 to 70% (Note 2) Condition 500V DC 650V AC/1 minute 0.1A Voltage rating : 200V AC Operating Moisture Range : 40 to 80% Item 1. Insulation Resistance 2. Withstanding voltage 3. Contact Resistance 4. Vibration 1000M ohms min. Specification
No flashover or insulation breakdown.
15m ohms max.
No electrical discontinuity of 1s or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95%
(-65c: 30 minutes 15 to 35c: 5 minutes max. 125c: 30 minutes 15 to 35c: 5 minutes max.) 5 cycles 500 cycles
5. Humidity (Steady state) Insulation resistance: 1000M ohms min. 6. Temperature Cycle
No damage, cracks, or parts looseness.
7. Durability (Mating/un-mating) Contact resistance: 15m ohms max. 8. Resistance to Soldering heat No deformation of components affecting performance.
Flow: 260c for 10 seconds Manual soldering: 300c for 3 seconds
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
sMaterial
Part Insulator D Socket Contact DA Pin header contact Copper alloy Brass Material PBT Beryllium copper Connection area Connection area Connection area Connection area Finish Black Gold plated Gold plated Gold plated Tin lead plated ------- ------- Remarks UL94V-0
Selective Gold plated
B15
sOrdering Information
qSocket
HIF 3B - * D A - 2.54 R
q w e : HIF : 3B, 3BA, 3BB (50, 60, 64 contacts only) r t y u q Series Name w Series No.
e Number of contacts : 16, 20, 26, 30, 34, 40, 50, 60, 64 r Contact alignment : D : Double t A : VA type : 2.54mm R : ID type y Contact pitch u Connection type
qPin Header
HIF 3B - * P A - 2.54 DS
q w : HIF : 3BC: (10 contacts only) 3BD: (10 contacts only) e r t y u q Series Name w Series No. 3B
: (14 contacts not included)
3BA, 3BB: (50, 60, 64 contacts only) r t P A : Pin header : Selective gold plated : 2.54mm : Right angle type : Straight type
e Number of contacts : 16, 20, 26, 30, 34, 40, 50, 60, 64
y Contact pitch u Contact style DS DSA
B16
sSocket (With guide to prevent mis-insertion)
Body
Protector
Clamp
Note1, Note2: The number of polarizing keys and polarizing keyways changes according to products. Refer to the list as shown below. Note3: The 50, 60 and 64 contact connector contain two types of polarizing guides. Use the products, referring to Notes 1 and 2. Note4: The 6 contact has no polarizing mark.
Unit:mm Part Number CL No. Part Number ------- CL No. Number of Contacts 6 10 14 16 20 26 30 34 40 50 50 60 60 64 64 A B C D Polarizing Guide (Note 1) Polarizing Keyway (Note 2) None One on left side
HIF3BA- 6D-2.54R 610-0032-3
12.19 5.08 6.35 7.72 17.27 10.16 11.43 12.8 22.35 15.24 16.51 17.88 24.89 17.78 19.05 20.42 29.97 22.86 24.13 25.5 37.59 30.48 31.75 33.12 42.67 35.56 36.83 38.2 47.75 40.64 41.91 43.28 55.37 48.26 49.53 50.9 68.07 60.96 62.23 63.6 80.77 73.66 74.93 76.3 85.85 78.74 80.01 81.38 One at center
HIF3BA-10D-2.54R 610-0021-7 HIF3BA-10DA-2.54R 610-0651-5 5 HIF3BA-14D-2.54R 610-0022-0 HIF3BA-14DA-2.54R 610-0652-8 5 HIF3BA-16D-2.54R 610-0023-2 HIF3BA-16DA-2.54R 610-0653-0 5 HIF3BA-20D-2.54R 610-0024-5 HIF3BA-20DA-2.54R 610-0654-3 5 HIF3BA-26D-2.54R 610-0025-8 HIF3BA-26DA-2.54R 610-0655-6 5 HIF3BA-30D-2.54R 610-0026-0 HIF3BA-30DA-2.54R 610-0656-9 5 HIF3BA-34D-2.54R 610-0027-3 HIF3BA-34DA-2.54R 610-0657-1 5 HIF3BA-40D-2.54R 610-0028-6 HIF3BA-40DA-2.54R 610-0658-4 5 HIF3BA-50D-2.54R 610-0029-9 HIF3BA-50DA-2.54R 610-0659-7 5 HIF3BB-50D-2.54R 610-0041-4 HIF3BB-50DA-2.54R 610-0671-2 5 HIF3BA-60D-2.54R 610-0030-8 HIF3BA-60DA-2.54R 610-0660-6 5 HIF3BB-60D-2.54R 610-0042-7 HIF3BB-60DA-2.54R 610-0672-5 5 HIF3BA-64D-2.54R 610-0031-0 HIF3BA-64DA-2.54R 610-0661-9 5 HIF3BB-64D-2.54R 610-0043-0 HIF3BB-64DA-2.54R 610-0673-8
One on right and 68.07 60.96 62.23 63.6 One on right and left sides, resp. left sides, resp. One at center One at center One at center 80.77 73.66 74.93 76.3 One on right and left sides, resp. 85.85 78.74 80.01 81.38 One on right and left sides, resp. The products marked with 5 comply with MIL standard.
B17
sSocket with Withdrawal Tab
Unit : mm Part Number HIF3BA-10D-2.54R-CL HIF3BA-16D-2.54R-CL HIF3BA-20D-2.54R-CL HIF3BA-26D-2.54R-CL HIF3BA-30D-2.54R-CL HIF3BA-34D-2.54R-CL HIF3BA-40D-2.54R-CL HIF3BA-50D-2.54R-CL HIF3BB-50D-2.54R-CL HIF3BA-60D-2.54R-CL HIF3BB-60D-2.54R-CL HIF3BA-64D-2.54R-CL HIF3BB-64D-2.54R-CL CL No. 610-0190-4 610-0192-0 610-0193-2 610-0194-5 610-0195-8 610-0196-0 610-0197-3 610-0198-6 610-0201-9 610-0199-9 610-0202-1 610-0200-6 610-0203-4 Number of Contacts 10 16 20 26 30 34 40 50 60 64 A 17.27 24.89 29.97 37.59 42.67 47.75 55.37 68.07 80.77 85.85 B 5.3 12.9 18.0 25.5 30.5 35.8 43.4 56.0 68.5 73.8
B18
sSocket
Body
Protector
Clamp
Note1: The number of polarizing keys and polarizing keyways changes according to products. For details, refer to the list as shown below. Note2: The 6 contact has no polarizing mark.
Unit:mm Part Number CL No. Number of Contacts 6 10 14 16 20 26 30 34 40 50 60 64 A B C D Polarizing Guide (Note 1) None One on left side
HIF3B- 6D-2.54R 610-0012-6 5 HIF3B-10D-2.54R 610-0001-0 5 HIF3B-14D-2.54R 610-0002-2 5 HIF3B-16D-2.54R 610-0003-5 5 HIF3B-20D-2.54R 610-0004-8 5 HIF3B-26D-2.54R 610-0005-0 5 HIF3B-30D-2.54R 610-0006-3 5 HIF3B-34D-2.54R 610-0007-6 5 HIF3B-40D-2.54R 610-0008-9 5 HIF3B-50D-2.54R 610-0009-1 5 HIF3B-60D-2.54R 610-0010-0 5 HIF3B-64D-2.54R 610-0011-3
12.19 5.08 6.35 7.72 17.27 10.16 11.43 12.80 22.35 15.24 16.51 17.88 24.89 17.78 19.05 20.42 29.97 22.86 24.13 25.50 37.59 30.48 31.75 33.12 42.67 35.56 36.83 38.2 47.75 40.64 41.91 43.28 55.37 48.26 49.53 50.90 68.07 60.96 62.23 63.6 80.77 73.66 74.93 76.3 85.85 78.74 80.01 81.38
One on right and left sides, resp.
The products marked with 5 comply with MIL standard.
B19
sFour Wall Angle Through hole
BPCB mounting pattern
sn=number of contacts
Note 1, Note 2: The number of polarizing slot and key installed positions changes according to products. Refer to the list as shown below. Note 3: The spacer moves to the right according to the number of contacts. Note 4: The 10, 50, 60 and 64 contact connectors contain two types of polarizing slots. Use products, referring to (Note 1) (Note 2).
Unit:mm Part Number CL No. Number of Contacts 10 10 14 16 20 26 30 34 40 50 50 60 60 64 64 A B C D
28.14 MAX51.1 28.14 MAX51.1 33.24 MAX56.2 35.74 MAX58.7 40.84 MAX63.8 48.44 MAX71.4 53.54 MAX76.5 58.64 MAX81.6 66.24 MAX89.2 78.94 MAX101.9 78.94 MAX101.9 91.64 MAX114.6 91.64 MAX114.6 96.74 MAX119.7 96.74 MAX119.7
E
F
Polarizing Slot (Note 1) None
Polarizing Key Install (Note 2) One on right side None One on right side
5 HIF3BA-10PA-2.54DS 610-0091-2 HIF3BD-10PA-2.54DS 610-0171-0 5 HIF3BA-14PA-2.54DS 610-0092-5 5 HIF3BA-16PA-2.54DS 610-0093-8 5 HIF3BA-20PA-2.54DS 610-0094-0 5 HIF3BA-26PA-2.54DS 610-0095-3 5 HIF3BA-30PA-2.54DS 610-0096-6 5 HIF3BA-34PA-2.54DS 610-0097-9 5 HIF3BA-40PA-2.54DS 610-0098-1 5 HIF3BA-50PA-2.54DS 610-0099-4 5 HIF3BB-50PA-2.54DS 610-0131-5 5 HIF3BA-60PA-2.54DS 610-0100-1 5 HIF3BB-60PA-2.54DS 610-0132-8 5 HIF3BA-64PA-2.54DS 610-0101-4 5 HIF3BB-64PA-2.54DS 610-0133-0
32.0 17.5 10.16 32.0 17.5 10.16 37.1 22.6 15.24 39.6 25.1 17.78 44.7 30.2 22.86 52.3 37.8 30.48 57.4 42.9 35.56 62.5 48.0 40.64 70.1 55.6 48.26 82.8 68.3 60.96 82.8 68.3 60.96 95.5 81.0 73.66 95.5 81.0 73.66 100.6 86.1 78.74 100.6 86.1 78.74
21.8 27.9 21.8 27.9 26.9 33.0 29.5 35.5 34.5 40.6 42.2 48.3 47.2 53.3 52.3 58.4 59.9 66.0
One at center
72.6 78.7 One on right and left sides, resp. 72.6 78.7 85.3 91.4 90.4 96.5 One at center One at center One at center 85.3 91.4 One on right and left sides, resp. 90.4 96.5 One on right and left sides, resp.
One on right and left sides, resp.
The products marked with 5 comply with MIL standard.
B20
sFour-Wall Straight Through hole
BPCB mounting pattern
sn=number of contacts
Note 1, Note 2: The number of polarizing slot and key installed positions changes according to products. Refer to the list as shown below. Note 3: The spacer moves to the right according to the number of contacts. Note 4: The 10, 50, 60 and 64 contact connectors contain two types of polarizing slots. Use products, confirming (Note 1) (Note 2). Note 5: The 6 contact has no polarity mark.
Unit:mm Part Number 5 HIF3-6PA-2.54DSA HIF3BA-10PA-2.54DSA 5 HIF3BD-10PA-2.54DSA 5 HIF3BA-14PA-2.54DSA 5 HIF3BA-16PA-2.54DSA 5 HIF3BA-20PA-2.54DSA 5 HIF3BA-26PA-2.54DSA 5 HIF3BA-30PA-2.54DSA 5 HIF3BA-34PA-2.54DSA 5 HIF3BA-40PA-2.54DSA 5 HIF3BA-50PA-2.54DSA 5 HIF3BB-50PA-2.54DSA 5 HIF3BA-60PA-2.54DSA 5 HIF3BB-60PA-2.54DSA 5 HIF3BA-64PA-2.54DSA 5 HIF3BB-64PA-2.54DSA CL No. 562-0503-9 610-0111-8 610-0181-3 610-0112-0 610-0113-3 610-0114-6 610-0115-9 610-0116-1 610-0117-4 610-0118-7 610-0119-0 610-0141-9 610-0120-9 610-0142-1 610-0121-1 610-0143-4 Number of Contacts 6 10 10 14 16 20 26 30 34 40 50 50 60 60 64 64 A B C D
23.06 MAX46.02 28.14 MAX51.1 28.14 MAX51.1 33.24 MAX56.2 35.74 MAX58.7 40.84 MAX63.8 48.44 MAX71.4 53.54 MAX76.5 58.64 MAX81.6 66.24 MAX89.2 78.94 MAX101.9 78.94 MAX101.9 91.64 MAX114.6 91.64 MAX114.6 96.74 MAX119.7 96.74 MAX119.7
E
F
Polarizing Slot (Note 1) One at center None
Polarizing Key Install (Note 2) None One on right side None One on right side
26.92 12.42 05.08 32.0 17.5 10.16 32.0 17.5 10.16 37.1 22.6 15.24 39.6 25.1 17.78 44.7 30.2 22.86 52.3 37.8 30.48 57.4 42.9 35.56 62.5 48.0 40.64 70.1 55.6 48.26 82.8 68.3 60.96 82.8 68.3 60.96 95.5 81.0 73.66 95.5 81.0 73.66 100.6 86.1 78.74 100.6 86.1 78.74
16.7 22.82 21.8 27.9 21.8 27.9 26.9 33.0 29.5 35.5 34.5 40.6 42.2 48.3 47.2 53.3 52.3 58.4 59.9 66.0
One at center
72.6 78.7 One on right and left sides, resp. 72.6 78.7 85.3 91.4 90.4 96.5 One at center One at center One at center 85.3 91.4 One on right and left sides, resp. 90.4 96.5 One on right and left sides, resp.
One on right and left sides, resp.
The products marked with 5 comply with MIL standard.
B21
sThree Wall Angle Type
BPCB mounting pattern
sn=number of contacts
Note 1, Note 2: The number of polarizing slot and key installed positions changes according to products. Refer to the list as shown below. Note 3: The spacer moves according to the number of contacts. Note 4: The 10 contact connector consists of two types. Use products, confirming (Note 1) (Note 2). Note 5: The 6 contact has no polarity mark. Note 6: The nut built-in specification product is also provided. The product can be fixed by M2 screws from the rear side. Use the screw of (board thickness) +4 mm under the neck. Unit:mm
Part Number
CL No.
Number of Contacts 10 10 16 20 26 30 34 40 50 60 64
A
B
C
D
28.14 MAX51.1 28.14 MAX51.1 35.74 MAX58.7 40.84 MAX63.8 48.44 MAX71.4 53.54 MAX76.5 58.64 MAX81.6 66.24 MAX89.2 78.94 MAX101.9 91.64 MAX114.6 96.74 MAX119.7
E
F
Polarizing Slot (Note 1) None
Polarizing Key Install (Note 2) One on right side None
5 HIF3BD-10PA-2.54DS 610-0051-8 HIF3BC-10PA-2.54DS 610-0151-2 5 HIF3BD-16PA-2.54DS 610-0052-0 5 HIF3BD-20PA-2.54DS 610-0053-3 5 HIF3BD-26PA-2.54DS 610-0054-6 5 HIF3BD-30PA-2.54DS 610-0055-9 5 HIF3BD-34PA-2.54DS 610-0056-1 5 HIF3BD-40PA-2.54DS 610-0057-4 5 HIF3BD-50PA-2.54DS 610-0058-7 5 HIF3BD-60PA-2.54DS 610-0059-0 5 HIF3BD-64PA-2.54DS 610-0060-9
32.0 17.5 10.16 32.0 17.5 10.16 39.6 25.1 17.78 44.7 30.2 22.86 52.3 37.8 30.48 57.4 42.9 35.56 62.5 48.0 40.64 70.1 55.6 48.26 82.8 68.3 60.96 95.5 81.0 73.66 100.6 86.1 78.74
21.8 27.9 21.8 27.9 29.5 35.5 34.5 40.6 42.2 48.3 47.2 53.3 52.3 58.4 59.9 66.0 72.6 78.7
One at center One on right and left sides, resp.
85.3 91.4 One on right and left sides, resp. 90.4 96.5 The products marked with 5 comply with MIL standard.
B22
sThree Wall Straight Through hole
BPCB mounting pattern
sn=number of contacts
Note1,Note2: The number of polarizing slot and key installed positions changes according to products. Refer to the list as shown below. Note3: The spacer moves to the right according to the number of contacts. Note4: The 10 contact connector consists of two types. Use products, referring to (Note 1) and (Note 2). Note5: The 6 contact has no polarity mark.
Unit:mm Part Number CL No. Number of Contacts 10 10 16 20 26 30 34 40 50 60 64 A B C D
28.14 MAX51.1 28.14 MAX51.1 35.74 MAX58.7 40.84 MAX63.8 48.44 MAX71.4 53.54 MAX76.5 58.64 MAX81.6 66.24 MAX89.2 78.94 MAX101.9 91.64 MAX114.6 96.74 MAX119.7
E
F
Polarizing Slot (Note 1) None
Polarizing Key Install (Note 2) One on right side None
5 HIF3BD-10PA-2.54DSA 610-0071-5 HIF3BC-10PA-2.54DSA 610-0161-6 5 HIF3BD-16PA-2.54DSA 610-0072-8 5 HIF3BD-20PA-2.54DSA 610-0073-0 5 HIF3BD-26PA-2.54DSA 610-0074-3 5 HIF3BD-30PA-2.54DSA 610-0075-6 5 HIF3BD-34PA-2.54DSA 610-0076-9 5 HIF3BD-40PA-2.54DSA 610-0077-1 5 HIF3BD-50PA-2.54DSA 610-0078-4 5 HIF3BD-60PA-2.54DSA 610-0079-7 5 HIF3BD-64PA-2.54DSA 610-0080-6
32.0 17.5 10.16 32.0 17.5 10.16 39.6 25.1 17.78 44.7 30.2 22.86 52.3 37.8 30.48 57.4 42.9 35.56 62.5 48.0 40.64 70.1 55.6 48.26 82.8 68.3 60.96 95.5 81.0 73.66 100.6 86.1 78.74
21.8 27.9 21.8 27.9 29.5 35.5 34.5 40.6 42.2 48.3 47.2 53.3 52.3 58.4 59.9 66.0 72.6 78.7
One at center One on right and left sides, resp.
85.3 91.4 One on right and left sides, resp. 90.4 96.5 The products marked with 5 comply with MIL standard.
B23
sFour Wall Wrapping Type
BPCB mounting pattern
sn=number of contacts
Note 1, Note 2. The number of polarizing slot and key installed positions changes according to products. Refer to the list as shown below. Note 3. The spacer moves to the right according to the number of contacts. Note 4. The 10, 50, 60 and 64 contact connectors consists of two types. Use products, confirming (Note 1) (Note 2). Note 5. The mark * indicates the number of contacts. Note 6. The nut built-in specification product is also provided. The product can be fixed by M2 screws from the rear side. Use the screw of (board thickness) +4 mm under the neck.
Unit:mm Part Number CL No. Number of Contacts 10 10 14 16 20 26 30 34 40 50 50 60 60 64 64 A B C D
28.14 MAX51.1 28.14 MAX51.1 33.24 MAX56.2 35.74 MAX58.7 40.84 MAX63.8 48.44 MAX71.4 53.54 MAX76.5 58.64 MAX81.6 66.24 MAX89.2 78.94 MAX101.9 78.94 MAX101.9 91.64 MAX114.6 91.64 MAX114.6 96.74 MAX119.7 96.74 MAX119.7
E
F
Polarizing Slot (Note 1) None
Polarizing Key Install (Note 2) One on right side None One on right side
5 HIF3BA-10P-2.54W 610-0503-8 HIF3BD-10P-2.54W 610-0492-3 5 HIF3BA-14P-2.54W 610-0493-6 5 HIF3BA-16P-2.54W 610-0494-9 5 HIF3BA-20P-2.54W 610-0495-1 5 HIF3BA-26P-2.54W 610-0496-4 5 HIF3BA-30P-2.54W 610-0497-7 5 HIF3BA-34P-2.54W 610-0498-0 5 HIF3BA-40P-2.54W 610-0499-2 5 HIF3BA-50P-2.54W 610-0504-0 5 HIF3BB-50P-2.54W 610-0500-0 5 HIF3BA-60P-2.54W 610-0505-3 5 HIF3BB-60P-2.54W 610-0501-2 5 HIF3BA-64P-2.54W 610-0506-6 5 HIF3BB-64P-2.54W 610-0502-5
32.0 17.5 10.16 32.0 17.5 10.16 37.1 22.6 15.24 39.6 25.1 17.78 44.7 30.2 22.86 52.3 37.8 30.48 57.4 42.9 35.56 62.5 48.0 40.64 70.1 55.6 48.26 82.8 68.3 60.96 82.8 68.3 60.96 95.5 81.0 73.66 95.5 81.0 73.66 100.6 86.1 78.74 100.6 86.1 78.74
21.8 27.9 21.8 27.9 26.9 33.0 29.5 35.5 34.5 40.6 42.2 48.3 47.2 53.3 52.3 58.4 59.9 66.0
One at center
72.6 78.7 One on right and left sides, resp. 72.6 78.7 85.3 91.4 90.4 96.5 One at center One at center One at center 85.3 91.4 One on right and left sides, resp. 90.4 96.5 One on right and left sides, resp.
One on right and left sides, resp.
The products marked with 5 comply with MIL standard.
B24
sFour Wall Straight Through hole [Flux Blister Prevention Type]
BPCB mounting pattern
Note1: The number of polarizing slot and key installed positions changes according to products. Refer to the list as shown below. sn=number of contacts
Unit:mm Part Number CL No. Number of Contacts 10 10 16 20 26 30 34 40 50 50 60 64 A B C D
28.14 MAX51.1 28.14 MAX51.1 35.74 MAX58.7 40.84 MAX63.8 48.44 MAX71.4 53.54 MAX76.5 58.64 MAX81.6 66.24 MAX89.2 78.94 MAX101.9 78.94 MAX101.9 91.64 MAX114.6 96.74 MAX119.7
E
F
Polarizing Slot None
Polarizing Key Install One on right side None
5 HIF3CA-10PA-2.54DSA 610-0701-1 HIF3CD-10PA-2.54DSA 610-0722-1 5 HIF3CA-16PA-2.54DSA 610-0703-7 5 HIF3CA-20PA-2.54DSA 610-0704-0 5 HIF3CA-26PA-2.54DSA 610-0705-2 5 HIF3CA-30PA-2.54DSA 610-0706-5 5 HIF3CA-34PA-2.54DSA 610-0707-8 5 HIF3CA-40PA-2.54DSA 610-0708-0 5 HIF3CA-50PA-2.54DSA 610-0709-3 5 HIF3CB-50PA-2.54DSA 610-0721-9 5 HIF3CB-60PA-2.54DSA 610-0723-4 5 HIF3CB-64PA-2.54DSA 610-0724-7
32.0 17.5 10.16 32.0 17.5 10.16 39.6 25.1 17.78 44.7 30.2 22.86 52.3 37.8 30.48 57.4 42.9 35.56 62.5 48.0 40.64 70.1 55.6 48.26 82.8 68.3 60.96 82.8 68.3 60.96 95.5 81.0 73.66 100.6 86.1 78.74
21.8 27.9 21.8 27.9 29.5 35.5 34.5 40.6 42.2 48.3 47.2 53.3 52.3 58.4 59.9 66.0
One at center
One on right and left sides, resp.
72.6 78.7 One on right and left sides, resp. 72.6 78.7 85.3 91.4 90.4 96.5 The products marked with 5 comply with MIL standard. One at center
B25
sTwo Stage Staking Right Angle Through hole
Note 1, Note 2: The number of polarizing slot and key installed positions changes according to products. Refer to the list as shown below. Note 3: The spacer moves to the right according to the number of contacts. Note 4: The 10, 50, 60 and 64 contact connectors consists of two types. Use products, confirming (Note 1) (Note 2). Note 5: The mark * ndicates the number of contacts. Note 6: The locator is located optionally.
Unit:mm Part Number 5 HIF3BA-10PA-2.54WB 5 HIF3BA-16PA-2.54WB 5 HIF3BA-20PA-2.54WB 5 HIF3BA-26PA-2.54WB 5 HIF3BA-30PA-2.54WB 5 HIF3BA-34PA-2.54WB 5 HIF3BA-40PA-2.54WB 5 HIF3BA-50PA-2.54WB 5 HIF3BB-50PA-2.54WB 5 HIF3BA-60PA-2.54WB 5 HIF3BB-60PA-2.54WB 5 HIF3BA-64PA-2.54WB 5 HIF3BB-64PA-2.54WB CL No. 610-1502-0 610-1505-9 610-1506-1 610-1507-4 610-1508-7 610-1509-0 610-1510-9 610-1511-1 610-1512-4 610-1513-7 610-1514-0 610-1515-2 610-1516-5 Number of Contacts 10 10 16 20 26 30 34 40 50 50 60 60 64 64 A B C D
28.14 MAX51.1 28.14 MAX51.1 35.74 MAX58.7 40.84 MAX63.8 48.44 MAX71.4 53.54 MAX76.5 58.64 MAX81.6 66.24 MAX89.2 78.94 MAX101.9 78.94 MAX101.9 91.64 MAX114.6 91.64 MAX114.6 96.74 MAX119.7 96.74 MAX119.7
E
F
Polarizing Slot (Note 1) None
Polarizing Key Install (Note 2) One on right side None
32.0 17.5 10.16 32.0 17.5 10.16 39.6 25.1 17.78 44.7 30.2 22.86 52.3 37.8 30.48 57.4 42.9 35.56 62.5 48.0 40.64 70.1 55.6 48.26 82.8 68.3 60.96 82.8 68.3 60.96 95.5 81.0 73.66 95.5 81.0 73.66 100.6 86.1 78.74 100.6 86.1 78.74
21.8 27.9 21.8 27.9 29.5 35.5 34.5 40.6 42.2 48.3 47.2 53.3 52.3 58.4 59.9 66.0
HIF3BD-10PA-2.54WB 610-1503-3
One at center
72.6 78.7 One on right and left sides, resp. 72.6 78.7 85.3 91.4 90.4 96.5 One at center One at center One at center 85.3 91.4 One on right and left sides, resp. 90.4 96.5 One on right and left sides, resp.
One on right and left sides, resp.
The products marked with 5 comply with MIL standard.
B26
BCombination Pattern
Note : Fix the HIF3-mounting hole spacer by screws between upper stage and lower stage connectors.
BPCB mounting pattern
sMounting Hole Spacer
Part Number HIF-3 mounting hole spacer
CL No. 562-0714-4
Finish PBT Black
Note : 2 pieces are contained in a bag.
B27
BPolarizing Key
HIF3B-GK CL562-0601-8
HIF3-GPIN(A)
HIF3BA-GPIN
Note1: One unit of this product is a set of five pieces in conjunction with a runner. The unit for sale is defined one pack containing 20 pieces. Note2: This product is applicable to HIF3A*D2.54R, HIF3C*D2.54C and HIF3BA-*D2.54C products.
Note1: One unit of this product is a set of five pieces in conjunction with a runner. The unit for sale is defined one pack containing 20 pieces. Note2: This product is applicable to the HIF3BA-*D2.54R product.
Part Number
CL No.
Material Poly acetal (white)
Remarks A set of 5 pieces
Part Number
CL No.
Material Poly acetal (white)
Remarks A set of 5 pieces
HIF3-GPIN(A) 562-0126-6
HIF3BA-GPIN 612-0500-2
B28
BHIF3-Multi Clamp
BHIF3-*CL Pull Tab
This clamp is used for intermediate connection in the bus-line system, etc. Remove compulsory force from the insulation displacement area of the connector in intermediate connection. Note: The pin header corresponds to the HIF3BAE series (lock E).
This pull tab is used for the HIF3 series equipped with cable clamp function. Remove all compulsory force, which is loaded on the insulation displacement area of the connector for extraction. Note: This HIF3-* Pull Tab can not be used for HIF3BA-*PD. Note: The pin header corresponds to the HIF3BAE series (lock E).
BLock
qLow Profile Lock Pin Header Lock G
Part Number : HIF3BAG-**PA-2.54DSA
qF Type Lock Pin Header Lock F
Part Number : HIF3BAG-**PA-2.54DSA
qLow profile type, and used for lock ejection. Connector height is reduced. Since no connector clamp is needed on the cable side, this is used without turning back on the cable side. Take care about this point.
21.5
qLocking range more reduced than conventional lock type. Even if connectors are aligned laterally, the mounting space is reduced. Note : The clamp must be replaced for HIF3A socket type 50 contacts only. Take care about this point.
27.3
B29
sSocket for Crimping
Unit: mm Part Number HIF3BA-10D-2.54C HIF3BA-14D-2.54C HIF3BA-16D-2.54C HIF3BA-20D-2.54C HIF3BA-26D-2.54C HIF3BA-30D-2.54C HIF3BA-34D-2.54C HIF3BA-40D-2.54C HIF3BA-50D-2.54C HIF3BB-50D-2.54C HIF3BA-60D-2.54C HIF3BB-60D-2.54C HIF3BA-64D-2.54C HIF3BB-64D-2.54C CL No. 610-1041-0 610-1051-3 610-1042-2 610-1043-5 610-1044-8 610-1045-0 610-1046-3 610-1047-6 610-1048-9 610-1061-7 610-1049-1 610-1062-0 610-1064-5 610-1063-2 Number of Contacts 10 14 16 20 26 30 34 40 50 60 64 A 17.25 22.35 24.8 29.95 37.55 42.63 47.75 55.35 68.04 80.77 85.85 B 10.16 15.24 17.78 22.86 30.48 35.56 40.64 48.26 60.96 73.66 78.74 One right and left side, resp. One at center One right and left side, resp. One at center One right and left side, resp. One at center One at center Polarizing Guide
B30
sCover Case for Crimping socket
Unit: mm Part Number HIF3-20CV HIF3-26CV HIF3-30CV HIF3-34CV HIF3-40CV HIF3-50CV HIF3-60CV CL No. 562-0201-0 562-0202-2 562-0203-5 562-0204-8 562-0205-0 562-0206-3 562-0207-6 Number of Contacts 20 26 30 34 40 50 60 A 24.5 30.2 32.2 34.2 36.2 39.2 42.2 B 18.0 20.0 22.0 24.0 26.0 29.0 32.0 C 12.0 14.0 16.0 18.0 20.0 23.0 26.0 D 30.5 32.0 33.0 33.5 35.5 38.0 40.5 E 29.95 37.55 42.63 47.75 55.35 68.04 80.77
Note: The type F lock pin header cannot be used for a mating member.
B31
sContact for Crimping Socket
HIF3-2226SC HIF3-2226SCA Applicable cable Manual crimping tool
562-0079-8 gold plated contact in bag 562-0244-2 Selective gold plated contact in bag AWG#22 to #26 UL 1007 Stranded wire HIF3-T2226HC
HIF3-2428SC HIF3-2428SCA Applicable cable Manual crimping tool
562-0124-0 gold plated contact in bag 562-0246-8 Selective gold plated contact in bag AWG#24 to #28 UL 1007 Stranded wire HIF3-TA2428HC
HIF3-2022SC 562-0492-4 gold plated contact in bag Applicable cable AWG#20 to #22 UL 1007 Stranded wire Manual crimping tool HIF3-TA2022HC
HIF3-2226SCF 562-0080-7 gold plated contact in reel * HIF3-2226SCFA 562-0245-5 Selective gold plated contact in reel Applicable cable AWG#22 to #26 UL 1007 Stranded wire Note:* products have both side careers.
HIF3-2428SCF 562-0125-3 gold plated contact in reel * HIF3-2428SCFA 562-0247-0 Selective gold plated contact in reel Applicable cable AWG#24 to #28 UL 1007 Stranded wire
HIF3-2022SCF 562-0493-7 gold plated contact in reel Applicable cable AWG#20 to #22 UL 1007 Stranded wire
Type VA (Selective gold plated in reel)
Applicable Cable Part Number CL No. HIF3-2226SCFC 613-0002-1 AWG#22 to #26 UL 1007 Stranded wire HIF3-2630SCFC 613-0001-9 AWG#26 to #30 UL 1007 Stranded wire HIF3A-3236SCFC 613-0005-0 AWG#32 to #36 UL 1007 Stranded wire A 11.5 11.5 12.4 B 0.8 0.8 1.7 C 1.8 1.4 1.1 D 1.8 1.35 1.1 E 2.3 2.0 1.4 F 2.6 2.1 1.5
Type VA (Selective gold plated contact in bag)
Applicable Cable Manual Crimp Tool A B C D E F Part Number CL No. HIF3-2226SCC 613-0004-7 AWG#22 to #26 UL 1007 Stranded wire HIF3-TB2226HC 11.5 0.8 1.8 1.8 2.3 2.6 HIF3-2630SCC 613-0003-4 AWG#26 to #30 UL 1007 Stranded wire HIF3-TB2630HC 11.5 0.8 1.4 1.35 2.0 2.1
B32
BTools
qCrimping Tool
Part Number HIF3-T2226HC
CL No. 550-0063-8
Manual Crimping Tool
HIF3-T2226HC
qAutomatic Crimping Tool (Type: CM-105)
Part Number CM-105
CL No. 901-0005-4
qContact Extraction Tools
How to use the extraction tool
(1) How to extract contacts As shown in Figure 1, where the extraction tool is inserted in the lance fixed slot on the insulated case, slightly pull the cable, and the contact can be removed. (2) How to adjust the lance (raise) In order to re-insert the contact removed from the insulated case, raise the contact lance area using the tool A, and re-insert the contact, as shown in Figure 2.
Part Number HIF1-PO
CL No. 550-0049-7 Figure 1
B33
Type Manual
Item Manual crimping tool
Part Number HIF3-T2226HC HIF3-TA2428HC HIF3-TA2022HC HIF3-TB2226HC HIF3-TB2630HC
CL No. 550-0063-8 550-0100-2 550-0124-0 550-0154-1 550-0155-4 901-0005-4 901-4031-6 901-4030-3 901-4027-9 901-4005-6 901-4006-9 901-4007-1 550-0049-7
(Note1)
Applicable Contact HIF3-2226SC HIF3-2226SCA HIF3-2428SC HIF3-2428SCA HIF3-2022SC HIF3-2226SCC HIF3-2630SCC ------- HIF3-2226SCF HIF3-2428SCF HIF3-2226SCFA HIF3-2428SCFA HIF3-2022SCF HIF3-2226SCFC HIF3-2630SCFC HIF3-3236SCFC -------
Applicable Cable AWG#22 to #26 AWG#24 to #28 AWG#20 to #22 AWG#22 to #26 AWG#26 to #30 ------- AWG#22 to #26 AWG#24 to #28 AWG#22 to #26 AWG#24 to #28 AWG#20 to #22 AWG#22 to #26 AWG#26 to #30 AWG#32 to #36 -------
Automatic
Automatic crimping tool unit CM-105 Applicator AP105-HIF3-22-28SCF AP105-HIF3-22-28SCFA
(Note1)
AP105-HIF3-2022S AP105-HIF3-2226SCFC AP105-HIF3-2630SCFC AP105-HIF3-3236SCFC Extraction tool HIF1-PO
Note1: AP106-HIF3-22-28SCF and AP105-HIF3-22-28CFA can be modified by changing a few parts.
B34
BSocket Side (Crimping) Assembling Procedures
(1) As shown in Figure 1, peel the applicable cable (AWG#20 to #26) jacket, and connect it using crimping jig HIF3-TA2022HC, HIF3-TA2226HC, or HIF3-TA2426HC. In this case, insert the cable so as to hit the contact cable stripper position as shown Figure 2. (2) After connection as shown Figure 2, check the contact direction, and insert the contact as shown Figures 3 and 4. Slightly pull the cable, and check whether the contact lance position is firmly fixed to the insulation case, as shown in the area (A).
Note : For handling procedures for special crimping tools, refer to the "Handling Instruction Manual".
Figure 1
Figure 2
Figure 3
Figure 4
B35
HIF3B Connection Circuit Diagram
Type AB
Type AD
Type CD
B36
Type CD
Type AD
Type AB
Type AC
Type CC
Type AA
Type AA
Type CC
Type AC
B37
HIF2E R(S) A to HIF3B Connection Circuit Diagram
Type AA
Type AC
B38
Type BA
Type BC
B39
HIF2E R(S)B to HIF3 Connection Circuit Diagram
Type AA
Type AC
B40
Type BA
Type BC
B41


▲Up To Search▲   

 
Price & Availability of HIF3B-50DA-254R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X