Part Number Hot Search : 
0A120 1C102 MA46504 MA2C167 SP334ET 154741 5663B MAX3229
Product Description
Full Text Search
 

To Download HDF1086A2S7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHOULDER ELECTRONICS LIMITED
SAW Components Data Sheet
PRODUCT : MODEL NO : PREPARED : CHECKED : APPROVED : DATE : 2007-01-25 SAW FILTER HD F1086A2S7
Http://www.shoulder.cn
Page: 1
SHOULDER ELECTRONICS LIMITED
1. SCOPE
This specification shall cover the characteristics of SAW filter With F1086A2S7 used digital television
2. ELECTRICAL SPECIFICATION
Dc voltage VDC> Operation temperature Storage temperature RF Power dissipation Electronic Characteristics 2-1.Typical frequency response 2-2.Electrical characteristics Part number Nominal frequency Maximum insertion loss 1081~1091MHz 1.5dB Bandedges Lower Bandedge Upper Bandedge Amplitude ripple 1081~1091MHz Stopband Rejection 500~988MHz 988~1002MHz 1038~1046MHz 1140~1600MHz 2040~2128MHz 50 52.5 40 40 35 65 70 55 60 40 dB min 1091 typ 1086.0 4 1073 1099 0.3 max 5 1081 unit MHz dB MHz 0V -40C~+85C -40C~+85C 0 dBm(source impedance 200)
1.0
dB
3. TEST CIRCUIT
Http://www.shoulder.cn
Page: 2
SHOULDER ELECTRONICS LIMITED
4. DIMENSION
5. ENVIRONMENTAL CHARACTERISTICS
5-1 Temperature cycling Subject the device to a low temperature of -45for 30 minutes. Following by a high temperature of +25 for 5 Minutes and a higher temperature of +85 for 30 Minutes. Then release the device into the room conditions for 1 to 2 hours prior to the measurement. It shall meet the specifications in table 1. 5-2 Resistance to solder heat Submerge the device terminals into the solder bath at 260 5 for 101 sec. Then release the device into the room conditions for 4 hours. It shall meet the specifications in table 1. 5-3 Solderability Submerge the device terminals into the solder bath at 245 5 for 5s, More than 95% area of the soldering pad must be covered with new solder. It shall meet the specifications in table 1. 5-4 Mechanical shock Drop the device randomly onto the concrete floor from the height of 1 m 3 times. the filter shall fulfill the specifications in table 1. 5-5 Vibration Subject the device to the vibration for 2 hour each in x,y and z axes with the amplitude of 1.5 mm at 10 to 55 hz. The filter shall fulfill the specifications in table 1.
6. REMARK
6.1 Static voltage Static voltage between signal load & ground may cause deterioration &destruction of the component. Please avoid static voltage. 6.2 Ultrasonic cleaning Ultrasonic vibration may cause deterioration & destruction of the component. Please avoid ultrasonic cleaning 6.3 Soldering
Http://www.shoulder.cn Page: 3 SHOULDER ELECTRONICS LIMITED
Only leads of component may be soldered. Please avoid soldering another part of component.
7. Packing
7.1 Dimensions (1) Carrier Tape: Figure 1 (2) Reel: Figure 2 (3) The product shall be packed properly not to be damaged during transportation and storage. 7.2 Reeling Quantity 1000 pcs/reel 7'' 3000 pcs/reel 13'' 7.3 Taping Structure (1) The tape shall be wound around the reel in the direction shown below.
(2) Label Device Name User Product Name Quantity Lot No. (3) Leader part and vacant position specifications.
Http://www.shoulder.cn
Page: 4
SHOULDER ELECTRONICS LIMITED
8. TAPE SPECIFICATIONS
8.1 Tensile Strength of Carrier Tape: 4.4N/mm width 8.2 Top Cover Tape Adhesion (See the below figure) (1) pull off angle: 0~15 (2) speed: 300mm/min. (3) force: 20~70g
[Figure 1] Carrier Tape Dimensions
[Unit:mm]
W 12.00 0.30 F 5.50 0.10 E 1.75 0.10 P0 4.00 0.10 P1 4.00 0.10 P2 2.00 0.10 D0 O1.50 D1 O1.5 0.25 t1 0.31 0.05 t2 1.30 0.10 A 3.4 MAX. B 3.4 MAX
Http://www.shoulder.cn
Page: 5
SHOULDER ELECTRONICS LIMITED
[Figure 2]
[Unit:mm] A O330 1.0 B O100 0.5 C O13 0.5 D O21 0.8 E 2 0.5 W 13 0.3 t 3 max. r 1.0 max.
Http://www.shoulder.cn
Page: 6
SHOULDER ELECTRONICS LIMITED


▲Up To Search▲   

 
Price & Availability of HDF1086A2S7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X