|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SHOULDER ELECTRONICS LIMITED SAW Components Data Sheet PRODUCT : MODEL NO : PREPARED : CHECKED : APPROVED : DATE : 2007-01-25 SAW FILTER HDF1086A1 SMD-7 Http://www.shoulder.cn Page: 1 SHOULDER ELECTRONICS LIMITED 1. SCOPE This specification shall cover the characteristics of SAW filter With F1086A1S7 used digital television 2. ELECTRICAL SPECIFICATION Dc voltage VDC> Operation temperature Storage temperature RF Power dissipation 2-1.Typical frequency response 0V -40C~+85C -40C~+85C 0 dBm(source impedance 200) Electronic Characteristics Http://www.shoulder.cn Page: 2 SHOULDER ELECTRONICS LIMITED 2-2.Electrical characteristics Part number Nominal frequency Maximum insertion attenuation 1081~1091MHz Amplitude ripple in passband 1081~1091MHz Amplitude ripple in any 6MHz band 1081~1091MHz Attenuation 500~988MHz 988~1002MHz 1038~1046MHz 1140~1600MHz 2040~2128MHz min 60 60 35 55 50 typ 1086.0 2.2 0.6 0.5 64 63 37 60 57 max 2.8 1.0 0.8 - unit MHz dB dB dB dB 3. TEST CIRCUIT 4. DIMENSION Http://www.shoulder.cn Page: 3 SHOULDER ELECTRONICS LIMITED 5. ENVIRONMENTAL CHARACTERISTICS 5-1 Temperature cycling Subject the device to a low temperature of -45for 30 minutes. Following by a high temperature of +25 for 5 Minutes and a higher temperature of +85 for 30 Minutes. Then release the device into the room conditions for 1 to 2 hours prior to the measurement. It shall meet the specifications in table 1. 5-2 Resistance to solder heat Submerge the device terminals into the solder bath at 260 5 for 101 sec. Then release the device into the room conditions for 4 hours. It shall meet the specifications in table 1. 5-3 Solderability Submerge the device terminals into the solder bath at 245 5 for 5s, More than 95% area of the soldering pad must be covered with new solder. It shall meet the specifications in table 1. 5-4 Mechanical shock Drop the device randomly onto the concrete floor from the height of 1 m 3 times. the filter shall fulfill the specifications in table 1. 5-5 Vibration Subject the device to the vibration for 2 hour each in x,y and z axes with the amplitude of 1.5 mm at 10 to 55 hz. The filter shall fulfill the specifications in table 1. 6. REMARK 6.1 Static voltage Static voltage between signal load & ground may cause deterioration &destruction of the component. Please avoid static voltage. 6.2 Ultrasonic cleaning Ultrasonic vibration may cause deterioration & destruction of the component. Please avoid ultrasonic cleaning 6.3 Soldering Only leads of component may be soldered. Please avoid soldering another part of component. 7. Packing 7.1 Dimensions (1) Carrier Tape: Figure 1 (2) Reel: Figure 2 (3) The product shall be packed properly not to be damaged during transportation and storage. 7.2 Reeling Quantity 1000 pcs/reel 7'' 3000 pcs/reel 13'' 7.3 Taping Structure (1) The tape shall be wound around the reel in the direction shown below. Http://www.shoulder.cn Page: 4 SHOULDER ELECTRONICS LIMITED (2) Label Device Name User Product Name Quantity Lot No. (3) Leader part and vacant position specifications. 8. TAPE SPECIFICATIONS 8.1 Tensile Strength of Carrier Tape: 4.4N/mm width 8.2 Top Cover Tape Adhesion (See the below figure) (1) pull off angle: 0~15 (2) speed: 300mm/min. (3) force: 20~70g Http://www.shoulder.cn Page: 5 SHOULDER ELECTRONICS LIMITED [Figure 1] Carrier Tape Dimensions [Unit:mm] W 12.00 0.30 [Figure 2] F 5.50 0.10 E 1.75 0.10 P0 4.00 0.10 P1 4.00 0.10 P2 2.00 0.10 D0 O1.50 D1 O1.5 0.25 t1 0.31 0.05 t2 1.30 0.10 A 3.4 MAX. B 3.4 MAX [Unit:mm] A O330 1.0 B O100 0.5 C O13 0.5 D O21 0.8 E 2 0.5 W 13 0.3 t 3 max. r 1.0 max. Http://www.shoulder.cn Page: 6 SHOULDER ELECTRONICS LIMITED |
Price & Availability of HDF1086A1 |