Part Number Hot Search : 
V400B 35N08 BTB1184 01140 NE559 MC79M12 SB2510M LTC372
Product Description
Full Text Search
 

To Download GBJ8005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ8005
Elektronische Bauelemente
THRU
GBJ810
VOLTAGE -50V ~ 1000V -8 .0 AMP Glass Passivated Bridge Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen-free.
4.6 0.2 30 0.3 3.5 0.2 3.6 0.2 3.2 0.2 2.7 0.2
20 0.3
* * Ldeal For Printed Circuit Board Reliable Low Cost Construction Utilizing * Plastic Technique Results In InexpensiveMolded Product
Plastic Material Has Underw rites * Flammability Classification 94V-0 Laboratory
Low Forward voltage Drop, High Current Capability
2.5 0.2 2.2 0.2
5
FEATURES
+
1 0.1
17.5 0.5 0.7 0.1
GBJ 808
10 0.2 0.2 0.2
7.5
7.5
* Rating To 1000V PRV
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz, For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surge Current, 8.3 ms single half Sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 4.0A o Maximum DC Reverse Current Ta=25 C o at Rated DC Blocking Voltage Ta=125 C I2t Rating for fusing (t<8.3ms) Typical Junction Capacitance per element (Note1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC I(AV) IFSM VF IR I2t CJ RJC TJ TSTG
GBJ 8005 GBJ 801 GBJ 802 GBJ 804 GBJ 806 GBJ 810
o
4 0.2
110.2
UNITS V V V A A V A
A2S
50 35 50
100 70 100
200 140 200
400 280 400 8.0 2.9
600 420 600
800 560 800
1000 700 1000
170 1.10 5.0 500 120 0 55 1.8 - 55 ~ + 150 - 55 ~ + 150
o
pF C/W o C o C
NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Device mounted on 75mm x 75mm x 1.6mm Cu Plate Heatsink.
ht t p:/ /www. SeCoSGmbH. com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2


▲Up To Search▲   

 
Price & Availability of GBJ8005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X