Part Number Hot Search : 
74LCX16 TLP25 AD834AR PFR5028 FDMC8296 SMCJ12C MPC8360E D74LVC
Product Description
Full Text Search
 

To Download FSMD010-0805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount PPTC FSMD 0805 Series
FEATURES
* 0805 size Surface Mount *Application: All high-density boards *Operation Current: 100mA ~ 350mA *Maximum Voltage: 6V ~ 15V *Temperature Range: -40C to 85C *RoHS Compliant
RoHS
u
AGENCY RECOGNITION
*UL (Pending) *C-UL (Pending) *TUV (Pending)
ELECTRICAL CHARACTERISTICS (23C)
Part Number FSMD010-0805 FSMD020-0805 FSMD035-0805 Hold Current IH, A 0.10 0.20 0.35 Trip Current IT, A 0.30 0.50 0.75 Rated Voltage VMAX, Vdc 15 9 6 Maximum Current IMAX, A 100 100 100 Typical Power Pd, W 0.5 0.5 0.5 Max Time to Trip Current Amp 0.50 8.00 8.00 Time Sec 1.500 0.02 0.10 Resistance Tolerance RMIN R1MAX OHMS 0.70 0.40 0.25 OHMS 6.000 3.500 1.200
IH=Hold current-maximum current at which the device will not trip at 23C still air. IT=Trip current-maximum current at which the device will always trip at 23C still air. V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX). I MAX=Maximum fault current device can withstand without damage at rated voltage (V MAX). Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23C still air environment. R MIN=Minimum device resistance at 23C prior to tripping. R1MAX=Maximum device resistance at 23C measured 1 hour post trip. Termination pad characteristics Termination pad materials: solder-plated copper
FSMD PRODUCT DIMENSIONS (MILLIMETERS)
B
Marking
A
B
D
Part Number FSMD010-0805 FSMD020-0805 FSMD035-0805 2.00 2.00 2.00
A 2.2 2.2 2.2 1.20 1.20 1.20
B 1.5 1.5 1.5
C Max
D Min
Min Max Min Max Min
0.20 0.55 1.00 0.20 0.55 1.00 0.20 0.47 0.75
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C5ED01 2008.1.30
Surface Mount PPTC FSMD 0805 Series
THERMAL PRODUCT DIMENSIONS (MILLIMETERS)
Thermal Derating Curve, FSMD0805 Series
200%
RoHS
u
Percent of Rated Hold and Trip Current
150%
100%
50%
A= FSMD 075, 100 B= FSMD 014, 020, 035 & 050
40 20 0 20 40 60 80
0%
Ambient Temperature (C)
TYPICAL TIME-TO-TRIP AT 23C
A 100 10
Time-to-trip (S)
B
C
1 0.1 0.01 0.001 0.1 1 Fault current (A) 10
A = FSMD010 - 0805 B = FSMD020 - 0805 C = FSMD035 - 0805
PAD LAYOUTS, SOLDER REFLOW AND REWORK RECOMMENDATIONS
The dimensions in the table below provide the recommended pad layout for each FSMD 1812 device
NOMINAL PAD DIMENSIONS (MILLIMETERS)
SOLDER RELOW
Solder Reflow Due to "Lead Free" nature, Temperature and Dwelling time for the soldering zone is higher than those for regular. This may cause damage to other components. 1. Recommended maximum past thickness is 0.25mm. 2. Devices can be cleaned by using standard industry methods and solvents. 3. Storage Environment: <30C / 60% RH solvents. Caution: If reflow temperatures exceed the recommended profile, devices may not meet performance requirements. Devices are not designed to be wave soldered to the bottom side of the board. Rework: Use standard industry practices.
NOTE: All Specification subject to change without notice.
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C5ED01 2008.1.30


▲Up To Search▲   

 
Price & Availability of FSMD010-0805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X