Part Number Hot Search : 
SM3508 KSH117 BD639 NTE70 74HC573A MV5026A CC78K4 15JGQ100
Product Description
Full Text Search
 

To Download FR304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P re lim in ary Da t a S he et
FR301
THRU
FR307
3.0AMP. Fast Recovery Rectifiers
VOLTAGE:50 TO 1000V
CURRENT:3.0A
AXIAL LEAD DO-201AD
Specification Features:
Case: Epoxy, Molded Weight: 1.20Gram (Approximately) High current capability, Low leakage current High surge current capability Finish: All External Surfaces Corrosion Resistant And Terminal Leads Are Readily Solderable Lead And Mounting Surface Temperature For Soldering Purposed: 260 Max. For 10 Seconds 1/16 Inch From Case RoHS Compliant Cathode Indicated By Polarity Band
DEVICE MARKING DIAGRAM
FR30X : Device Name FR301~ FR307 KEL : KEL Logo
Absolute Maximum Ratings
Parameter Maximum Repetitive Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectifier Current. (0.375" Lead Length @ TA=75) Non-repetitive Peak Forward Surge Current. (8.3mS Single Half Sine-wave) Operating Junction and Storage Temperature Range Thermal Resistance (Junction to Ambient) (Note 1)
TA = 25C unless otherwise noted FR FR FR Symbol 301 302 303 VRRM VR IF(AV) IFSM TJ, TSTG RJA 50 50 100 100 200 200
FR 304 400 400 3.0 150 -65 to +150 20
FR 305 600 600
FR30X KEL
FR 306 800 800
FR 307 1000 1000
Units V V A A C C/W
Electrical Characteristics
Parameter
TA = 25C unless otherwise noted Symbol FR 301 FR 302 FR 303 FR 304 5 FR 305 FR 306 FR 307 Units
Reverse Current @VR
IR
uA
Forward Voltage @3A Maximum Reverse Recovery Time (Note 2) Total Capacitance @VR=4V, f=1MHz
VF
1.3
V
TRR
150
250
500
nS
CT
50
pF
Apr. 2008 Release / Orig Page 1
FR301 through FR307 Series
P re lim in ary Da t a S he et NOTE:
(1) Thermal resistance from junction to ambient at 0.375" lead length, vertical P.C. board mounted (2) Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Package Outline
Package Case Outline
D A
C
B
DO-201AD DIM
Min
DO-201AD Millimeters
Max Min
Inches
Max
A B C D
1.19 7.20 25.40 4.80
1.30 9.60 --5.30
0.046 0.285 1.000 0.190
0.052 0.375 --0.210
Apr. 2008 Release / Orig Page 2


▲Up To Search▲   

 
Price & Availability of FR304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X