Part Number Hot Search : 
A8920SLR XXXBA HY5DU SK22X LSC2606 VR203 MPO40S03 74H78
Product Description
Full Text Search
 

To Download FGP30N6S2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FGH30N6S2 / FGP30N6S2 / FGB30N6S2
July 2001
FGH30N6S2 / FGP30N6S2 / FGB30N6S2
600V, SMPS II Series N-Channel IGBT
General Description
The FGH30N6S2, FGP30N6S2, and FGB30N6S2 are Low Gate Charge, Low Plateau Voltage SMPS II IGBTs combining the fast switching speed of the SMPS IGBTs along with lower gate charge and plateau voltage and avalanche capability (UIS). These LGC devices shorten delay times, and reduce the power requirement of the gate drive. These devices are ideally suited for high voltage switched mode power supply applications where low conduction loss, fast switching times and UIS capability are essential. SMPS II LGC devices have been specially designed for: * * * * * * Power Factor Correction (PFC) circuits Full bridge topologies Half bridge topologies Push-Pull circuits Uninterruptible power supplies Zero voltage and zero current switching circuits
Features
* 100kHz Operation at 390V, 14A * 200kHZ Operation at 390V, 9A * 600V Switching SOA Capability * Typical Fall Time. . . . . . . . . . . 90ns at TJ = 125oC * Low Gate Charge . . . . . . . . . 23nC at VGE = 15V * Low Plateau Voltage . . . . . . . . . . . . .6.5V Typical * UIS Rated . . . . . . . . . . . . . . . . . . . . . . . . . 150mJ * Low Conduction Loss
Formerly Developmental Type TA49367.
Package
JEDEC STYLE TO-247
Symbol
E
JEDEC STYLE TO-220AB JEDEC STYLE TO-263AB
C
C G
E
C
G G E
C
G
E
Device Maximum Ratings TC= 25C unless otherwise noted
Symbol BVCES IC25 IC110 ICM VGES VGEM SSOA EAS PD TJ TSTG Parameter Collector to Emitter Breakdown Voltage Collector Current Continuous, TC = 25C Collector Current Continuous, TC = 110C Collector Current Pulsed (Note 1) Gate to Emitter Voltage Continuous Gate to Emitter Voltage Pulsed Switching Safe Operating Area at TJ = 150C, Figure 2 Pulsed Avalanche Energy, ICE = 20A, L = 1.3mH, VDD = 50V Power Dissipation Total TC = 25C Power Dissipation Derating TC > 25C Operating Junction Temperature Range Storage Junction Temperature Range Ratings 600 45 20 108 20 30 60A at 600V 150 167 1.33 -55 to 150 -55 to 150 mJ W W/C C C Units V A A A V V
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. Pulse width limited by maximum junction temperature.
(c)2001 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGB30N6S2 Rev. A
FGH30N6S2 / FGP30N6S2 / FGS30N6S2
Package Marking and Ordering Information
Device Marking 30N6S2 30N6S2 30N6S2 Device FGH30N6S2 FGP30N6S2 FGB30N6S2 Package TO-247 TO-220AB TO-263AB Tape Width 24mm Quantity 800
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off State Characteristics
BVCES BVECS ICES IGES Collector to Emitter Breakdown Voltage Emitter to Collector Breakdown Voltage Collector to Emitter Leakage Current Gate to Emitter Leakage Current IC = 250A, VGE = 0 IC = 10mA, VGE = 0 VCE = 600V VGE = 20V TJ = 25C TJ = 125C 600 10 25 100 2 250 V V A mA nA
On State Characteristics
VCE(SAT) Collector to Emitter Saturation Voltage IC = 12A, VGE = 15V TJ = 25C TJ = 125C 2.0 1.7 2.5 2.0 V V
Dynamic Characteristics
QG(ON) VGE(TH) VGEP Gate Charge Gate to Emitter Threshold Voltage Gate to Emitter Plateau Voltage IC = 12A, VCE = 300V VGE = 15V VGE = 20V 3.5 23 26 4.3 6.5 29 33 5.0 8.0 nC nC V V
IC = 250A, VCE = 600V IC = 12A, VCE = 300V
Switching Characteristics
SSOA td(ON)I trI td(OFF)I tfI EON1 EON2 EOFF td(ON)I trI td(OFF)I tfI EON1 EON2 EOFF Switching SOA Current Turn-On Delay Time Current Rise Time Current Turn-Off Delay Time Current Fall Time Turn-On Energy (Note 2) Turn-On Energy (Note 2) Turn-Off Energy (Note 3) Current Turn-On Delay Time Current Rise Time Current Turn-Off Delay Time Current Fall Time Turn-On Energy (Note 2) Turn-On Energy (Note 2) Turn-Off Energy (Note 3) IGBT and Diode at TJ = 125C ICE = 12A, VCE = 390V, VGE = 15V, RG = 10 L = 200H Test Circuit - Figure 20 TJ = 150C, RG = 10, VGE = 15V, L = 100H, VCE = 600V IGBT and Diode at TJ = 25C, ICE = 12A, VCE = 390V, VGE = 15V, RG = 10 L = 200H Test Circuit - Figure 20 60 6 10 40 53 55 110 100 11 17 73 90 55 160 250 150 100 100 200 350 A ns ns ns ns J J J ns ns ns ns J J J
Thermal Characteristics
RJC
NOTE: 2. Values
Thermal Resistance Junction-Case
-
-
0.75
C/W
for two Turn-On loss conditions are shown for the convenience of the circuit designer. EON1 is the turn-on loss of the IGBT only. EON2 is the turn-on loss when a typical diode is used in the test circuit and the diode is at the same TJ as the IGBT. The diode type is specified in figure 20.
3. Turn-Off
Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and ending at the point where the collector current equals zero (ICE = 0A). All devices were tested per JEDEC Standard No. 24-1 Method for Measurement of Power Device Turn-Off Switching Loss. This test method produces the true total Turn-Off Energy Loss.
(c)2001 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGS30N6S2 Rev. A
FGH30N6S2 / FGP30N6S2 / FGS30N6S2
Typical Performance Curves
ICE, COLLECTOR TO EMITTER CURRENT (A) 50 ICE , DC COLLECTOR CURRENT (A) 70 TJ = 150oC, RG = 10, VGE = 15V, L = 100mH 60 50 40 30 20 10 0 0 100 200 300 400 500 600 700 VCE, COLLECTOR TO EMITTER VOLTAGE (V)
40
30
20
10
0 25 50 75 100 125 150 TC , CASE TEMPERATURE (oC)
Figure 1. DC Collector Current vs Case Temperature
1000 fMAX, OPERATING FREQUENCY (kHz) TC 75oC
Figure 2. Minimum Switching Safe Operating Area
tSC , SHORT CIRCUIT WITHSTAND TIME (s)
VCE = 390V, RG = 10, TJ = 125oC 10 300
VGE = 10V
VGE = 15V
8 tSC 6 ISC
250
100
fMAX1 = 0.05 / (td(OFF)I + td(ON)I) fMAX2 = (PD - PC) / (EON2 + EOFF) PC = CONDUCTION DISSIPATION (DUTY FACTOR = 50%) ROJC = 0.49oC/W, SEE NOTES TJ = 125oC, RG = 3, L = 200mH, V CE = 390V
200
4
150
2 9 10 11 12 13 14 15
10
1
10 ICE, COLLECTOR TO EMITTER CURRENT (A)
20
30
100 16
VGE , GATE TO EMITTER VOLTAGE (V)
Figure 3. Operating Frequency vs Collector to Emitter Current
ICE, COLLECTOR TO EMITTER CURRENT (A) 18 16 14 12 10 8 6 TJ = 150oC 4 2 0 0.50 TJ = 25oC TJ = 125oC DUTY CYCLE < 0.5%, VGE = 10V PULSE DURATION = 250ms ICE, COLLECTOR TO EMITTER CURRENT (A)
Figure 4. Short Circuit Withstand Time
18 16 14 12 10 8 6 4 2 0 .5 .75 1 1.25 1.50 TJ = 25oC 1.75 2.0 2.25 TJ = 150oC DUTY CYCLE < 0.5%, VGE =15V PULSE DURATION = 250ms
TJ = 125oC
0.75
1.00
1.25
1.50
1.75
2.00
2.25
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
Figure 5. Collector to Emitter On-State Voltage
Figure 6. Collector to Emitter On-State Voltage
(c)2001 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGS30N6S2 Rev. A
ISC, PEAK SHORT CIRCUIT CURRENT (A)
12
350
FGH30N6S2 / FGP30N6S2 / FGS30N6S2
Typical Performance Curves (Continued)
400 EON2 , TURN-ON ENERGY LOSS (mJ) RG = 10, L = 500mH, VCE = 390V 350 300 TJ = 125oC, VGE = 10V, VGE = 15V 250 200 150 100 TJ = 25oC, VGE = 10V, VGE = 15V 50 0 0 5 10 15 20 25 ICE , COLLECTOR TO EMITTER CURRENT (A) EOFF TURN-OFF ENERGY LOSS (J) 600 RG = 10, L = 500mH, VCE = 390V 500
400 TJ = 125oC, VGE = 10V, VGE = 15V 300
200
100 TJ = 25oC, VGE = 10V, VGE = 15V 0 0 5 10 15 20 25 ICE , COLLECTOR TO EMITTER CURRENT (A)
Figure 7. Turn-On Energy Loss vs Collector to Emitter Current
16 td(ON)I, TURN-ON DELAY TIME (ns) RG = 10, L = 500H, VCE = 390V 14 12 10 TJ = 25oC, TJ = 125oC, VGE = 10V 8 6 4 TJ = 25oC, TJ = 125oC, VGE = 15V 2 0
Figure 8. Turn-Off Energy Loss vs Collector to Emitter Current
40 RG = 10, L = 500mH, VCE = 390V 35 trI , RISE TIME (ns) 30 25 TJ = 125oC, VGE = 15V, VGE = 10V 20 15 10 TJ = 25oC, VGE = 10V, VGE =15V 5 0
0
5
10
15
20
25
0
5
10
15
20
25
ICE , COLLECTOR TO EMITTER CURRENT (A)
ICE , COLLECTOR TO EMITTER CURRENT (A)
Figure 9. Turn-On Delay Time vs Collector to Emitter Current
90 td(OFF) TURN-OFF DELAY TIME (ns) RG = 10, L = 500H, VCE = 390V 80 70 60 50 40 30 20 0 5 10 15 20 25 ICE , COLLECTOR TO EMITTER CURRENT (A)
Figure 10. Turn-On Rise Time vs Collector to Emitter Current
120 RG = 10, L = 500H, VCE = 390V
tfI , FALL TIME (ns)
100 TJ = 125oC, VGE = 10V OR 15V 80
60 TJ = 25oC, VGE = 10V OR 15V 40
0
5
10
15
20
25
ICE , COLLECTOR TO EMITTER CURRENT (A)
Figure 11. Turn-Off Delay Time vs Collector to Emitter Current
Figure 12. Fall Time vs Collector to Emitter Current
(c)2001 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGS30N6S2 Rev. A
FGH30N6S2 / FGP30N6S2 / FGS30N6S2
Typical Performance Curves (Continued)
ICE, COLLECTOR TO EMITTER CURRENT (A) 175
VGE, GATE TO EMITTER VOLTAGE (V)
16
DUTY CYCLE < 0.5%, VCE = 10V PULSE DURATION = 250s
IG(REF) = 1mA, RL = 25, TJ = 25oC
150 125
14 12
VCE = 600V
TJ = 25 C 100 75 50 25 0 5 6 7 8 9 10 11 12 13 14 15 16 VGE , GATE TO EMITTER VOLTAGE (V) TJ = 125oC TJ = -55 C
o
o
10 8 6
VCE = 400V
4
VCE = 200V
2 0 0 2 4 6 8 10 12 14 16 18 20 22 24
QG , GATE CHARGE (nC)
Figure 13. Transfer Characteristic
ETOTAL, TOTAL SWITCHING ENERGY LOSS (mJ) ETOTAL, TOTAL SWITCHING ENERGY LOSS (mJ)
Figure 14. Gate Charge
1.2
RG = 10, L = 500mH, VCE = 390V, VGE = 15V
10 TJ = 125oC, L = 500H, VCE = 390V, VGE = 15V ETOTAL = EON2 + EOFF
ETOTAL = EON2 + EOFF 1.0 ICE = 24A
0.8
0.6
1
ICE = 24A
0.4
ICE = 12A
ICE = 12A
0.2
ICE = 6A
ICE = 6A 0.1
0 25 50 75 100
o
125
150
1.0
10
100
1000
TC , CASE TEMPERATURE ( C)
RG, GATE RESISTANCE ()
Figure 15. Total Switching Loss vs Case Temperature
VCE, COLLECTOR TO EMITTER VOLTAGE (V) 1.4 FREQUENCY = 1MHz 1.2 C, CAPACITANCE (nF) 1.0 0.8 CIES 0.6 0.4 0.2 CRES 0.0 0 10 20 30 40 50 60 70 80 90 100
Figure 16. Total Switching Loss vs Gate Resistance
3.5 DUTY CYCLE < 0.5% PULSE DURATION = 250s, TJ = 25oC 3.0
2.5
ICE = 24A
ICE = 12A 2.0 ICE = 6A
COES
1.5 6 7 8 9 10 11 12 13 14 15 16 VGE, GATE TO EMITTER VOLTAGE (V)
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
Figure 17. Capacitance vs Collector to Emitter Voltage
Figure 18. Collector to Emitter On-State Voltage vs Gate to Emitter Voltage
(c)2001 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGS30N6S2 Rev. A
FGH30N6S2 / FGP30N6S2 / FGS30N6S2
Typical Performance Curves (Continued)
ZJC , NORMALIZED THERMAL RESPONSE
100 0.50 0.20 0.10 10-1 0.05 0.02 0.01 SINGLE PULSE 10-2 10-5 10-4 10-3 10-2 10-1 100 101 PD t2 DUTY FACTOR, D = t1 / t2 PEAK TJ = (PD X ZJC X RJC) + TC
t1
t1 , RECTANGULAR PULSE DURATION (s)
Figure 19. IGBT Normalized Transient Thermal Impedance, Junction to Case
Test Circuit and Waveforms
FGP30N6S2D DIODE TA4949390
90% VGE
L = 200mH
10% EON2 EOFF
VCE
RG = 10
90%
+ FGP30N6S2 VDD = 390V
ICE
10% td(OFF)I tfI trI td(ON)I
Figure 20. Inductive Switching Test Circuit
Figure 21. Switching Test Waveforms
(c)2001 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGS30N6S2 Rev. A
FGH30N6S2 / FGP30N6S2 / FGS30N6S2
Handling Precautions for IGBTs
Insulated Gate Bipolar Transistors are susceptible to gate-insulation damage by the electrostatic discharge of energy through the devices. When handling these devices, care should be exercised to assure that the static charge built in the handler's body capacitance is not discharged through the device. With proper handling and application procedures, however, IGBTs are currently being extensively used in production by numerous equipment manufacturers in military, industrial and consumer applications, with virtually no damage problems due to electrostatic discharge. IGBTs can be handled safely if the following basic precautions are taken: 1. Prior to assembly into a circuit, all leads should be kept shorted together either by the use of metal shorting springs or by the insertion into conductive material such as "ECCOSORBDTM LD26" or equivalent. 2. When devices are removed by hand from their carriers, the hand being used should be grounded by any suitable means - for example, with a metallic wristband. 3. Tips of soldering irons should be grounded. 4. Devices should never be inserted into or removed from circuits with power on. 5. Gate Voltage Rating - Never exceed the gatevoltage rating of VGEM. Exceeding the rated VGE can result in permanent damage to the oxide layer in the gate region. 6. Gate Termination - The gates of these devices are essentially capacitors. Circuits that leave the gate open-circuited or floating should be avoided. These conditions can result in turn-on of the device due to voltage buildup on the input capacitor due to leakage currents or pickup. 7. Gate Protection - These devices do not have an internal monolithic Zener diode from gate to emitter. If gate protection is required an external Zener is recommended.
Operating Frequency Information
Operating frequency information for a typical device (Figure 3) is presented as a guide for estimating device performance for a specific application. Other typical frequency vs collector current (ICE) plots are possible using the information shown for a typical unit in Figures 5, 6, 7, 8, 9 and 11. The operating frequency plot (Figure 3) of a typical device shows fMAX1 or fMAX2; whichever is smaller at each point. The information is based on measurements of a typical device and is bounded by the maximum rated junction temperature. fMAX1 is defined by fMAX1 = 0.05/(td(OFF)I+ td(ON)I). Deadtime (the denominator) has been arbitrarily held to 10% of the on-state time for a 50% duty factor. Other definitions are possible. td(OFF)I and td(ON)I are defined in Figure 21. Device turn-off delay can establish an additional frequency limiting condition for an application other than TJM . td(OFF)I is important when controlling output ripple under a lightly loaded condition. fMAX2 is defined by fMAX2 = (PD - PC)/(EOFF + EON2). The allowable dissipation (PD) is defined by PD = (TJM - TC)/RJC. The sum of device switching and conduction losses must not exceed PD. A 50% duty factor was used (Figure 3) and the conduction losses (PC) are approximated by PC = (VCE x ICE)/2. EON2 and EOFF are defined in the switching waveforms shown in Figure 21. EON2 is the integral of the instantaneous power loss (ICE x VCE) during turn-on and EOFF is the integral of the instantaneous power loss (ICE x VCE) during turn-off. All tail losses are included in the calculation for EOFF; i.e., the collector current equals zero (ICE = 0)
ECCOSORBD is a Trademark of Emerson and Cumming, Inc.
(c)2001 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGS30N6S2 Rev. A
FGH30N6S2 / FGP30N6S2 / FGS30N6S2
TO-247
3 LEAD JEDEC STYLE TO-247 PLASTIC PACKAGE
E A OS Q OR D TERM. 4 OP
INCHES SYMBOL A b b1 b2 c D MIN 0.180 0.046 0.060 0.095 0.020 0.800 0.605 MAX 0.190 0.051 0.070 0.105 0.026 0.820 0.625
MILLIMETERS MIN 4.58 1.17 1.53 2.42 0.51 20.32 15.37 MAX 4.82 1.29 1.77 2.66 0.66 20.82 15.87 NOTES 2, 3 1, 2 1, 2 1, 2, 3 4 4 5 1 -
L1 L
b1 b2 c b
1 2 3 J1 3 2 1
E e e1 J1 L L1 OP Q OR OS
0.219 TYP 0.438 BSC 0.090 0.620 0.145 0.138 0.210 0.195 0.260 0.105 0.640 0.155 0.144 0.220 0.205 0.270
5.56 TYP 11.12 BSC 2.29 15.75 3.69 3.51 5.34 4.96 6.61 2.66 16.25 3.93 3.65 5.58 5.20 6.85
e e1
BACK VIEW
NOTES: 1. Lead dimension and finish uncontrolled in L1. 2. Lead dimension (without solder). 3. Add typically 0.002 inches (0.05mm) for solder coating. 4. Position of lead to be measured 0.250 inches (6.35mm) from bottom of dimension D. 5. Position of lead to be measured 0.100 inches (2.54mm) from bottom of dimension D. 6. Controlling dimension: Inch. 7. Revision 1 dated 1-93.
(c)2001 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGS30N6S2 Rev. A
FGH30N6S2 / FGP30N6S2 / FGS30N6S2
TO-263AB
SURFACE MOUNT JEDEC TO-263AB PLASTIC PACKAGE INCHES MILLIMETERS NOTE SYMBOL MIN MAX MIN MAX S A 0.170 0.180 4.32 4.57 0.048 0.052 1.22 1.32 4, 5 A1 b 0.030 0.034 0.77 0.86 4, 5 b1 0.045 0.055 1.15 1.39 4, 5 0.310 7.88 2 b2 c 0.018 0.022 0.46 0.55 4, 5 D 0.405 0.425 10.29 10.79 E 0.395 0.405 10.04 10.28 e 0.100 TYP 2.54 TYP 7 e1 0.200 BSC 5.08 BSC 7 0.045 0.055 1.15 1.39 H1 J1 0.095 0.105 2.42 2.66 L 0.175 0.195 4.45 4.95 L1 0.090 0.110 2.29 2.79 4, 6 L2 0.050 0.070 1.27 1.77 3 0.315 8.01 2 L3 NOTES: 1. These dimensions are within allowable dimensions of Rev. C of JEDEC TO-263AB outline dated 2-92. 2. L3 and b2 dimensions established a minimum mounting surface for terminal 4. 3. Solder finish uncontrolled in this area. 4. Dimension (without solder). 5. Add typically 0.002 inches (0.05mm) for solder plating. 6. L1 is the terminal length for soldering. 7. Position of lead to be measured 0.120 inches (3.05mm) from bottom of dimension D. 8. Controlling dimension: Inch. 9. Revision 10 dated 5-99.
E H1
A A1 TERM. 4
D
L2 L1 1 3
L
b e e1
TERM. 4
b1
J1 0.450 (11.43)
c
L3
b2
0.350 (8.89) 0.700 (17.78)
3
1 0.080 TYP (2.03) 0.062 TYP (1.58)
0.150 (3.81)
MINIMUM PAD SIZE RECOMMENDED FOR SURFACE-MOUNTED APPLICATIONS
TO-263AB
24mm TAPE REEL
1.5mm DIA. HOLE
4.0mm USER DIRECTION OF FEED 2.0mm 1.75mm C L
24mm
16mm
COVER TAPE
40mm MIN. ACCESS HOLE 30.4mm
13mm 330mm 100mm
GENERAL INFORMATION 1. 800 PIECES PER REEL. 2. ORDER IN MULTIPLES OF FULL REELS ONLY. 3. MEETS EIA-481 REVISION "A" SPECIFICATIONS. 24.4mm
(c)2001 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGS30N6S2 Rev. A
FGH30N6S2 / FGP30N6S2 / FGS30N6S2
TO-220AB
3 LEAD JEDEC TO-220AB PLASTIC PACKAGE
A OP Q H1 D E1 45o D1 TERM. 4 E A1
INCHES SYMBOL A A1 b b1 c D D1 E MIN 0.170 0.048 0.030 0.045 0.014 0.590 0.395 MAX 0.180 0.052 0.034 0.055 0.019 0.610 0.160 0.410 0.030 0.100 TYP 0.200 BSC 0.235 0.100 0.530 0.130 0.149 0.102 0.255 0.110 0.550 0.150 0.153 0.112
MILLIMETERS MIN 4.32 1.22 0.77 1.15 0.36 14.99 10.04 MAX 4.57 1.32 0.86 1.39 0.48 15.49 4.06 10.41 0.76 2.54 TYP 5.08 BSC 5.97 2.54 13.47 3.31 3.79 2.60 6.47 2.79 13.97 3.81 3.88 2.84 NOTES 3, 4 2, 3 2, 3, 4 5 5 6 2 -
L1
b1 b c
L 60o 1 2 3
E1 e e1
J1
e e1
H1 J1 L L1 OP Q
NOTES: 1. These dimensions are within allowable dimensions of Rev. J of JEDEC TO220AB outline dated 3-24-87. 2. Lead dimension and finish uncontrolled in L1. 3. Lead dimension (without solder). 4. Add typically 0.002 inches (0.05mm) for solder coating. 5. Position of lead to be measured 0.250 inches (6.35mm) from bottom of dimension D. 6. Position of lead to be measured 0.100 inches (2.54mm) from bottom of dimension D. 7. Controlling dimension: Inch. 8. Revision 2 dated 7-97.
(c)2001 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGS30N6S2 Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnsignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST(R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MICROWIRETM OPTOLOGICTM
OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptpelectronicsTM Quiet SeriesTM SILENT SWITCHER(R) SMART STARTTM
STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2001 Fairchild Semiconductor Corporation
Rev. H3


▲Up To Search▲   

 
Price & Availability of FGP30N6S2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X