Part Number Hot Search : 
XT5001 L5235 2SC3918 LTC1264 X4323 MBR16100 NC303SOT P2600
Product Description
Full Text Search
 

To Download FDC40-12D05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDC40
SINGLE, DUAL AND TRIPLE OUTPUT, HIGH DENSITY 40 WATTS DC/DC CONVER TERS
Voltage Balance Dual Output Models...........................2%, Max. Triple Output Models..........................10%, TYP Ripple & Noise, 20 MHz BW..............1% Pk-Pk of Vout Line Regulation Single Output Models........................0.5%, Max. Dual Output Models...........................1.0%, Max. Triple Output Models; Primary............2.0%, Max. Auxiliaries............5.0%, Max. Load Regulation Single Output Models........................0.5%, Max. Dual Output Models...........................1.0%, Max. Triple Output Models; Primary............2.0%, Max. Auxiliaries............5.0%, Max. Minimum Output Current % Iout rated (Main Output) xxD3305 Models.................................20% Dual and Triple Output Models...............10% Temperature Coefficient......................0.02%/C Temp. Coefficient Balance...................1%/C Output Short Circuit Duration..............Continuous Overvoltage Protection Threshold: 3.3V Output.........................................3.9V 5V Output............................................6.2V 12V Output..........................................15V 15V Output..........................................18V
FEATURES
2:1 INPUT RANGE INCLUDE 3.3/5.0 VDC, TRIPLE OUTPUT PI INPUT FILTER SIX-SIDED SHIELD 2 YEAR WARRANTY EFFICIENT UP TO 88% LOW PROFILE CASE 0.375 INCH OVER VOLTAGE PROTECTION OVER CURRENT PROTECTION INHIBIT/SYNC INPUT ON/OFF CONTROL
REMOTE ON/OFF CONTROL
Control Voltage Referenced to Negative (-) Input Compatibility......................................CMOS, TTL On-Control..........................................4.8V min. or Open Off-Control..........................................0.4V max. or Short
GENERAL SPECIFICATIONS
Switching Frequency...........................185kHz, typ. Isolation Voltage.................................1600VDC, min Isolation Resistance...........................109 Ohms, min
ELECTRICAL SPECIFICATIONS
All specifications are typical at nominal input, full load, and 25C unless otherwise noted.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature Range............-25C to +85C (CASE) Storage Temperature Range................-55C to +125C Cooling.................................................Free-air Convection EMI/RFI................................................Six-sided Continuous Shield MTBF....................................................2.294x105Hours (MIL-HDBK-217F TA=25C Full Load)
INPUT SPECIFICATIONS
Input Voltage Range .........................See model Selection Guide Input Filter..........................................PI Network Overvoltage Shutdown.......................20, 38 or 78VDC Undervoltage Shutdown.....................8, 17 or 34 VDC Reflected Ripple Current....................75mA, Pk -Pk
OUTPUT SPECIFICATIONS
Voltage Accuracy Single, Dual Output Models...............2%, Max. Triple Output Models; Primary............2%, Max. (Adj. to Zero)
PHYSICAL SPECIFICATIONS
Case Material.....................................Nickel-Coated Copper with Non-Conductive Base Dimensions.........................................2.6x3.0x0.375 Inches (66x76.2x9.5 mm)
20
Series
MODEL NUMBER
FDC40-12S33 FDC40-12S05 FDC40-12S12 FDC40-12S15 FDC40-12D05 FDC40-12D12 FDC40-12D15 FDC40-12D3305 FDC40-24S33 FDC40-24S05 FDC40-24S12 FDC40-24S15 FDC40-24D05 FDC40-24D12 FDC40-24D15 FDC40-24D3305 FDC40-48S33 FDC40-48S05 FDC40-48S12 FDC40-48S15 FDC40-48D05 FDC40-48D12 FDC40-48D15 FDC40-48D3305
INPUT RANGE
9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC
OUTPUT VOLTAGE
3.3VDC 5VDC 12VDC 15VDC 5VDC 12VDC 15VDC 3.3VDC/5VDC 3.3VDC 5VDC 12VDC 15VDC 5VDC 12VDC 15VDC 3.3VDC/5VDC 3.3VDC 5VDC 12VDC 15VDC 5VDC 12VDC 15VDC 3.3VDC/5VDC
OUTPUT CURRENT
10A 8A 3.4A 2.7A 7A/-1A 1.8A 1.4A 4A/4A 10A 8A 3.4A 2.7A 7A/-1A 1.8A 1.4A 4A/4A 10A 8A 3.4A 2.7A 7A/-1A 1.8A 1.4A 4A/4A
% typ. EFF
78 82 84 84 81 83 83 78 81 83 88 88 82 84 84 78 81 83 88 88 82 84 84 78
Triple Output Available
Pin Connections
Pin# Single Output
Remote On/Off +Input -Input Sync Output Trim -Output Sense/Trim (Up) +Output* -Output*
Dual Output
Remote On/Off +Input -Input Sync Commom -Output Output Trim NC NC
Triple Output
Remote On/Off +Input -Input Sync +Output (Aux) Commom(Aux) -Output (Aux) +Output (Primary) -Output (Primary) Output Trim (Primary)
3.3VDC/5.0VDC
Remote On/Off +Input -Input Sync +3.3VDC Commom + 5.0VDC Trim NC NC
1 2 3 4 5 6 7 8 9
+Output Sense/Trim(Down) +Output
10 No Pin
Connections for single output models without sensing or external trimming: For proper operation, externally connect Pin5(+Output Sense) to Pin8(+output) and Pin7(-output Sense) to Pin9(-Output). *NC: NO Connection.
NOTES: 1.ALL DIMENSIONS IN INCHES (mm) PIN PITCH TOLERANCE 0.5 mm
21


▲Up To Search▲   

 
Price & Availability of FDC40-12D05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X