Part Number Hot Search : 
LC508 RTN250 BT847 1N2254A SLG55587 MAX11135 P4SMAJ26 TFS112H
Product Description
Full Text Search
 

To Download DTC123YCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTC123YE/DTC123YUA/DTC123YKA DTC123YCA/TC123YSA
Elektronische Bauelemente
NPN Digital Transistors (Built-in Resistors)
FEATURES
* Built-in bias resistors enable the configuration of an inverter circuit without connecting input resistors (see equivalent circuit). * Only the on/off confitions need to be set for operation, making device design easy. * The bias resistors consis of thin-film resistors with compete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects.
PIN CONNENCTIONS AND MARKING
DTC123YE DTC123YUA
SOT-523
Abbreviated symbol: 62
SOT-323
Abbreviated symbol: 62
DTC123YKA
DTA114ECA DTC123YCA
SOT-23-3L Abbreviated symbol: 62 SOT-23 Abbreviated symbol: 62
DTC123YSA
TO-92S
http://www.SeCoSGmbH.com
l Any changing of specification will not be informed individua
01-Jun-2002 Rev. A
Page 1 of 2
Elektronische Bauelemente
DTC123YE/DTC123YUA/DTC123YKA DTC123YCA/TC123YSA
NPN Digital Transistors (Built-in Resistors)
Absolute maximum ratings(Ta=25)
Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature Symbol VCC VIN IO IC(MAX) Pd Tj Tstg 150 Limits (DTC123Y E UA KA 50 -5~12 100 100 200 150 -55~150 300 ) CA SA Unit V V mA mW

Electrical characteristics (Ta=25)
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT 33 1.54 3.6 2.2 4.5 250 2.86 5.5 MHz K 3 0.1 0.3 3.8 0.5 Min. Typ Max. 0.3 Unit V V mA A Conditions VCC=5V, IO=100A VO=0.3V, IO=20mA IO/II=10mA/0.5mA VI=5V VCC=50V, VI=0 VO=5V, IO=10mA VO=10V, IO=5mA, f=100MHz
Typical Characteristics
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of DTC123YCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X