Part Number Hot Search : 
2SC361 24C04 AD8598 PBSS9110 AD8598 BU15005 SP207E RBV1004D
Product Description
Full Text Search
 

To Download DTA123YCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTA123YE/DTA123YUA/DTA123YKA DTA123YCA/DTA123YSA
Elektronische Bauelemente
PNP Digital Transistors (Built-in Resistors)
FEATURES
* Built-in bias resistors enable the configuration of an inverter circuit without connecting input resistors (see equivalent circuit). * Only the on/off confitions need to be set for operation, making device design easy. * The bias resistors consis of thin-film resistors with compete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects.
PIN CONNENCTIONS AND MARKING
DTA123YE
DTA123YUA DTC114EUA
SOT-323 SOT-523 Abbreviated symbol: 52 Abbreviated symbol: 52
DTA123YKA
DTA123YCA
SOT-23-3L
SOT-23 Abbreviated symbol: 52 Abbreviated symbol: 52
DTA123YSA
TO-92S
http://www.SeCoSGmbH.com
l Any changing of specification will not be informed individua
01-Jun-2002 Rev. A
Page 1 of 2
DTA123YE/DTA123YUA/DTA123YKA DTA123YCA/DTA123YSA
Elektronische Bauelemente
PNP Digital Transistors (Built-in Resistors)
Absolute maximum ratings(Ta=25)
Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency
Symbol VCC VIN IO IC(MAX) Pd Tj Tstg
Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT 33 1.54 3.6 -3 Min.
Limits (DTA123Y )
E UA KA CA SA
Unit V V mA
-50 -12~5 -100 -100 150 150 -55~150
Typ Max. -0.3 Unit V V mA A Conditions VCC=-5V ,IO=-100A VO=-0.3V ,IO=-20 mA IO/II=-10mA/-0.5mA VI=-5V VCC=-50V ,VI=0 VO=-5V ,IO=-10mA 2.2 4.5 250 2.86 5.5 MHz K
200
300
mW

Electrical characteristics (Ta=25)
-0.3 -3.8 -0.5
VO=-10V ,IO=5mA,f=100MHz
Typical Characteristics
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of DTA123YCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X