Part Number Hot Search : 
LM317 ILX103A 7E221 2SK2402 AM2942 A332J UZ7706L XXXGX
Product Description
Full Text Search
 

To Download DS2482-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-4930; Rev 8; 11/09
Single-Channel 1-Wire Master
General Description
The DS2482-100 is an I2C-to-1-Wire(R) bridge device that interfaces directly to standard (100kHz max) or fast (400kHz max) I2C masters to perform bidirectional protocol conversion between the I 2 C master and any downstream 1-Wire slave devices. Relative to any attached 1-Wire slave device, the DS2482-100 is a 1-Wire master. Internal, factory-trimmed timers relieve the system host processor from generating time-critical 1-Wire waveforms, supporting both standard and overdrive 1-Wire communication speeds. To optimize 1-Wire waveform generation, the DS2482-100 performs slew-rate control on rising and falling 1-Wire edges and provides additional programmable features to match drive characteristics to the 1-Wire slave environment. Programmable, strong pullup features support 1-Wire power delivery to 1-Wire devices such as EEPROMs and sensors. The DS2482-100 combines these features with an output to control an external MOSFET for enhanced strong pullup application. The I 2 C slave address assignment is controlled by two binary address inputs, resolving potential conflicts with other I2C slave devices in the system.
Features
I2C Host Interface Supports 100kHz and 400kHz I2C Communication Speeds 1-Wire Master IO with Selectable Active or Passive 1-Wire Pullup Provides Reset/Presence, 8-Bit, Single-Bit, and 3-Bit 1-Wire IO Sequences Standard and Overdrive 1-Wire Communication Speeds Slew-Controlled 1-Wire Edges Strong 1-Wire Pullup Provided by an Internal LowImpedance Signal Path PCTLZ Output to Optionally Control an External MOSFET for Stronger Pullup Requirements Two Address Inputs for I2C Address Assignment Operating Range: 2.9V to 5.5V, -40C to +85C 8-Pin (150 mils) SO and 9-Bump WLP Packages
DS2482-100
Applications
Printers Medical Instruments Industrial Sensors Cell Phones, PDAs
PART DS2482S-100+ DS2482S-100+T&R DS2482X-100+T
Ordering Information
TEMP RANGE -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 8 SO (150 mils) 8 SO (150 mils) 9 WLP (2.5k pieces)
Pin Configurations appear at end of data sheet.
+Denotes a lead(Pb)-free/RoHS-compliant package. T/T&R = Tape and reel.
Typical Operating Circuit
VCC RP* (I2C PORT) C SDA SCL CURRENT-LIMITING RESISTOR REFER TO APPLICATION NOTE 4206 PCTLZ OPTIONAL CIRCUITRY
DS2482-100
AD0 AD1 IO 1-Wire LINE
1-Wire DEVICE
1-Wire DEVICE
1-Wire DEVICE
*RP = I2C PULLUP RESISTOR (SEE THE APPLICATIONS INFORMATION SECTION FOR RP SIZING).
1-Wire is a registered trademark of Maxim Integrated Products, Inc.
________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Single-Channel 1-Wire Master DS2482-100
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground.........-0.5V to +6V Maximum Current into Any Pin..........................................20mA Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-55C to +125C Soldering Temperature...........................Refer to the IPC/JEDEC J-STD-020 Specification.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = 2.9V to 5.5V, TA = -40C to +85C.)
PARAMETER Supply Voltage Operating Current 1-Wire Input High (Notes 2, 3) 1-Wire Input Low (Notes 2, 3) 1-Wire Weak Pullup Resistor 1-Wire Output Low Active Pullup On Time (Notes 4, 5) Strong Pullup Voltage Drop SYMBOL VCC ICC VIH1 VIL1 RWPU VOL1 tAPUOT VSTRPU 3.3V 5V (Note 1) 3.3V 5V 3.3V 5V (Note 4) At 4mA load Standard Overdrive VCC VCC 3.2V, 1.5mA load 5.2V, 3mA load 1 5 2 10 0.8 2.7 1.3 3.4 2.3 0.4 2.5 0.5 1000 1.9 3.4 0.9 1.2 1675 0.4 2.7 0.6 0.3 0.5 4.2 22.1 6.5 40 4 20 6 31 2.2 Standard Overdrive Standard Overdrive Standard Overdrive 7.6 0.9 13.3 1.4 65.8 9.9 8 1 14 1.5 69.3 10.5 8.4 1.1 15 1.8 72.8 11.0 V V/s V/s V s V CONDITIONS MIN 2.9 4.5 TYP 3.3 5.0 MAX 3.7 5.5 0.75 UNITS V mA V V
Standard (3.3V 10%) Pulldown Slew Rate (Note 6) PDSRC Overdrive (3.3V 10%) Standard (5.0V 10%) Overdrive (5.0V 10%) Standard (3.3V 10%) Pullup Slew Rate (Note 6) PUSRC Overdrive (3.3V 10%) Standard (5.0V 10%) Overdrive (5.0V 10%) Power-On Reset Trip Point VPOR 1-Wire TIMING (Note 5) (See Figures 4, 5, and 6) Write-One/Read Low Time Read Sample Time 1-Wire Time Slot tW1L tMSR t SLOT
s s s
2
_______________________________________________________________________________________
Single-Channel 1-Wire Master
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.9V to 5.5V, TA = -40C to +85C.)
PARAMETER Fall Time High-to-Low (Notes 6, 7) SYMBOL CONDITIONS Standard (3.3V to 0V) tF1 Overdrive (3.3V to 0V) Standard (5.0V to 0V) Overdrive (5.0V to 0V) Write-Zero Low Time Write-Zero Recovery Time Reset Low Time Presence-Detect Sample Time Sampling for Short and Interrupt Reset High Time CONTROL PIN (PCTLZ) Output Low Voltage Output High Voltage VOLP VOHP VCC = 2.9V, 1.2mA load current 0.4mA load current VCC 0.5V 0.25 x VCC 0.22 x VCC VCC + 0.5V 0.4 V V tW0L tREC0 tRSTL tMSP tSI tRSTH Standard Overdrive Standard Overdrive Standard Overdrive Standard Overdrive Standard Overdrive Standard Overdrive MIN 0.54 0.10 0.55 0.09 60 7.1 5.0 2.8 570 68.4 66.5 7.1 7.6 0.7 554.8 70.3 64 7.5 5.3 3.0 600 72 70 7.5 8 0.75 584 74 TYP MAX 3.0 0.59 2.2 0.44 68 7.9 5.6 3.2 630 75.6 73.5 7.9 8.4 0.8 613.2 77.7 s s s s s s s UNITS
DS2482-100
I2C PINS (SCL, SDA, AD0, AD1) (Note 8) (See Figure 9) VCC = 2.9V to 3.7V Low-Level Input Voltage VIL VCC = 4.5V to 5.5V High-Level Input Voltage Hysteresis of Schmitt Trigger Inputs Low-Level Output Voltage at 3mA Sink Current Output Fall Time from VIH(MIN) to VIL(MAX) with a Bus Capacitance from 10pF to 400pF Pulse Width of Spikes That Are Suppressed by the Input Filter Input Current Each Input/Output Pin with an Input Voltage Between 0.1 x VCC(MAX) and 0.9 x VCC(MAX) VIH VHYS VOL -0.5 0.7 x VCC 0.05 x VCC 0.4 -0.5
V
V V V
t OF
60
250
ns
t SP
SDA and SCL pins only
50
ns
II
(Notes 9, 10)
-10
+10
A
_______________________________________________________________________________________
3
Single-Channel 1-Wire Master DS2482-100
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.9V to 5.5V, TA = -40C to +85C.)
PARAMETER Input Capacitance SCL Clock Frequency Hold Time (Repeated) START Condition (After this period, the first clock pulse is generated.) Low Period of the SCL Clock High Period of the SCL Clock Setup Time for a Repeated START Condition Data Hold Time Data Setup Time Setup Time for STOP Condition Bus Free Time Between a STOP and START Condition Capacitive Load for Each Bus Line Oscillator Warmup Time SYMBOL CI f SCL tHD:STA tLOW tHIGH t SU:STA tHD:DAT t SU:DAT t SU:STO tBUF CB t OSCWUP (Note 14) (Note 15) (Notes 11, 12) (Note 13) 250 0.6 1.3 400 100 (Note 9) 0 0.6 1.3 0.6 0.6 0.9 CONDITIONS MIN TYP MAX 10 400 UNITS pF kHz s s s s s ns s s pF s
Note 1: Note 2:
Note 3: Note 4: Note 5:
Note 6: Note 7: Note 8: Note 9: Note 10: Note 11: Note 12: Note 13:
Note 14: Note 15:
Operating current with 1-Wire write-byte sequence followed by continuously reading the Status Register at 400kHz in overdrive. With standard speed, the total capacitive load of the 1-Wire bus should not exceed 1nF. Otherwise, the passive pullup on threshold VIL1 may not be reached in the available time. With overdrive speed, the capacitive load on the 1-Wire bus must not exceed 300pF. Active pullup guaranteed to turn on between VIL1(MAX) and VIH1(MIN). Active or resistive pullup choice is configurable. Except for tF1, all 1-Wire timing specifications and tAPUOT are derived from the same timing circuit. Therefore, if one of these parameters is found to be off the typical value, it is safe to assume that all these parameters deviate from their typical value in the same direction and by the same degree. These values apply at full load, i.e., 1nF at standard speed and 0.3nF at overdrive speed. For reduced load, the pulldown slew rate is slightly faster. Fall time high-to-low (tF1) is derived from PDSRC, referenced from 0.9 x VCC to 0.1 x VCC. All I2C timing values are referred to VIH(MIN) and VIL(MAX) levels. Applies to SDA, SCL, AD0 and AD1. The input/output pins of the DS2482-100 do not obstruct the SDA and SCL lines if VCC is switched off. The DS2482-100 provides a hold time of at least 300ns for the SDA signal (referred to the VIH(MIN) of the SCL signal) to bridge the undefined region of the falling edge of SCL. The maximum tHD:DAT need only be met if the device does not stretch the low period (tLOW) of the SCL signal. A fast-mode I2C bus device can be used in a standard-mode I2C bus system, but the requirement tSU:DAT 250ns must then be met. This is automatically the case if the device does not stretch the low period of the SCL signal. If such a device does stretch the low period of the SCL signal, it must output the next data bit to the SDA line tR(MAX) + tSU:DAT = 1000 + 250 = 1250ns (according to the standard-mode I2C bus specification) before the SCL line is released. CB--Total capacitance of one bus line in pF. If mixed with high-speed-mode devices, faster fall times according to I2CBus Specification Version 2.1 are allowed. I2C communication should not take place for the max tOSCWUP time following a power-on reset.
4
_______________________________________________________________________________________
Single-Channel 1-Wire Master
Pin Description
PIN SO 1 2 3 4 5 6 7 8 WLP B3 C3 C2 B1 B2 A1 A2 A3 NAME VCC IO GND SCL SDA PCTLZ AD1 AD0 Power-Supply Input Input/Output Driver for 1-Wire Line Ground Reference I2C Serial Clock Input. Must be connected to VCC through a pullup resistor. I2C Serial Data Input/Output. Must be connected to VCC through a pullup resistor. Active-Low Control Output for an External p-Channel MOSFET. Provides extra power to the 1-Wire line, e.g., for use with 1-Wire devices that require a higher current temporarily to operate. I2C Address Inputs. Must be connected to VCC or GND. These inputs determine the I2C slave address of the device (see Figure 8). FUNCTION
DS2482-100
CONFIGURATION REGISTER
T-TIME OSC
SDA SCL
I2C INTERFACE CONTROLLER
INPUT/OUTPUT CONTROLLER
LINE XCVR
IO PCTLZ
AD0 AD1
STATUS REGISTER READ DATA REGISTER
DS2482-100
Figure 1. Block Diagram
Detailed Description
The DS2482-100 is a self-timed 1-Wire master that supports advanced 1-Wire waveform features including standard and overdrive speeds, active pullup, and strong pullup for power delivery. The active pullup affects rising edges on the 1-Wire side. The strong pullup function uses the same pullup transistor as the active pullup, but with a different control algorithm. In addition, the strong pullup activates the PCTLZ pin, controlling optional external circuitry to deliver additional power beyond the capabilities of the on-chip pullup transistor. Once supplied with command and data, the input/output controller of the DS2482-100 performs
time-critical 1-Wire communication functions such as reset/presence-detect cycle, read-byte, write-byte, single-bit R/W, and triplet for ROM Search, without requiring interaction with the host processor. The host obtains feedback (completion of a 1-Wire function, presence pulse, 1-Wire short, search direction taken) through the Status Register and data through the Read Data Register. The DS2482-100 communicates with a host processor through its I 2C bus interface in standard mode or in fast mode. The logic state of two address pins determines the I2C slave address of the DS2482-100, allowing up to four devices operating on the same bus segment without requiring a hub. See Figure 1 for a block diagram.
5
_______________________________________________________________________________________
Single-Channel 1-Wire Master DS2482-100
Device Registers
The DS2482-100 has three registers that the I2C host can read: Configuration, Status, and Read Data. These registers are addressed by a read pointer. The position of the read pointer, i.e., the register that the host reads in a subsequent read access, is defined by the instruction the DS2482-100 executed last. To enable certain 1-Wire features, the host has read and write access to the Configuration Register.
Active Pullup (APU) The APU bit controls whether an active pullup (controlled slew-rate transistor) or a passive pullup (RWPU resistor) is used to drive a 1-Wire line from low to high. When APU = 0, active pullup is disabled (resistor mode). Active pullup should always be selected unless there is only a single slave on the 1-Wire line. The active pullup does not apply to the rising edge of a presence pulse or a recovery after a short on the 1-Wire line.
The circuit that controls rising edges (Figure 2) operates as follows: At t1, the pulldown (from DS2482-100 or 1-Wire slave) ends. From this point on, the 1-Wire bus is pulled high through R WPU internal to the DS2482-100. VCC and the capacitive load of the 1-Wire line determine the slope. In case that active pullup is disabled (APU = 0), the resistive pullup continues, as represented by the solid line. With active pullup enabled (APU = 1), and when at t2 the voltage has reached a level between VIL1(MAX) and VIH1(MIN), the DS2482-100 actively pulls the 1-Wire line high, applying a controlled slew rate as represented by the dashed line. The active pullup continues until tAPUOT is expired at t3. From that time on the resistive pullup continues. See the Strong Pullup (SPU) section for a way to keep the pullup transistor conducting beyond t3.
Configuration Register
The DS2482-100 supports three 1-Wire features that are enabled or selected through the Configuration Register. These features are: * Active Pullup (APU) * Strong Pullup (SPU) * 1-Wire Speed (1WS) These features can be selected in any combination. While APU and 1WS maintain their state, SPU returns to its inactive state as soon as the strong pullup has ended. After a device reset (power-up cycle or initiated by the Device Reset command), the Configuration Register reads 00h. When writing to the Configuration Register, the new data is accepted only if the upper nibble (bits 7 to 4) is the one's complement of the lower nibble (bits 3 to 0). When read, the upper nibble is always 0h.
Configuration Register Bit Assignment
BIT 7 1WS BIT 6 SPU BIT 5 1 BIT 4 APU BIT 3 1WS BIT 2 SPU BIT 1 0 BIT 0 APU
VCC APU = 1 VIH1(MIN) APU = 0
VIL1(MAX)
0V 1-Wire BUS IS DISCHARGED t1 t2 tAPUOT t3
Figure 2. Rising Edge Pullup
6
_______________________________________________________________________________________
Single-Channel 1-Wire Master
Strong Pullup (SPU) The SPU bit is used to activate the strong pullup function prior to a 1-Wire Write Byte or 1-Wire Single Bit command. Strong pullup is commonly used with 1-Wire EEPROM devices when copying scratchpad data to the main memory or when performing an SHA-1 computation and with parasitically powered temperature sensors or A/D converters. The respective device data sheets specify the location in the communications protocol after which the strong pullup should be applied. The SPU bit must be set immediately prior to issuing the command that puts the 1-Wire device into the state where it needs the extra power. The strong pullup uses the same internal pullup transistor as the active pullup feature. For cases where the internal strong pullup has insufficient strength, the PCTLZ pin can be used to control an external p-channel MOSFET to supply additional power beyond the drive capability of the DS2482-100 to the 1-Wire line. See the V STRPU parameter in the Electrical Characteristics to determine if the internal strong pullup is sufficient given the current load on the device. If SPU is 1, the DS2482-100 treats the rising edge of the time slot in which the strong pullup starts as if the active pullup was activated. However, in contrast to the active pullup, the strong pullup, i.e., the internal pullup transistor, remains conducting, as shown in Figure 3, until one of three events occurs: the DS2482-100 receives a command that generates 1-Wire communication (the
typical case); the SPU bit in the Configuration Register is written to 0; or the DS2482-100 receives the Device Reset command. As long as the strong pullup is active, the PCTLZ output is low. When the strong pullup ends, the SPU bit is automatically reset to 0. Using the strong pullup feature does not change the state of the APU bit in the Configuration Register.
DS2482-100
1-Wire Speed (1WS) The 1WS bit determines the timing of any 1-Wire communication generated by the DS2482-100. All 1-Wire slave devices support standard speed (1WS = 0), where the transfer of a single bit (tSLOT in Figure 3) is completed within 65s. Many 1-Wire devices can also communicate at a higher data rate, called overdrive speed. To change from standard to overdrive speed, a 1-Wire device needs to receive an Overdrive-Skip ROM or Overdrive-Match ROM command, as explained in the 1-Wire device data sheets. The change in speed occurs immediately after the 1-Wire device has received the speed-changing command code. The DS2482-100 must take part in this speed change to stay synchronized. This is accomplished by writing to the Configuration Register with the 1WS bit as 1 immediately after the 1-Wire Byte command that changes the speed of a 1-Wire device. Writing to the Configuration Register with the 1WS bit as 0, followed by a 1-Wire Reset command, changes the DS2482-100 and any 1-Wire devices on the active 1-Wire line back to standard speed.
LAST BIT OF 1-Wire WRITE BYTE OR 1-Wire SINGLE BIT FUNCTION VCC WRITE-ONE CASE NEXT TIME SLOT OR 1-Wire RESET
WRITE-ZERO CASE 0V tSLOT
PCTLZ
DS2482-100 RESISTIVE PULLUP
DS2482-100 PULLDOWN
DS2482-100 STRONG PULLUP
Figure 3. Low-Impedance Pullup Timing
_______________________________________________________________________________________
7
Single-Channel 1-Wire Master DS2482-100
Status Register Bit Assignment
BIT 7 DIR BIT 6 TSB BIT 5 SBR BIT 4 RST BIT 3 LL BIT 2 SD BIT 1 PPD BIT 0 1WB
Status Register
The read-only Status Register is the general means for the DS2482-100 to report bit-type data from the 1-Wire side, 1-Wire busy status, and its own reset status to the host processor. All 1-Wire communication commands and the Device Reset command position the read pointer at the Status Register for the host processor to read with minimal protocol overhead. Status information is updated during the execution of certain commands only. Details are given in the description of the various status bits that follow.
Logic Level (LL) The LL bit reports the logic state of the active 1-Wire line without initiating any 1-Wire communication. The 1-Wire line is sampled for this purpose every time the Status Register is read. The sampling and updating of the LL bit takes place when the host processor has addressed the DS2482-100 in read mode (during the acknowledge cycle), provided that the read pointer is positioned at the Status Register. Device Reset (RST) If the RST bit is 1, the DS2482-100 has performed an internal reset cycle, either caused by a power-on reset or from executing the Device Reset command. The RST bit is cleared automatically when the DS2482-100 executes a Write Configuration command to restore the selection of the desired 1-Wire features. Single Bit Result (SBR) The SBR bit reports the logic state of the active 1-Wire line sampled at tMSR of a 1-Wire Single Bit command or the first bit of a 1-Wire Triplet command. The power-on default of SBR is 0. If the 1-Wire Single Bit command sends a 0 bit, SBR should be 0. With a 1-Wire Triplet command, SBR could be 0 as well as 1, depending on the response of the 1-Wire devices connected. The same result applies to a 1-Wire Single Bit command that sends a 1 bit. Triplet Second Bit (TSB) The TSB bit reports the logic state of the active 1-Wire line sampled at t MSR of the second bit of a 1-Wire Triplet command. The power-on default of TSB is 0. This bit is updated only with a 1-Wire Triplet command and has no function with other commands. Branch Direction Taken (DIR) Whenever a 1-Wire Triplet command is executed, this bit reports to the host processor the search direction that was chosen by the third bit of the triplet. The power-on default of DIR is 0. This bit is updated only with a 1-Wire Triplet command and has no function with other commands. For additional information, see the description of the 1-Wire Triplet command and Application Note 187: 1-Wire Search Algorithm.
1-Wire Busy (1WB) The 1WB bit reports to the host processor whether the 1-Wire line is busy. During 1-Wire communication 1WB is 1; once the command is completed, 1WB returns to its default 0. Details on when 1WB changes state and for how long it remains at 1 are found in the Function Commands section. Presence-Pulse Detect (PPD) The PPD bit is updated with every 1-Wire Reset command. If the DS2482-100 detects a presence pulse from a 1-Wire device at tMSP during the presence-detect cycle, the PPD bit is set to 1. This bit returns to its default 0 if there is no presence pulse or if the 1-Wire line is shorted during a subsequent 1-Wire Reset command. Short Detected (SD) The SD bit is updated with every 1-Wire Reset command. If the DS2482-100 detects a logic 0 on the 1-Wire line at tSI during the presence-detect cycle, the SD bit is set to 1. This bit returns to its default 0 with a subsequent 1-Wire Reset command provided that the short has been removed. If SD is 1, PPD is 0. The DS2482-100 cannot distinguish between a short and a DS1994 or DS2404 signaling a 1-Wire interrupt. For this reason, if a DS2404 or DS1994 is used in the application, the interrupt function must be disabled. The interrupt signaling is explained in the respective 1-Wire device data sheets.
8
_______________________________________________________________________________________
Single-Channel 1-Wire Master
Function Commands
The DS2482-100 understands eight function commands that fall into four categories: device control, I2C communication, 1-Wire setup, and 1-Wire communication. The feedback path to the host is controlled by a read pointer, which is set automatically by each function command for the host to efficiently access relevant information. The host processor sends these commands and applicable parameters as strings of one or two bytes using the I 2C interface. The I 2C protocol requires that each byte be acknowledged by the receiving party to confirm acceptance or not be acknowledged to indicate an error condition (invalid code or parameter) or to end the communication. See the I2C Interface section for details of the I2C protocol including acknowledge. The function commands are as follows: 1) Device Reset 2) Set Read Pointer 3) Write Configuration 4) 1-Wire Reset 5) 1-Wire Single Bit 6) 1-Wire Write Byte 7) 1-Wire Read Byte 8) 1-Wire Triplet
DS2482-100
Table 1. Valid Pointer Codes
REGISTER SELECTION Status Register Read Data Register Configuration Register CODE F0h E1h C3h
Device Reset
Command Code Command Parameter Description Typical Use Restriction Error Response Command Duration 1-Wire Activity Read Pointer Position Status Bits Affected Configuration Bits Affected F0h None Performs a global reset of device state machine logic. Terminates any ongoing 1-Wire communication. Device initialization after power-up; reinitialization (reset) as desired. None (can be executed at any time). None Maximum 525ns. Counted from falling SCL edge of the command code acknowledge bit. Ends maximum 262.5ns after the falling SCL edge of the command code acknowledge bit. Status Register (for busy polling). RST set to 1; 1WB, PPD, SD, SBR, TSB, DIR set to 0. 1WS, APU, SPU set to 0.
Set Read Pointer
Command Code Command Parameter Description Typical Use Restriction Error Response Command Duration 1-Wire Activity Read Pointer Position Status Bits Affected Configuration Bits Affected E1h Pointer Code (see Table 1) Sets the read pointer to the specified register. Overwrites the read pointer position of any 1-Wire communication command in progress. To prepare reading the result from a 1-Wire Read Byte command; random read access of registers. None (can be executed at any time). If the pointer code is not valid, the pointer code is not acknowledged and the command is ignored. None. The read pointer is updated on the rising SCL edge of the pointer code acknowledge bit. Not affected. As specified by the pointer code. None None
_______________________________________________________________________________________
9
Single-Channel 1-Wire Master DS2482-100
Write Configuration
Command Code Command Parameter Description Typical Use Restriction Error Response Command Duration 1-Wire Activity Read Pointer Position Status Bits Affected Configuration Bits Affected D2h Configuration Byte Writes a new configuration byte. The new settings take effect immediately. Note: When writing to the Configuration Register, the new data is accepted only if the upper nibble (bits 7 to 4) is the one's complement of the lower nibble (bits 3 to 0). When read, the upper nibble is always 0h. Defining the features for subsequent 1-Wire communication. 1-Wire activity must have ended before the DS2482-100 can process this command. Command code and parameter are not acknowledged if 1WB = 1 at the time the command code is received and the command is ignored. None. The Configuration Register is updated on the rising SCL edge of the configuration-byte acknowledge bit. None Configuration Register (to verify write). RST set to 0. 1WS, SPU, APU updated.
1-Wire Reset
Command Code Command Parameter Description Typical Use Restriction Error Response Command Duration 1-Wire Activity Read Pointer Position Status Bits Affected Configuration Bits Affected B4h None Generates a 1-Wire reset/presence-detect cycle (Figure 4) at the 1-Wire line. The state of the 1-Wire line is sampled at t SI and tMSP and the result is reported to the host processor through the Status Register, bits PPD and SD. To initiate or end any 1-Wire communication sequence. 1-Wire activity must have ended before the DS2482-100 can process this command. Command code is not acknowledged if 1WB = 1 at the time the command code is received and the command is ignored. tRSTL + tRSTH + maximum 262.5ns, counted from the falling SCL edge of the command code acknowledge bit. Begins maximum 262.5ns after the falling SCL edge of the command code acknowledge bit. Status Register (for busy polling). 1WB (set to 1 for tRSTL + tRSTH), PPD is updated at tRSTL + tMSP, SD is updated at tRSTL + t SI . 1WS and APU apply.
10
______________________________________________________________________________________
Single-Channel 1-Wire Master
1-Wire Single Bit
Command Code Command Parameter 87h Bit Byte Generates a single 1-Wire time slot with a bit value "V" as specified by the bit byte at the 1-Wire line (see Table 2). A V value of 0b generates a write-zero time slot (Figure 5); a V value of 1b generates a write-one time slot, which also functions as a read-data time slot (Figure 6). In either case, the logic level at the 1-Wire line is tested at tMSR and SBR is updated. To perform single-bit writes or reads at the 1-Wire line when single bit communication is necessary (the exception). 1-Wire activity must have ended before the DS2482-100 can process this command. Command code and bit byte are not acknowledged if 1WB = 1 at the time the command code is received and the command is ignored. t SLOT + maximum 262.5ns, counted from the falling SCL edge of the first bit (MSB) of the bit byte. Begins maximum 262.5ns after the falling SCL edge of the MSB of the bit byte. Status Register (for busy polling and data reading). 1WB (set to 1 for t SLOT), SBR is updated at tMSR , DIR (may change its state). 1WS, APU, SPU apply.
DS2482-100
Description
Typical Use Restriction Error Response Command Duration 1-Wire Activity Read Pointer Position Status Bits Affected Configuration Bits Affected
Table 2. Bit Allocation in the Bit Byte
BIT 7 V BIT 6 x BIT 5 x BIT 4 x BIT 3 x BIT 2 x BIT 1 x BIT 0 x
x = Don't care.
RESET PULSE tSI VCC VIH1 VIL1 0V tF1 tRSTL APU CONTROLLED EDGE
PRESENCE/SHORT DETECT tMSP PRESENCE PULSE
RESISTIVE PULLUP
tRSTH
PULLUP
DS2482-100 PULLDOWN
1-Wire SLAVE PULLDOWN
Figure 4. 1-Wire Reset/Presence-Detect Cycle
______________________________________________________________________________________
11
Single-Channel 1-Wire Master DS2482-100
tWOL VCC VIH1 VIL1 0V tF1 tSLOT tREC0 tMSR
PULLUP (SEE FIGURE 2)
DS2482-100 PULLDOWN
Figure 5. Write-Zero Time Slot
tMSR VCC VIH1 VIL1 0V tF1 tSLOT tW1L
PULLUP (SEE FIGURE 2)
DS2482-100 PULLDOWN
1-Wire SLAVE PULLDOWN
NOTE: DEPENDING ON ITS INTERNAL STATE, A 1-Wire SLAVE DEVICE TRANSMITS DATA TO ITS MASTER (e.g. THE DS2482-100). WHEN RESPONDING WITH A 0, A 1-Wire SLAVE STARTS PULLING THE LINE LOW DURING tW1L. ITS INTERNAL TIMING GENERATOR DETERMINES WHEN THIS PULLDOWN ENDS AND THE VOLTAGE STARTS RISING AGAIN. WHEN RESPONDING WITH A 1, A 1-Wire SLAVE DOES NOT HOLD THE LINE LOW AT ALL, AND THE VOLTAGE STARTS RISING AS SOON AS tW1L IS OVER. 1-Wire DEVICE DATA SHEETS USE THE TERM tRL INSTEAD OF tW1L TO DESCRIBE A READ-DATA TIME SLOT. TECHNICALLY, tRL AND tW1L HAVE IDENTICAL SPECIFICATIONS AND CANNOT BE DISTINGUISHED FROM EACH OTHER.
Figure 6. Write-One and Read-Data Time Slot
12
______________________________________________________________________________________
Single-Channel 1-Wire Master
1-Wire Write Byte
Command Code Command Parameter Description Typical Use Restriction Error Response Command Duration A5h Data Byte Writes a single data byte to the 1-Wire line. To write commands or data to the 1-Wire line. Equivalent to executing eight 1-Wire Single Bit commands, but faster due to less I2C traffic. 1-Wire activity must have ended before the DS2482-100 can process this command. Command code and data byte are not acknowledged if 1WB = 1 at the time the command code is received and the command is ignored. 8 x t SLOT + maximum 262.5ns, counted from falling edge of the last bit (LSB) of the data byte. Begins maximum 262.5ns after falling SCL edge of the LSB of the data byte (i.e., before the data byte acknowledge). Note: The bit order on the I2C bus and the 1-Wire line is different (1-Wire: LSB first; I2C: MSB first). Therefore, 1-Wire activity cannot begin before the DS2482-100 has received the full data byte. Status Register (for busy polling). 1WB (set to 1 for 8 x t SLOT). 1WS, SPU, APU apply.
DS2482-100
1-Wire Activity
Read Pointer Position Status Bits Affected Configuration Bits Affected
1-Wire Read Byte
Command Code Command Parameter Description Typical Use Restriction Error Response Command Duration 1-Wire Activity Read Pointer Position Status Bits Affected Configuration Bits Affected 96h None Generates eight read-data time slots on the 1-Wire line and stores result in the Read Data Register. To read data from the 1-Wire line. Equivalent to executing eight 1-Wire Single Bit commands with V = 1 (write-one time slot), but faster due to less I2C traffic. 1-Wire activity must have ended before the DS2482-100 can process this command. Command code is not acknowledged if 1WB = 1 at the time the command code is received and the command is ignored. 8 x t SLOT + maximum 262.5ns, counted from the falling SCL edge of the command code acknowledge bit. Begins maximum 262.5ns after the falling SCL edge of the command code acknowledge bit. Status Register (for busy polling). Note: To read the data byte received from the 1-Wire line, issue the Set Read Pointer command and select the Read Data Register. Then access the DS2482-100 in read mode. 1WB (set to 1 for 8 x t SLOT). 1WS, APU apply.
______________________________________________________________________________________
13
Single-Channel 1-Wire Master DS2482-100
1-Wire Triplet
Command Code Command Parameter 78h Direction Byte Generates three time slots: two read time slots and one write time slot at the 1-Wire line. The type of write time slot depends on the result of the read time slots and the direction byte. The direction byte determines the type of write time slot if both read time slots are 0 (a typical case). In this case, the DS2482-100 generates a write-one time slot if V = 1 and a write-zero time slot if V = 0. See Table 3. If the read time slots are 0 and 1, they are followed by a write-zero time slot. If the read time slots are 1 and 0, they are followed by a write-one time slot. If the read time slots are both 1 (error case), the subsequent write time slot is a write-one. To perform a 1-Wire Search ROM sequence; a full sequence requires this command to be executed 64 times to identify and address one device. 1-Wire activity must have ended before the DS2482-100 can process this command. Command code and direction byte is not acknowledged if 1WB = 1 at the time the command code is received and the command is ignored. 3 x t SLOT + maximum 262.5ns, counted from the falling SCL edge of the first bit (MSB) of the direction byte. Begins maximum 262.5ns after the falling SCL edge of the MSB of the direction byte. Status Register (for busy polling). 1WB (set to 1 for 3 x t SLOT), SBR is updated at the first tMSR, TSB and DIR are updated at the second tMSR (i.e., at t SLOT + tMSR). 1WS, APU apply.
Description
Typical Use Restriction Error Response Command Duration 1-Wire Activity Read Pointer Position Status Bits Affected Configuration Bits Affected
Table 3. Bit Allocation in the Direction Byte
BIT 7 V BIT 6 x BIT 5 x BIT 4 x BIT 3 x BIT 2 x BIT 1 x BIT 0 x
x = Don't care.
14
______________________________________________________________________________________
Single-Channel 1-Wire Master DS2482-100
MSB FIRST SDA MSB LSB MSB LSB
SLAVE ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK/ NACK
SCL
1-7
8
9
1-7
8
9
1-7
8
9
IDLE
START CONDITION
REPEATED IF MORE BYTES ARE TRANSFERRED
STOP CONDITION REPEATED START
Figure 7. I2C Protocol Overview
I2C Interface
General Characteristics
The I2C bus uses a data line (SDA) plus a clock signal (SCL) for communication. Both SDA and SCL are bidirectional lines, connected to a positive supply voltage through a pullup resistor. When there is no communication, both lines are high. The output stages of devices connected to the bus must have an open drain or open collector to perform the wired-AND function. Data on the I 2 C bus can be transferred at rates of up to 100kbps in standard mode and up to 400kbps in fast mode. The DS2482-100 works in both modes. A device that sends data on the bus is defined as a transmitter, and a device receiving data is defined as a receiver. The device that controls the communication is called a master. The devices that are controlled by the master are slaves. To be individually accessed, each device must have a slave address that does not conflict with other devices on the bus. Data transfers can be initiated only when the bus is not busy. The master generates the serial clock (SCL), controls the bus access, generates the START and STOP conditions, and determines the number of data bytes transferred between START and STOP (Figure 7). Data is transferred in bytes with the most significant bit being
transmitted first. After each byte follows an acknowledge bit to allow synchronization between master and slave.
Slave Address
The slave address to which the DS2482-100 responds is shown in Figure 8. The logic state at the address pins AD0 and AD1 determines the value of the address bits A0 and A1. The address pins allow the device to respond to one of four possible slave addresses. The slave address is part of the slave address/control byte. The last bit of the slave address/control byte (R/W) defines the data direction. When set to 0, subsequent data flows from master to slave (write access); when set to 1, data flows from slave to master (read access).
7-BIT SLAVE ADDRESS A6 0 A5 0 A4 1 A3 1 A2 0 A1 AD1 A0 AD0 R/W
MSB
AD1, AD0 PIN STATES
DETERMINES READ OR WRITE
Figure 8. DS2482-100 Slave Address
______________________________________________________________________________________
15
Single-Channel 1-Wire Master DS2482-100
SDA tBUF tF tLOW SCL tHD:STA tSP
tHIGH tHD:STA tR tHD:DAT STOP START tSU:DAT REPEATED START
tSU:STA
SPIKE SUPPRESSION
tSU:STO
NOTE: TIMING IS REFERENCED TO VIL(MAX) AND VIH(MIN).
Figure 9. I2C Timing Diagram
I2C Definitions
The following terminology is commonly used to describe I2C data transfers. The timing references are defined in Figure 9. Bus Idle or Not Busy: Both SDA and SCL are inactive and in their logic-high states. START Condition: To initiate communication with a slave, the master must generate a START condition. A START condition is defined as a change in state of SDA from high to low while SCL remains high. STOP Condition: To end communication with a slave, the master must generate a STOP condition. A STOP condition is defined as a change in state of SDA from low to high while SCL remains high. Repeated START Condition: Repeated STARTs are commonly used for read accesses to select a specific data source or address to read from. The master can use a repeated START condition at the end of a data transfer to immediately initiate a new data transfer following the current one. A repeated START condition is generated the same way as a normal START condition, but without leaving the bus idle after a STOP condition. Data Valid: With the exception of the START and STOP condition, transitions of SDA can occur only during the low state of SCL. The data on SDA must remain valid and unchanged during the entire high pulse of SCL plus the required setup and hold time (tHD:DAT after the falling edge of SCL and tSU:DAT
before the rising edge of SCL; see Figure 9). There is one clock pulse per bit of data. Data is shifted into the receiving device during the rising edge of SCL. When finished with writing, the master must release the SDA line for a sufficient amount of setup time (minimum tSU:DAT + tR in Figure 9) before the next rising edge of SCL to start reading. The slave shifts out each data bit on SDA at the falling edge of the previous SCL pulse and the data bit is valid at the rising edge of the current SCL pulse. The master generates all SCL clock pulses, including those needed to read from a slave. Acknowledge: Typically a receiving device, when addressed, is obliged to generate an acknowledge after the receipt of each byte. The master must generate a clock pulse that is associated with this acknowledge bit. A device that acknowledges must pull SDA low during the acknowledge clock pulse in such a way that SDA is stable low during the high period of the acknowledge-related clock pulse plus the required setup and hold time (tHD:DAT after the falling edge of SCL and tSU:DAT before the rising edge of SCL). Not Acknowledged by Slave: A slave device may be unable to receive or transmit data, for example, because it is busy performing some real-time function. In this case, the slave device does not acknowledge its slave address and leaves the SDA line high. A slave device that is ready to communicate acknowledges at least its slave address. However,
16
______________________________________________________________________________________
Single-Channel 1-Wire Master
some time later the slave may refuse to accept data, possibly because of an invalid command code or parameter. In this case, the slave device does not acknowledge any of the bytes that it refuses and leaves SDA high. In either case, after a slave has failed to acknowledge, the master first should generate a repeated START condition or a STOP condition followed by a START condition to begin a new data transfer. Not Acknowledged by Master: At some time when receiving data, the master must signal an end of data to the slave device. To achieve this, the master does not acknowledge the last byte that it has received from the slave. In response, the slave releases SDA, allowing the master to generate the STOP condition.
I2C Communication Examples
See Tables 4 and 5 for the I2C communication legend and data direction codes.
DS2482-100
Table 4. I2C Communication--Legend
SYMBOL S AD, 0 AD, 1 Sr P A A\ (Idle) DRST SRP WCFG 1WRS 1WSB 1WWB 1WRB 1WT DESCRIPTION START Condition Select DS2482-100 for Write Access Select DS2482-100 for Read Access Repeated START Condition STOP Condition Acknowledged Not Acknowledged Bus Not Busy Transfer of One Byte Command "Device Reset", F0h Command "Set Read Pointer", E1h Command "Write Configuration", D2h Command "1-Wire Reset", B4h Command "1-Wire Single Bit", 87h Command "1-Wire Write Byte", A5h Command "1-Wire Read Byte", 96h Command "1-Wire Triplet", 78h
Writing to the DS2482-100
To write to the DS2482-100, the master must access the device in write mode, i.e., the slave address must be sent with the direction bit set to 0. The next byte to be sent is a command code, which, depending on the command, may be followed by a command parameter. The DS2482-100 acknowledges valid command codes and expected/valid command parameters. Additional bytes or invalid command parameters are never acknowledged.
Reading from the DS2482-100
To read from the DS2482-100, the master must access the device in read mode, i.e., the slave address must be sent with the direction bit set to 1. The read pointer determines the register that the master reads from. The master can continue reading the same register over and over again, without having to readdress the device, e.g., to watch the 1WB changing from 1 to 0. To read from a different register, the master must issue the Set Read Pointer command and then access the DS2482100 again in read mode.
Table 5. Data Direction Codes
Master-to-Slave Slave-to-Master
______________________________________________________________________________________
17
Single-Channel 1-Wire Master DS2482-100
I2C Communication Examples (continued)
Device Reset (After Power-Up)
S AD,0 A DRST A Sr AD,1 A A\ P
Activities that are underlined denote an optional read access to verify the success of the command. Set Read Pointer (To Read from Another Register) Case A: Valid Read Pointer Code
S AD,0 A SRP A C3h A P
C3h is the valid read pointer code for the Configuration Register. Case B: Invalid Read Pointer Code
S AD,0 A SRP A E5h A\ P
E5h is an invalid read pointer code. Write Configuration (Before Starting 1-Wire Activity) Case A: 1-Wire Idle (1WB = 0)
S AD,0 A WCFG A A Sr AD,1 A A\ P
Activities that are underlined denote an optional read access to verify the success of the command. Case B: 1-Wire Busy (1WB = 1)
S AD,0 A WCFG A\ P
The master should stop and restart as soon as the DS2482-100 does not acknowledge the command code. 1-Wire Reset (To Begin or End 1-Wire Communication) Case A: 1-Wire Idle (1WB = 0), No Busy Polling to Read the Result
S AD,0 A 1WRS A P (Idle) S AD,1 A A\ P
In the first cycle, the master sends the command. Then the master waits (Idle) for the 1-Wire reset to complete. In the second cycle, the DS2482-100 is accessed to read the result of the 1-Wire reset from the Status Register. Case B: 1-Wire Idle (1WB = 0), Busy Polling Until the 1-Wire Command is Completed, then Read the Result
S AD,0 A 1WRS A Sr AD,1 A A A\ P
REPEAT UNTIL THE 1WB BIT HAS CHANGED TO 0.
Case C: 1-Wire Busy (1WB = 1)
S AD,0 A 1WRS A\ P
The master should stop and restart as soon as the DS2482-100 does not acknowledge the command code.
18 ______________________________________________________________________________________
Single-Channel 1-Wire Master
I2C Communication Examples (continued)
1-Wire Single Bit (To Generate a Single Time Slot on the 1-Wire Line) Case A: 1-Wire Idle (1WB = 0), No Busy Polling
S AD,0 A 1WSB A A P (Idle)
DS2482-100
S
AD,1
A

A\
P
The idle time is needed for the 1-Wire function to complete. Then access the device in read mode to get the result from the 1-Wire Single Bit command. Case B: 1-Wire Idle (1WB = 0), Busy Polling Until the 1-Wire Command is Completed
S AD,0 A 1WSB A A REPEAT UNTIL THE 1WB BIT HAS CHANGED TO 0. AD,1 A A A\ P
Sr
When 1WB has changed from 1 to 0, the Status Register holds the valid result of the 1-Wire Single Bit command. Case C: 1-Wire Busy (1WB = 1)
S AD,0 A 1WSB A\ P
The master should stop and restart as soon as the DS2482-100 does not acknowledge the command code. 1-Wire Write Byte (To Send a Command Code to the 1-Wire Line) Case A: 1-Wire Idle (1WB = 0), No Busy Polling
S AD,0 A 1WWB A 33h A P (Idle)
33h is the valid 1-Wire ROM function command for Read ROM. The idle time is needed for the 1-Wire function to complete. There is no data read back from the 1-Wire line with this command. Case B: 1-Wire Idle (1WB = 0), Busy Polling Until the 1-Wire Command is Completed.
S AD,0 A 1WWB A 33h A REPEAT UNTIL THE 1WB BIT HAS CHANGED TO 0. AD,1 A A A\ P
Sr
When 1WB has changed from 1 to 0, the 1-Wire Write Byte command is completed. Case C: 1-Wire Busy (1WB = 1)
S AD,0 A 1WWB A\ P
The master should stop and restart as soon as the DS2482-100 does not acknowledge the command code.
______________________________________________________________________________________
19
Single-Channel 1-Wire Master DS2482-100
I2C Communication Examples (continued)
1-Wire Read Byte (To Read a Byte from the 1-Wire Line) Case A: 1-Wire Idle (1WB = 0), No Busy Polling, Set Read Pointer After Idle Time
S AD,0 A 1WRB A P (Idle)
S
AD,0
A
SRP
A
E1h
A
Sr
AD,1
A

A\
P
The idle time is needed for the 1-Wire function to complete. Then set the read pointer to the Read Data Register (code E1h) and access the device again to read the data byte that was obtained from the 1-Wire line. Case B: 1-Wire Idle (1WB = 0), No Busy Polling, Set Read Pointer Before Idle Time
S AD,0 A 1WRB A Sr AD,0 A SRP A E1h A P
(Idle)
S
AD,1
A

A\
P
The read pointer is set to the Read Data Register (code E1h) while the 1-Wire Read Byte command is still in progress. Then, after the 1-Wire function is completed, the device is accessed to read the data byte that was obtained from the 1-Wire line. Case C: 1-Wire Idle (1WB = 0), Busy Polling Until the 1-Wire Command is Completed
S AD,0 A 1WRB A REPEAT UNTIL THE 1WB BIT HAS CHANGED TO 0. Sr AD,1 A A A\
Sr
AD,0
A
SRP
A
E1h
A
Sr
AD,1
A

A\
P
Poll the Status Register until the 1WB bit has changed from 1 to 0. Then set the read pointer to the Read Data Register (code E1h) and access the device again to read the data byte that was obtained from the 1-Wire line. Case D: 1-Wire Busy (1WB = 1)
S AD,0 A 1WRB A\ P
The master should stop and restart as soon as the DS2482-100 does not acknowledge the command code.
20
______________________________________________________________________________________
Single-Channel 1-Wire Master
I2C Communication Examples (continued)
1-Wire Triplet (To Perform a Search ROM Function on the 1-Wire Line) Case A: 1-Wire Idle (1WB = 0), No Busy Polling
S AD,0 A 1WT A A P (Idle)
DS2482-100
S
AD,1
A

A\
P
The idle time is needed for the 1-Wire function to complete. Then access the device in read mode to get the result from the 1-Wire Triplet command. Case B: 1-Wire Idle (1WB = 0), Busy Polling Until the 1-Wire Command is Completed
S AD,0 A 1WT A A REPEAT UNTIL THE 1WB BIT HAS CHANGED TO 0. AD,1 A A A\ P
Sr
When 1WB has changed from 1 to 0, the Status Register holds the valid result of the 1-Wire Triplet command. Case C: 1-Wire Busy (1WB = 1)
S AD,0 A 1WT A\ P
The master should stop and restart as soon as the DS2482-100 does not acknowledge the command code.
Applications Information
SDA and SCL Pullup Resistors
SDA is an open-drain output on the DS2482-100 that requires a pullup resistor to realize high-logic levels. Because the DS2482-100 uses SCL only as input (no clock stretching), the master can drive SCL either through an open-drain/-collector output with a pullup resistor or a push-pull output.
time must not exceed 1000ns at standard speed and 300ns at fast speed. Assuming maximum rise time, the maximum resistor value at any given capacitance CB is calculated as: RPMAXS = 1000ns/[CB x ln(7/3)] (standard speed) RPMAXF = 300ns/[CB x ln(7/3)] (fast speed) For a bus capacitance of 400pF, the maximum pullup resistor values are 2.95k at standard speed and 885 at fast speed. A value between 1.7k and 2.95k meets all requirements at standard speed. Because an 885 pullup resistor, as would be required to meet the rise time specification at fast speed and 400pF bus capacitance, is lower than RP(MIN) at 5.5V, a different approach is necessary. The "MAX LOAD AT MIN RP FAST MODE" line in Figure 11 is generated by first calculating the minimum pullup resistor at any given operating voltage ("MINIMUM RP" line) and then calculating the respective bus capacitance that yields a 300ns rise time. Only for pullup voltages of 3V and lower can the maximum permissible bus capacitance of 400pF be maintained. A
21
Pullup Resistor RP Sizing According to the I2C specification, a slave device must be able to sink at least 3mA at a VOL of 0.4V. This DC condition determines the minimum value of the pullup resistor as: RP(MIN) = (VCC - 0.4V)/3mA
With an operating voltage of 5.5V, the minimum value for the pullup resistor is 1.7k. The "MINIMUM RP" line in Figure 11 shows how the minimum pullup resistor changes with the operating voltage. For I2C systems, the rise time and fall time are measured from 30% to 70% of the pullup voltage. The maximum bus capacitance, CB, is 400pF. The maximum rise
______________________________________________________________________________________
Single-Channel 1-Wire Master DS2482-100
reduced bus capacitance of 300pF is acceptable for pullup voltages of 4V and lower. For fast speed operation at any pullup voltage, the bus capacitance must not exceed 200pF. The corresponding pullup resistor value at the voltage is indicated by the "MINIMUM RP" line.
VCC RP* (I2C PORT) C SDA SCL CURRENT-LIMITING RESISTOR REFER TO APPLICATION NOTE 4206 PCTLZ
DS2482-100
AD0 AD1 IO 1-Wire LINE
1-Wire DEVICE #1 (WITH SPECIAL POWER REQUIREMENTS)
VCC
SDA SCL
PCTLZ
DS2482-100
VCC AD0 AD1 IO 1-Wire LINE 1-Wire DEVICE #2
*RP = I2C PULLUP RESISTOR (SEE THE APPLICATIONS INFORMATION SECTION FOR RP SIZING).
Figure 10. Application Schematic
2000 1600 MINIMUM RP () 1200 MINIMUM RP 800 MAX LOAD AT MIN RP FAST MODE 400 0 1 2 3 PULLUP VOLTAGE (V) 4 5
500 400 LOAD (pF) 300 200 100 0
Figure 11. I2C Fast Mode Pullup Resistor Selection Chart
22 ______________________________________________________________________________________
Single-Channel 1-Wire Master
Pin Configurations
TOP VIEW (BUMP SIDE DOWN) DS2482-100 TOP VIEW +
VCC IO GND SCL 1 2 8 AD0 PCTLZ 7 AD1 AD1 AD0 B SCL C GND IO SDA VCC C 24821 yywwrr ###xx B 6 PCTLZ 5 SDA A 1 2 3 1
DS2482-100
TOP MARK
DS2482-100
2 3
+
A
+
DS2482-100
3 4
SO (150 mils)
WLP
WLP
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. PACKAGE TYPE 8 SO (150 mils) 9 WLP PACKAGE CODE S8+4 W92A1+1 DOCUMENT NO. 21-0041 21-0067
______________________________________________________________________________________
23
Single-Channel 1-Wire Master DS2482-100
Revision History
REVISION NUMBER REVISION DATE Updated the Features bullets. Updated the VIL1 and RWPU values in the Electrical Characteristics table. 5 061208 Minor corrections to Figure 1; updated the Detailed Description section to clarify information about the active pullup and strong pullup. Replaced the Strong Pullup (SPU) section description and replaced Figure 4. Removed timing inaccuracies in Figure 8. Created newer template-style data sheet. 6 7/08 Replaced Figure 8. 7 8 8/08 11/09 Deleted the 1-Wire line termination resistor and references to it in the Typical Operating Circuit and in Figure 11. 16 1, 23 1-9, 11-14, 18, 23, 24 DESCRIPTION PAGES CHANGED 1 2 5 7 14 All
* Corrected the recommendation for using active pullup (APU). * Removed the references to presence-pulse masking.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
24 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2009 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of DS2482-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X