Part Number Hot Search : 
PD5011C GL3EG62 EMH75 HZS24L3 UL1480 LM8596 CEE124 2B2405XD
Product Description
Full Text Search
 

To Download DP3680-1100K10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAPACITORS
Wide capacitance value Self healing properties Encapsulated flame retardant powder epoxy Dip coated construction for minimum dimensions The DP368 Series Metallised Polyester Film Capacitors offer a wide range of values and voltages. Lead spacing starts at 10mm, and covers more values than the conventional series. Suitable for applications such as Blocking, By-passing, Coupling and Communication Equipment.
DIPPED POLYESTER DP
SECTION 1
SPECIFICATION
Item Temperature Range Capacitance Tolerance Dissipation Factor Insulation Resistance Performance Characteristics -55 to 85C 5% (J), 10% (K), and 20% (M) Tg 130 * 10-4 (10KHz, 25C) Tg 100 * 10-4 (10KHz, 25C) 15,000 M for C0.33F 5,000 s for C0.33F
Pulse Rise Time (dv/dt) Volts per sec.
Rated Voltage 100 250 400 630 10 28 70 110 70 15 20 28 44 70
Pitch (mm) 22.5 8 12 20 28 27.5 7 10 16 24
ORDERING INFORMATION DP
Range
0.1
Capacitance f
100
Voltage
K
Tolerance 10%
10
Pitch
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
CAPACITORS CASE DIMENSIONS (2mm)
Capacitance Pitch (P) F mm. L 0.01 0.015 0.022 0.033 0.047 0.068 0.1 10.0 10.0 10.0 10 15 10 15 10 15 10 15 22.5 10 15 22.5 10 15 22.5 10 15 22.5 27.5 10 15 22.5 27.5 10 15 22.5 27.5 10 15 22.5 27.5 15 22.5 27.5 15 22.5 27.5 22.5 27.5 22.5 27.5 27.5 27.5 100V T H 50V T Voltage DC/AC 00V H L T H 12.5 12.5 12.5 12.5 13.5 12.5 17.5 12.5 4.5 13.5 17.5 12.5 4 13.5 17.5 12.5 17.5 5 5 14 14.5 17.5 12.5 4 3 3 3.5 4 0V L T
DIPPED POLYESTER DP OUTLINE DRAWING
L
H 13.5 13.5 13.5 15 16 17 17.5 17
SECTION 1
T Hc d
51
L
13.5 12.5 3 13.5 12.5 4 13.5 12.5 4.5 13.5 17.5 5 4 13.5 5.5 16 17.5 6.5 5.5 5.5 15 15 17.5 17.5 25 7 8 6
P
12.5
4
13.5
0.15
12.5
4
13.5
5
14.5 25 7.5 18.5
0.22
12.5
4
13.5 17.5 6 14.5 17.5 25 15 17.5 25 6 6 15 17 25 7.5 22
0.33
12.5 4.5 13.5 17.5 6 15
17.5
6
6.5 16 7 18.5
25 30
9.5 8.5
24 22.5
0.47
12.5 5 17.5 5.5
14 15
17.5 25
7 5.5
16 17
17.5 25
8 6.5
17.5 17.5
25 30
11 10
25.5 24.5
0.68
12.5 17.5
4 5
13.5 14.5
17.5 25
8 6.5
17.5 17.5
25 30
7.5 7.5
21 22
30
9.5
24
1
12.5 4.5 13.5 17.5 6 15.5
17.5 25 17.5 25 30 25 30 30
7.5 7.5
17 19
25 30
8 7
22.5 21.5
30
9.5
21.5
1.5
17.5 25 17.5 25 25 25 30 30 31
7.5 16.5 5.5 17 8.5 7 7 18 18 21.5
9.5 19 9.5 20.5 7 21.5 9.5 24.5 8.5 23 10.5 25.5
30
8.5
23
2.2
3.3 4.7 6.8 10
7 21.5 7.5 22 9 23.5 16 25
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758


▲Up To Search▲   

 
Price & Availability of DP3680-1100K10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X