Part Number Hot Search : 
SML4764A C5000 GBU4B 06X0025 FSP2160 AM4TW LZ93N19 15N06
Product Description
Full Text Search
 

To Download DK50-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flat Cables
Specifications
Conductor Resistance: Insulation Resistance: Dielectric Strength: Flame Resistance: 237/km max. 100M min. (km) 2,000V AC / minute VW-1
1.0mm High Density FLEX (300V, 105C)
Part Number (Details) DK
Cable Series Number of Conductors: 10 to 68 Pitch:1.0mm
10 - 1.0
*
Materials and Finish
Insulation: PVC Conductor: 28 AWG (7/0.127mm) stranded copper wire
Unmarked = 30.5 meters per Reel M = 1 meter (on request)
Standard Cable Length
see Part Number (Details)
Features
1.0mm pitch flat cable designed for termination with a high density 2.0mm IDC connector UL Style No. 2651
Cable Dimensions
Insulation Conductor
Red Edge
1.0
0.90
(Number of conductors -1) x 1.00.4 Number of conductors x 1.00.4
Part Number
DK10-1.0* DK12-1.0* DK14-1.0* DK15-1.0* DK16-1.0* DK20-1.0* DK25-1.0* DK26-1.0*
Sockets and Connectors
No. of Conductors
10 12 14 15 16 20 25 26
Part Number
DK34-1.0* DK40-1.0* DK44-1.0* DK50-1.0* DK60-1.0* DK64-1.0* DK68-1.0*
No. of Conductors
34 40 44 50 60 64 68
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Trading Division
Flat Cables
Specifications
Conductor Resistance: Insulation Resistance: Current Raring: Voltage Rating: Temperature Range: Dielectric Strength: Flame Resistance: 216/km max. 100M min. (km) 2A max. 300V -30C to +105C 2,000 V AC / minute VW-1
1.27mm High Density FLEX (300V, 105C)
Part Number (Details) DK
Cable Series Number of Conductors: 2 to 64 Unmarked = 100 meters per Reel M = 1 meter (on request)
** - *
Materials and Finish
Insulation: PVC, colour grey with a red edge Conductor: 28 AWG (7/0.127mm) stranded copper wire
Standard Cable Length
see Part Number (Details)
Features
1.27mm pitch flat cable with 28AWG (7/0.127mm) conductors Ribbed on both sides enabling IDC termination on either side of the cable UL Style No. 2651, CSA, VDE 0811
Cable Dimensions
Insulation Conductor
Red Edge 0.20.05
1.270.05 0.930.05
(Number of conductors -1) x 1.27 0.4 Number of conductors x 1.27 0.4
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Trading Division
Sockets and Connectors


▲Up To Search▲   

 
Price & Availability of DK50-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X