Part Number Hot Search : 
4081B RBV1504 DS2704G 000MT NJU3401 MAX038 2SD2624 SRF1640
Product Description
Full Text Search
 

To Download DCRO150200-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: DCRO150200-5
OPTIMIZED BANDWIDTH
FEATURES: Exceptional Phase Noise Performance Small Size, Surface Mount Lead Free REL-PRO(R) Technology Planar Resonator Construction
Phase Noise
-60 -70 -80
1505 - 2000 MHz
Phase Noise (dBc/Hz)
-90 -100 -110 -120 -130 -140 -150 -160 -170 1000 10000 100000 1000000 10000000 100000000
Offset Frequency (Hz)
1485.49 MHz 1975.62 MHz 1582.37 MHz 2056.63 MHz 1775.04 MHz 1863.65 MHz
SPECIFICATIONS (Rev. A 10/19/08) Frequency Tuning Voltage Bias Voltage Output Power Tuning Sensitivity Output Impedance Harmonic Suppression Frequency Pulling Frequency Pushing Tuning Port Capacitance Phase Noise @ 10 kHz Operating Temperature Range Guaranteed Tuning Specifications Tuning Voltage ( V ) 0.5 5 8 12 15 18 Absolute Maximum Ratings Storage Temp. Range Bias Voltage Tuning Voltage DC Voltage Applied to RF Out -55 to +125 C +5.5 V +28 V 25 V Frequency ( MHz ) 1505 (Max.) 1590 (Min.) 1675 (Min.) 1825 (Min.) 1940 (Min.) 2000 (Min.) 1505 - 2000 MHz See table below. +5 VDC @ 30 mA (Max.) +3.0 dBm (Min.) 25 - 45 MHz/V (Typ.) 50 Ohms (Nom.) 15 dB (Typ.) 6 MHz (Typ. @ 1.75:1 VSWR) 6 MHz/V (Typ.) 33 pF (Typ.) -104 dBc/Hz (Typ.) -40 to +85 C Package # 278LF
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE. This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787
Copyright (c) 2008 Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: DCRO150200-5
OPTIMIZED BANDWIDTH
1505 - 2000 MHz
2070
PERFORMANCE PLOTS
1970
Frequency (MHz)
1870
1770
1670
1570
1470 0 2 4 6 8 10 12 14 16 18
Control Voltage (Vdc)
+25C
+85C
-40C
10
8
Output Power (dBm)
6
4
2
0 0 2 4 6 8 10 12 14 16 18
Control Voltage (Vdc)
+25C
+85C
-40C
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE. This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787
Copyright (c) 2008 Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: DCRO150200-5
OPTIMIZED BANDWIDTH
1505 - 2000 MHz
50
PERFORMANCE PLOTS
40
Tuning Sensitivity (MHz/V)
30
20
10
0 0 2 4 6 8 10 12 14 16 18 Control Voltage (Vdc)
+25C
+85C
-40C
0 -5
2nd Harmonic Suppression (dB)
-10 -15 -20 -25 -30 -35 0 2 4 6 8 10 12 14 16 18 Control Voltage (Vdc)
+25C
+85C
-40C
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE. This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787
Copyright (c) 2008 Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com


▲Up To Search▲   

 
Price & Availability of DCRO150200-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X