Part Number Hot Search : 
AK412 MBR520 M116FAN MM1369 53102 MM1369 2SD97 MCF52259
Product Description
Full Text Search
 

To Download DBCD1736BSA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BOARD TO BOARD/WIRE
Industry compatible Competitively priced Gold plated contacts 2.54mm pitch
EDGE CARD - RIGHT ANGLE 2.54MM PITCH
SECTION 8
SPECIFICATION
Material & Finish
Insulator: Contact: PBT, glass reinforced, rated UL 94V-0 Phosphor Bronze
Electrical Characteristics
Rating Current: Contact Resistance: Insulation Resistance: Dielectric Voltage: 3 Amp DC 30 m 3000 M min. 500v AC for 1 minute
Operating Temperature: -40C to +105C
OUTLINE DRAWING
Position 20 24 26 30 34 36 40 44 50 60 72 100 3.1 A 32.00 37.08 39.62 44.70 49.78 52.32 57.40 62.48 70.10 82.80 98.04 133.64 B 27.94 33.02 35.56 40.64 45.72 48.26 53.34 58.42 66.04 78.74 93.98 129.54 C 22.86 27.94 30.48 35.56 40.64 43.18 48.26 53.34 60.96 73.66 88.90 124.46 3.1
A B C
9.3
1.9
2.54
15.5
22.2 5.08
22.2 5.08
0.6*0.6
(OPEN TYPE)
(CLOSE TYPE)
ORDERING INFORMATION DBC
Dubilier Connectors
D17
Series No.of Contacts 20=20way 24=24way 26=26way 30=30way 34=34way 36=36way
20
B
ContactMaterial 40=40way 44=44way 50=50way 60=60way 72=72way 100=100way B=Phosphor Bronze
S
ContactPlating S=Selective Gold
A
ContactType A=OpenType B=ClosedType
1
Colour 1=Black
214
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758


▲Up To Search▲   

 
Price & Availability of DBCD1736BSA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X