Part Number Hot Search : 
TDA7415 LTC488 KBP206 PE8255 EDZ27 AD100 2SC2920 MM1562F
Product Description
Full Text Search
 

To Download DB101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
DB101 THRU DB107
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
DB-1
Notch
Features
* * * * Through Hole Package Glass Passivated Diode Construction Moisture Resistant Epoxy Case High Surge Current Capability
Maximum Ratings
* * Operating Junction Temperature: -55C to +125C Storage Temperature: -55C to +150C Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
Catalog Number DB101 DB102 DB103 DB104 DB105 DB106 DB107
B
~
A
+
C
~
DB101 DB102 DB103 DB104 DB105 DB106 DB107
E D F
G
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 1A TA = 40C Current Peak Forward Surge IFSM 50A 8.3ms, half sine Current Maximum 1.1V IFM = 1.0A; Instantaneous VF Forward Voltage TJ = 25C Maximum DC Reverse Current At IR 10A TJ = 25C Rated DC Blocking 0.5mA TJ = 125C Voltage Typical Junction CJ 25pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 2%
DIMENSIONS INCHES MIN .320 .245 .300 .236 .120 .016 .195 MM MIN 8.13 6.20 7.60 6.01 3.05 0.41 5.00
DIM A B C D E F G
MAX .335 .255 .350 .283 .130 .022 .205
MAX 8.51 6.50 8.90 7.20 3.30 0.56 5.20
NOTE
www.cnelectr.com
DB101 thru DB107
Figure 1 Typical Forward Characteristics 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TJ=25C 100 60 40 Figure 2 Typical Reverse Characteristics
Figure 3 Forward Derating Curve 1.2 60 1.0 50 40 30 .6 Amps .4 Amps 20 10 5 0 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 4 Peak Forward Surge Current
.8
.2
1
2
4
6
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of DB101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X